Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC120348BP Datasheet(PDF) 2 Page - Motorola, Inc

Part # MC120348BP
Description  MECL PLL COMPONENTS 첨32/33, 첨64/65 DUAL MODULUS PRESCALER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC120348BP Datasheet(HTML) 2 Page - Motorola, Inc

  MC120348BP Datasheet HTML 1Page - Motorola, Inc MC120348BP Datasheet HTML 2Page - Motorola, Inc MC120348BP Datasheet HTML 3Page - Motorola, Inc MC120348BP Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MC12034A MC12034B
2
MOTOROLA RF/IF DEVICE DATA
ELECTRICAL CHARACTERISTICS (VCC = 4.5 to 5.5 Vdc, TA = –40 to 85°C, unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Toggle Frequency (Sine Wave)
ft
0.5
2.4
2.0
GHz
Supply Current Output Unloaded (Pin 2)
ICC
8.5
12
mA
Modulus Control Input High (MC)
VIH1
2.0
VCC
V
Modulus Control Input Low (MC)
VIL1
0.8
V
Divide Ratio Control Input High (SW)
VIH2
VCC
VCC
VCC
Vdc
Divide Ratio Control Input Low (SW)
VIL2
OPEN
OPEN
OPEN
Output Voltage Swing (CL = 12 pF, RL = 1.1 kΩ)
Vout
1.0
1.6
Vpp
Modulus Setup Time MC to Out
tSET
8.0
10.0
ns
Input Voltage Sensitivity
500–2000 MHz
Vin
100
1500
mVpp
Output Current (CL = 12 pF, RL = 1.1 kΩ)
IO
3.5
mA
Figure 1. Logic Diagram (MC12034A)
DQ
A
CQB
DQ
B
CQB
DQ
C
C
QB
M
In
In
MC
SW
D
C
D
Q
QB
D
C
E
QB
Q
D
C
F
Q
QB
D
C
G
QB
Q
D
C
H
QB
Q
S
Out
Figure 2. Modulus Setup Time
PROP. DELAY
IN
OUT
MC
MC SETUP
MC RELEASE
Modulus setup time MC to out is the MC
setup or MC release plus the prop. delay.
Figure 3. Typical Output Waveform
500 m
20 ns


Similar Part No. - MC120348BP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC1203 MOTOROLA-MC1203 Datasheet
192Kb / 4P
   6-INPUT GATES
MC12033A MOTOROLA-MC12033A Datasheet
85Kb / 4P
   MECL PLL COMPONENTS 첨32/33, 첨64/65 LOW VOLTAGE DUAL MODULUS PRESCALER
MC12033AD MOTOROLA-MC12033AD Datasheet
85Kb / 4P
   MECL PLL COMPONENTS 첨32/33, 첨64/65 LOW VOLTAGE DUAL MODULUS PRESCALER
MC12033AP MOTOROLA-MC12033AP Datasheet
85Kb / 4P
   MECL PLL COMPONENTS 첨32/33, 첨64/65 LOW VOLTAGE DUAL MODULUS PRESCALER
MC12033BD MOTOROLA-MC12033BD Datasheet
85Kb / 4P
   MECL PLL COMPONENTS 첨32/33, 첨64/65 LOW VOLTAGE DUAL MODULUS PRESCALER
More results

Similar Description - MC120348BP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC12033A MOTOROLA-MC12033A Datasheet
85Kb / 4P
   MECL PLL COMPONENTS 첨32/33, 첨64/65 LOW VOLTAGE DUAL MODULUS PRESCALER
MC12025 MOTOROLA-MC12025 Datasheet
73Kb / 2P
   MECL PLL COMPONENTS 첨64/65 DUAL MODULUS PRESCALER
MC12022LVA MOTOROLA-MC12022LVA Datasheet
90Kb / 7P
   MECL PLL COMPONENTS 첨64/65, 첨128/129 DUAL MODULUS PRESCALER
MC12028A MOTOROLA-MC12028A Datasheet
97Kb / 5P
   MECL PLL COMPONENTS 첨64/65, 첨128/129 DUAL MODULUS PRESCALER
MC12054A MOTOROLA-MC12054A Datasheet
82Kb / 4P
   MECL PLL COMPONENTS 첨64/65, 첨128/129 LOW POWER DUAL MODULUS PRESCALER
MC12023 MOTOROLA-MC12023 Datasheet
67Kb / 2P
   MECL PLL COMPONENTS 첨64 PRESCALER
MC12075 MOTOROLA-MC12075 Datasheet
74Kb / 3P
   MECL PLL COMPONENTS 첨64 PRESCALER
logo
LANSDALE Semiconductor ...
ML12509 LANSDALE-ML12509 Datasheet
5Mb / 12P
   MECL PLL Components Dual Modulus Prescaler
ML12509 LANSDALE-ML12509_08 Datasheet
5Mb / 12P
   MECL PLL Components Dual Modulus Prescaler
ML12013 LANSDALE-ML12013_08 Datasheet
5Mb / 15P
   MECL PLL Components Dual Modulus Prescaler
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com