Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BUL45D2 Datasheet(PDF) 9 Page - ON Semiconductor

Part No. BUL45D2
Description  High Speed, High Gain Bipolar NPN Power Transistor
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BUL45D2 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button BUL45D2_14 Datasheet HTML 3Page - ON Semiconductor BUL45D2_14 Datasheet HTML 4Page - ON Semiconductor BUL45D2_14 Datasheet HTML 5Page - ON Semiconductor BUL45D2_14 Datasheet HTML 6Page - ON Semiconductor BUL45D2_14 Datasheet HTML 7Page - ON Semiconductor BUL45D2_14 Datasheet HTML 8Page - ON Semiconductor BUL45D2_14 Datasheet HTML 9Page - ON Semiconductor BUL45D2_14 Datasheet HTML 10Page - ON Semiconductor BUL45D2_14 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
BUL45D2G
www.onsemi.com
9
TYPICAL SWITCHING CHARACTERISTICS
Table 1. Inductive Load Switching Drive Circuit
V(BR)CEO(sus)
L = 10 mH
RB2 = ∞
VCC = 20 Volts
IC(pk) = 100 mA
Inductive Switching
L = 200
mH
RB2 = 0
VCC = 15 Volts
RB1 selected for
desired IB1
RBSOA
L = 500
mH
RB2 = 0
VCC = 15 Volts
RB1 selected for
desired IB1
+15 V
1
mF
150
W
3 W
100
W
3 W
MPF930
+10 V
50
W
COMMON
-Voff
500
mF
MPF930
MTP8P10
MUR105
MJE210
MTP12N10
MTP8P10
150
W
3 W
100
mF
Iout
A
RB1
RB2
1
mF
IC PEAK
VCE PEAK
VCE
IB
IB1
IB2
Figure 28. Forward Bias Safe Operating Area
100
0.01
1000
10
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
Figure 29. Reverse Bias Safe Operating Area
6
3
0
800
200
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
100
1
0.1
DC
5 ms
1 ms
10
ms
1
ms
2
0 V
-1.5 V
-5 V
TC ≤ 125°C
GAIN
≥ 5
LC = 2 mH
300
400
700
600
5
4
TYPICAL CHARACTERISTICS
500
10
1


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn