Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BUL45D2 Datasheet(PDF) 8 Page - ON Semiconductor

Part No. BUL45D2
Description  High Speed, High Gain Bipolar NPN Power Transistor
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BUL45D2 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button BUL45D2_14 Datasheet HTML 3Page - ON Semiconductor BUL45D2_14 Datasheet HTML 4Page - ON Semiconductor BUL45D2_14 Datasheet HTML 5Page - ON Semiconductor BUL45D2_14 Datasheet HTML 6Page - ON Semiconductor BUL45D2_14 Datasheet HTML 7Page - ON Semiconductor BUL45D2_14 Datasheet HTML 8Page - ON Semiconductor BUL45D2_14 Datasheet HTML 9Page - ON Semiconductor BUL45D2_14 Datasheet HTML 10Page - ON Semiconductor BUL45D2_14 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
BUL45D2G
www.onsemi.com
8
TYPICAL SWITCHING CHARACTERISTICS
Figure 25. Dynamic Saturation
Voltage Measurements
TIME
Figure 26. Inductive Switching Measurements
10
4
0
8
2
0
TIME
6
8
6
2
4
9
7
5
3
1
13
5
7
VCE
0 V
IB
90% IB
1
ms
3
ms
dyn 1
ms
dyn 3
ms
IB
IC
Vclamp
tsi
tc
tfi
90% IC
10% IC
90% IB1
Figure 27. tfr Measurements
0
10
6
0
VF
IF
28
4
10% Vclamp
VFR (1.1 VF unless
otherwise specified)
VFRM
tfr
VF
0.1 VF
10% IF


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn