Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BUL45D2 Datasheet(PDF) 7 Page - ON Semiconductor

Part No. BUL45D2
Description  High Speed, High Gain Bipolar NPN Power Transistor
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BUL45D2 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button BUL45D2_14 Datasheet HTML 3Page - ON Semiconductor BUL45D2_14 Datasheet HTML 4Page - ON Semiconductor BUL45D2_14 Datasheet HTML 5Page - ON Semiconductor BUL45D2_14 Datasheet HTML 6Page - ON Semiconductor BUL45D2_14 Datasheet HTML 7Page - ON Semiconductor BUL45D2_14 Datasheet HTML 8Page - ON Semiconductor BUL45D2_14 Datasheet HTML 9Page - ON Semiconductor BUL45D2_14 Datasheet HTML 10Page - ON Semiconductor BUL45D2_14 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
BUL45D2G
www.onsemi.com
7
TYPICAL SWITCHING CHARACTERISTICS
1500
0
4
2
0
IC, COLLECTOR CURRENT (AMPS)
Figure 19. Inductive Switching,
tc @ IC/IB = 10
5
2
20
5
0
hFE, FORCED GAIN
15
4
3
1000
500
10
13
TJ = 125°C
TJ = 25°C
IC = 1 A
IBoff = IBon
VCC = 15 V
VZ = 300 V
LC = 200 mH
TJ = 125°C
TJ = 25°C
IBon = IBoff
VCC = 15 V
VZ = 300 V
LC = 200 mH
Figure 20. Inductive Storage Time
IC = 2 A
Figure 21. Inductive Fall Time
450
50
20
8
2
hFE, FORCED GAIN
Figure 22. Inductive Crossover Time
1400
400
0
hFE, FORCED GAIN
1000
600
200
350
250
150
4
6
10
12
TJ = 125°C
TJ = 25°C
IC = 1 A
IBoff = IBon
VCC = 15 V
VZ = 300 V
LC = 200 mH
IBon = IBoff
VCC = 15 V
VZ = 300 V
LC = 200 mH
TJ = 125°C
TJ = 25°C
IC = 2 A
14
16
18
IC = 2 A
800
20
8
24
6
10
12
14
16
18
IC = 1 A
Figure 23. Inductive Storage Time, tsi
3000
0
3
1
0.5
IC, COLLECTOR CURRENT (AMPS)
2000
1000
1.5
IBon = IBoff
VCC = 15 V
VZ = 300 V
LC = 200 mH
2
2.5
IB1 = IB2
IB = 50 mA
IB = 100 mA
IB = 200 mA
IB = 500 mA
Figure 24. Forward Recovery Time tfr
360
300
2
1
0.5
0
IF, FORWARD CURRENT (AMP)
dI/dt = 10 A/
ms
TC = 25°C
1.5
340
320
3.5
4
IB = 1 A
1200


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn