Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS5110A Datasheet(PDF) 8 Page - Texas Instruments

Part # TAS5110A
Description  PurePath Digital AMPLIFIER TAS5110A 50-W DIGITAL AMPLIFIER POWER STAGE
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5110A Datasheet(HTML) 8 Page - Texas Instruments

Back Button TAS5110A Datasheet HTML 4Page - Texas Instruments TAS5110A Datasheet HTML 5Page - Texas Instruments TAS5110A Datasheet HTML 6Page - Texas Instruments TAS5110A Datasheet HTML 7Page - Texas Instruments TAS5110A Datasheet HTML 8Page - Texas Instruments TAS5110A Datasheet HTML 9Page - Texas Instruments TAS5110A Datasheet HTML 10Page - Texas Instruments TAS5110A Datasheet HTML 11Page - Texas Instruments TAS5110A Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
TAS5110A
SLES079A – APRIL 2003 – REVISED MAY 2003
www.ti.com
8
DEVICE OPERATION
Power Sequences
System Power-up/Power-down Sequencing
The recommended power-up/power-down sequence is shown in Figure 3. For proper operation the RESET signal
should be kept low when both DVDD and output power (PVDDA1, PVDDA2, PVDDB1, and PVDDB2) are being
applied. The RESET signal should remain low for at least 1 ms after output power is applied.
u 1 ms
DVDD(1)
PWDN
PVDDA2
PVDDB2
RESET
≥ 1 ms
u 100 µs
u 100 µs
PVDDA1
PVDDB1
(1) For most applications, it is recommended that the PWDN pin be connected directly to the DVDD pin.
Figure 3. Power-Up/Power-Down Sequence
RESET Function
The device is put into a reset condition when the (active low) RESET signal is asserted. While in the reset state, the
input H-bridge control signals consisting of PWM_AP, PWM_AM, PWM_BP, and PWM_BM are ignored, and the
H-bridge MOSFETs are placed in a state where OUTPUTA and OUTPUTB are both low. Asserting the RESET signal
low also causes the short circuit protection latch to be reset. The RESET signal is normally connected to the VALID
signal from the TAS50xx.
Reinitialization Sequence
Proper initial conditions for this device include asserting the RESET signal until the reset operation has completed
(1 ms). Additionally, when using this device with the TAS50xx controller, this function can be accomplished by
asserting the reset pin on the TAS50xx during the reset sequence (see Figure 3).
Audio Application Considerations
Optimal Power Transfer For H-Bridge
The TAS5110A is a power H-bridge that is designed to deliver a maximum of 50 W RMS into a 6-
Ω load. In order
to achieve 50 W into 6
Ω, the system designer must provide an adequate thermal design. See the Thermal
Methodology for the 32-Pin DAD Package 50 W, 6-
Ω Test section for a discussion of possible thermal solutions.
Careful attention must be given to the value of the high-voltage power supply level for a given load resistance. See
recommended operating conditions. See the Maximum Available Power at Common Load Impedances for DAD
Packages section.
reconstruction output filter
An output reconstruction filter is required between the H-bridge outputs and the loudspeaker load. This second-order
low-pass filter passes the audio information to the loudspeaker, while filtering out the high-frequency out-of-band
information contained in the H-bridge output PWM pulses. The values of the L and C components selected are
dependent on the loudspeaker load impedance.


Similar Part No. - TAS5110A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5110A TI1-TAS5110A Datasheet
473Kb / 20P
[Old version datasheet]   PurePath Digital AMPLIFIER TAS5110A 50-W DIGITAL AMPLIFIER POWER STAGE
TAS5110ADAD TI1-TAS5110ADAD Datasheet
473Kb / 20P
[Old version datasheet]   PurePath Digital AMPLIFIER TAS5110A 50-W DIGITAL AMPLIFIER POWER STAGE
TAS5110ADADG4 TI1-TAS5110ADADG4 Datasheet
473Kb / 20P
[Old version datasheet]   PurePath Digital AMPLIFIER TAS5110A 50-W DIGITAL AMPLIFIER POWER STAGE
TAS5110ADADR TI1-TAS5110ADADR Datasheet
473Kb / 20P
[Old version datasheet]   PurePath Digital AMPLIFIER TAS5110A 50-W DIGITAL AMPLIFIER POWER STAGE
TAS5110A TI1-TAS5110A_16 Datasheet
473Kb / 20P
[Old version datasheet]   PurePath Digital AMPLIFIER TAS5110A 50-W DIGITAL AMPLIFIER POWER STAGE
More results

Similar Description - TAS5110A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5110A TI1-TAS5110A_16 Datasheet
473Kb / 20P
[Old version datasheet]   PurePath Digital AMPLIFIER TAS5110A 50-W DIGITAL AMPLIFIER POWER STAGE
TAS5342A TI1-TAS5342A_13 Datasheet
1Mb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
logo
STMicroelectronics
STA516BE STMICROELECTRONICS-STA516BE Datasheet
460Kb / 20P
   500 W FFX digital amplifier power stage
April 2014 Rev 1
logo
Texas Instruments
TAS5122 TI-TAS5122_07 Datasheet
555Kb / 22P
[Old version datasheet]   30-W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342A TI-TAS5342A Datasheet
851Kb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342LA TI-TAS5342LA Datasheet
840Kb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5352 TI-TAS5352 Datasheet
827Kb / 27P
[Old version datasheet]   125 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342DDVRG4 TI-TAS5342DDVRG4 Datasheet
974Kb / 29P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5352 TI1-TAS5352_16 Datasheet
1Mb / 29P
[Old version datasheet]   125 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342L TI-TAS5342L Datasheet
822Kb / 29P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com