Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SX18AC75 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SX18AC75
Description  Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SX18AC75 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SX18AC75 Datasheet HTML 1Page - List of Unclassifed Manufacturers SX18AC75 Datasheet HTML 2Page - List of Unclassifed Manufacturers SX18AC75 Datasheet HTML 3Page - List of Unclassifed Manufacturers SX18AC75 Datasheet HTML 4Page - List of Unclassifed Manufacturers SX18AC75 Datasheet HTML 5Page - List of Unclassifed Manufacturers SX18AC75 Datasheet HTML 6Page - List of Unclassifed Manufacturers SX18AC75 Datasheet HTML 7Page - List of Unclassifed Manufacturers SX18AC75 Datasheet HTML 8Page - List of Unclassifed Manufacturers SX18AC75 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
© 2000 Scenix Semiconductor, Inc. All rights reserved.
- 5 -
www.scenix.com
SX18AC/SX20AC/SX28AC/SX18AC75/SX20AC75/SX28AC75
2.0
CONNECTION DIAGRAMS
2.1
Pin Assignments
2.2
Pin Descriptions
SSOP
1
2
3
4
5
6
7
8
16
15
RC4
RC3
RB6
RB5
SX 28-PIN
OSC2
RC7
RC6
RC5
Vdd
Vdd
RA2
RA3
RB0
RB1
RB2
RB3
RB4
Vss
MCLR
OSC1
RC2
RC1
RC0
RB7
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
Vss
RTCC
RA0
RA1
1
2
3
4
5
6
7
8
16
15
RC4
RC3
RB6
RB5
SX 28-PIN
OSC2
RC7
RC6
RC5
n.c.
Vss
RA2
RA3
RB0
RB1
RB2
RB3
RB4
MCLR
OSC1
RC2
RC1
RC0
RB7
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
RTCC
Vdd
RA0
RA1
n.c.
DIP/SOP
1
2
3
4
5
6
7
8
16
15
RB5
RB4
SX 20-PIN
OSC2
RTCC
RA0
RB0
RB1
RB2
RB3
MCLR
OSC1
Vdd
Vdd
RB7
RB6
9
10
14
13
12
11
20
19
18
17
RA2
RA3
Vss
RA1
Vss
SSOP
1
2
3
4
5
6
7
8
16
15
RB5
RB4
SX 18-PIN
OSC2
RTCC
RA0
RB0
RB1
RB2
RB3
MCLR
OSC1
Vdd
RB7
RB6
9
10
14
13
12
11
18
17
RA2
RA3
RA1
Vss
DIP/SOP
Name
Pin Type Input Levels
Description
RA0
I/O
TTL/CMOS
Bidirectional I/O Pin; symmetrical source / sink capability
RA1
I/O
TTL/CMOS
Bidirectional I/O Pin; symmetrical source / sink capability
RA2
I/O
TTL/CMOS
Bidirectional I/O Pin; symmetrical source / sink capability
RA3
I/O
TTL/CMOS
Bidirectional I/O Pin; symmetrical source / sink capability
RB0
I/O
TTL/CMOS/ST
Bidirectional I/O Pin; comparator output; MIWU input
RB1
I/O
TTL/CMOS/ST
Bidirectional I/O Pin; comparator negative input; MIWU input
RB2
I/O
TTL/CMOS/ST
Bidirectional I/O Pin; comparator positive input; MIWU input
RB3
I/O
TTL/CMOS/ST
Bidirectional I/O Pin; MIWU input
RB4
I/O
TTL/CMOS/ST
Bidirectional I/O Pin; MIWU input
RB5
I/O
TTL/CMOS/ST
Bidirectional I/O Pin; MIWU input
RB6
I/O
TTL/CMOS/ST
Bidirectional I/O Pin; MIWU input
RB7
I/O
TTL/CMOS/ST
Bidirectional I/O Pin; MIWU input
RC0
I/O
TTL/CMOS/ST
Bidirectional I/O pin
RC1
I/O
TTL/CMOS/ST
Bidirectional I/O pin
RC2
I/O
TTL/CMOS/ST
Bidirectional I/O pin
RC3
I/O
TTL/CMOS/ST
Bidirectional I/O pin
RC4
I/O
TTL/CMOS/ST
Bidirectional I/O pin
RC5
I/O
TTL/CMOS/ST
Bidirectional I/O pin
RC6
I/O
TTL/CMOS/ST
Bidirectional I/O pin
RC7
I/O
TTL/CMOS/ST
Bidirectional I/O pin
RTCC
I
ST
Input to Real-Time Clock/Counter
MCLR
I
ST
Master Clear reset input – active low
OSC1/In/Vpp
I
ST
Crystal oscillator input – external clock source input
OSC2/Out
O
CMOS
Crystal oscillator output – in R/C mode, internally pulled to Vdd through weak
pull-up
Vdd
P
Positive supply pin
Vss
P
Ground pin
Note:I = input, O = output, I/O = Input/Output, P = Power, TTL = TTL input, CMOS = CMOS input,
ST = Schmitt Trigger input, MIWU = Multi-Input Wakeup input


Similar Part No. - SX18AC75

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX18 SEMTECH-SX18 Datasheet
93Kb / 2P
   5 WATT VOLTAGE REGULATOR
More results

Similar Description - SX18AC75

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SX48BD ETC-SX48BD Datasheet
873Kb / 58P
   Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability, and On-Chip Debug
logo
Macronix International
MX10E80501 MCNIX-MX10E80501 Datasheet
1,010Kb / 88P
   On-chip Flash program memory with in-system programming
logo
SyncMOS Technologies,In...
SM39R04G1 SYNCMOS-SM39R04G1 Datasheet
627Kb / 47P
   4K Bytes on-chip flash program memory
logo
Zilog, Inc.
Z8F083A0128ZCOG ZILOG-Z8F083A0128ZCOG Datasheet
227Kb / 14P
   Up to 8 KB Flash memory with in-circuit programming capability
logo
ATMEL Corporation
T89C51RD2 ATMEL-T89C51RD2_14 Datasheet
1Mb / 104P
   64K bytes On-chip Flash Program/Data Memory
logo
Maxim Integrated Produc...
MAXREFDES100HDK MAXIM-MAXREFDES100HDK Datasheet
439Kb / 5P
   Programming and Debug Adapter
logo
Zilog, Inc.
Z86CCP01ZEM ZILOG-Z86CCP01ZEM Datasheet
38Kb / 8P
   In-Circuit Program Debug Emulation
logo
SyncMOS Technologies,In...
SM39R16A3 SYNCMOS-SM39R16A3 Datasheet
1Mb / 87P
   16KB on-chip program memory
logo
ATMEL Corporation
AT89S8253 ATMEL-AT89S8253_14 Datasheet
1Mb / 2P
   12K Bytes of In-System Programmable (ISP) Flash Program Memory
AT89C5131 ATMEL-AT89C5131_14 Datasheet
2Mb / 5P
   32-Kbyte On-chip Flash In-System Programming through USB or UART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com