Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA30H1317M-E01 Datasheet(PDF) 8 Page - Mitsubishi Electric Semiconductor

Part # RA30H1317M-E01
Description  135-175MHz 30W 12.5V MOBILE RADIO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA30H1317M-E01 Datasheet(HTML) 8 Page - Mitsubishi Electric Semiconductor

  RA30H1317M-E01 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA30H1317M-E01 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA30H1317M-E01 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA30H1317M-E01 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA30H1317M-E01 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA30H1317M-E01 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA30H1317M-E01 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA30H1317M-E01 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RA30H1317M-E01 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
MITSUBISHI RF POWER MODULE
RA30H 1317 M
RA30H1317M
MITSUBISHI ELECTRIC
23 Dec 2002
8/9
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
Output Power Control:
Depending on linearity, the following two methods are recommended to control the output power:
a) Non-linear FM modulation:
By the gate voltage (VGG).
When the gate voltage is close to zero, the RF input signal is attenuated up to 60 dB and only a small leakage
current flows from the battery into the drain.
Around VGG=4V, the output power and drain current increases substantially.
Around VGG=4.5V (typical) to VGG=5V (maximum), the nominal output power becomes available.
b) Linear AM modulation:
By RF input power Pin.
The gate voltage is used to set the drain’s quiescent current for the required linearity.
Oscillation:
To test RF characteristics, this module is put on a fixture with two bias decoupling capacitors each on gate and drain,
a 4.700 pF chip capacitor, located close to the module, and a 22 µF (or more) electrolytic capacitor.
When an amplifier circuit around this module shows oscillation, the following may be checked:
a) Do the bias decoupling capacitors have a low inductance pass to the case of the module?
b) Is the load impedance ZL=50
Ω?
c) Is the source impedance ZG=50
Ω?
Frequent on/off switching:
In base stations, frequent on/off switching can cause thermal expansion of the resin that coats the transistor chips and
can result in reduced or no output power. The bond wires in the resin will break after long-term thermally induced
mechanical stress.
Quality:
Mitsubishi Electric is not liable for failures resulting from base station operation time or operating conditions exceeding
those of mobile radios.
This module technology results from more than 20 years of experience, field proven in tens of millions of mobile radios.
Currently, most returned modules show failures such as ESD, substrate crack, and transistor burnout, which are
caused by improper handling or exceeding recommended operating conditions. Few degradation failures are found.
Mitsubishi Electric Corporation puts the maximum effort into making semiconductor products better and more reliable, but
there is always the possibility that trouble may occur. Trouble with semiconductors may lead to personal injury, fire or property
damage. Remember to give due consideration to safety when making your circuit designs, with appropriate measures such
as (i) placement of substitutive, auxiliary circuits, (ii) use of non-flammable material, or (iii) prevention against any
malfunction or mishap.
Keep safety first in your circuit designs!


Similar Part No. - RA30H1317M-E01

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA30H1317M-101 MITSUBISHI-RA30H1317M-101 Datasheet
225Kb / 8P
   RoHS Compliance , 135-175MHz 30W 12.5V 2 Stage Amp. For MOBILE RADIO
RA30H1317M-101 MITSUBISHI-RA30H1317M-101 Datasheet
92Kb / 9P
   135-175MHz 30W 12.5V 2 Stage Amp. For MOBILE RADIO
RA30H1317M-101 MITSUBISHI-RA30H1317M-101 Datasheet
173Kb / 9P
   RoHS Compliance , 135-175MHz 30W 12.5V 2 Stage Amp. For MOBILE RADIO
RA30H1317M-101 MITSUBISHI-RA30H1317M-101 Datasheet
173Kb / 9P
   Broadband Frequency Range
More results

Similar Description - RA30H1317M-E01

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA60H1317M MITSUBISHI-RA60H1317M Datasheet
58Kb / 9P
   135-175MHz 60W 12.5V MOBILE RADIO
RA13H1317M MITSUBISHI-RA13H1317M Datasheet
67Kb / 9P
   135-175MHz 13W 12.5V MOBILE RADIO
RA30H1317M MITSUBISHI-RA30H1317M_10 Datasheet
92Kb / 9P
   135-175MHz 30W 12.5V 2 Stage Amp. For MOBILE RADIO
RA30H1317M1 MITSUBISHI-RA30H1317M1_10 Datasheet
157Kb / 10P
   135-175MHz 30W 12.5V 2 Stage Amp. For MOBILE RADIO
RA08H1317M MITSUBISHI-RA08H1317M Datasheet
53Kb / 9P
   135-175MHz 8W 12.5V PORTABLE/MOBILE RADIO
M67741H MITSUBISHI-M67741H Datasheet
103Kb / 3P
   150-175MHz,12.5V,30W, FM MOBILE RADIO???
M67741L MITSUBISHI-M67741L Datasheet
164Kb / 3P
   135-160MHz,12.5V,30W, FM MOBILE RADIO????
RA30H1317M MITSUBISHI-RA30H1317M_11 Datasheet
173Kb / 9P
   RoHS Compliance , 135-175MHz 30W 12.5V 2 Stage Amp. For MOBILE RADIO
RA30H1317M MITSUBISHI-RA30H1317M_06 Datasheet
225Kb / 8P
   RoHS Compliance , 135-175MHz 30W 12.5V 2 Stage Amp. For MOBILE RADIO
RA30H1317M1 MITSUBISHI-RA30H1317M1_11 Datasheet
233Kb / 10P
   RoHS Compliance, 135-175MHz 30W 12.5V 2 Stage Amp. For MOBILE RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com