Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBT-QFN-7024 Datasheet(PDF) 2 Page - Ironwood Electronics.

Part # CBT-QFN-7024
Description  Low and stable contact resistance for reliable production yield
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

CBT-QFN-7024 Datasheet(HTML) 2 Page - Ironwood Electronics.

  CBT-QFN-7024 Datasheet HTML 1Page - Ironwood Electronics. CBT-QFN-7024 Datasheet HTML 2Page - Ironwood Electronics. CBT-QFN-7024 Datasheet HTML 3Page - Ironwood Electronics. CBT-QFN-7024 Datasheet HTML 4Page - Ironwood Electronics. CBT-QFN-7024 Datasheet HTML 5Page - Ironwood Electronics. CBT-QFN-7024 Datasheet HTML 6Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
5.080
2.0625 *
3.8625 *
0.5000 typ.
0.6500 typ.
1.2500±0.1250 (x4)
1.2500±0.1250 (x4)
2.540
0.8500±0.0500 (x2)
Non plated alignment hole
1.7100±0.1000 (x4)
Non plated mounting hole
6.40
9.0 (x4)
15.725±0.050 (x4)
18.2250±0.125
Socket base size
19.725±0.125 (x4)
Backing plate size
32.6000±0.1250 Socket lid size
2.250
1.50 typ.
1.50 typ.
8.50 (x4)
2.0000
19.985±0.125
No component area
19.735±0.125
No component area
39.2250±0.1250
Socket lid size
37.2250±0.1250
Socket base size
Pin on the pad (x164)
0.5x0.25 pad (x148)
Orientation Mark
*Note: QFN pattern is not
symmetrical with respect
to the mounting holes. The
pattern is shifted to the
right of center by 0.25mm.
Target PCB Recommendations
Total thickness: 1.6mm min.
Plating: Gold or Solder finish
Max Ht: 15.6 mm
Max Ht: 2.96 mm
Max Ht: 4.01 mm
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all
other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Recommended PCB Layout
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. E
DATE: 5/10/2012
Material: Material <not specified>
Finish:
Weight: 65.50
CBT-QFN-7024 Drawing
SCALE: 2.5:1
SHEET: 2 OF 6
ENG: S. Huang
FILE: CBT-QFN-7024
DRAWN BY: S. Huang


Similar Part No. - CBT-QFN-7024

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CBT-QFN-7021 IRONWOOD-CBT-QFN-7021 Datasheet
389Kb / 4P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7022 IRONWOOD-CBT-QFN-7022 Datasheet
723Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
CBT-QFN-7023 IRONWOOD-CBT-QFN-7023 Datasheet
323Kb / 5P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7025 IRONWOOD-CBT-QFN-7025 Datasheet
384Kb / 5P
   Excellent signal integrity at high frequencies
CBT-QFN-7026 IRONWOOD-CBT-QFN-7026 Datasheet
308Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
More results

Similar Description - CBT-QFN-7024

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SBT-BGA-7019 IRONWOOD-SBT-BGA-7019 Datasheet
324Kb / 5P
   Low and stable contact resistance for reliable production yield
SBT-QFE-3005 IRONWOOD-SBT-QFE-3005 Datasheet
405Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-BGA-9014 IRONWOOD-SM-BGA-9014 Datasheet
378Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-BGA-9009 IRONWOOD-SM-BGA-9009 Datasheet
385Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-QFN-9010 IRONWOOD-SM-QFN-9010 Datasheet
452Kb / 5P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7033 IRONWOOD-CBT-QFN-7033 Datasheet
492Kb / 4P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7018 IRONWOOD-CBT-QFN-7018 Datasheet
404Kb / 5P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7028 IRONWOOD-CBT-QFN-7028 Datasheet
501Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-QFN-9014 IRONWOOD-SM-QFN-9014 Datasheet
469Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-BGA-9061 IRONWOOD-SM-BGA-9061 Datasheet
393Kb / 4P
   Low and stable contact resistance for reliable production yield
SMP-QFN-8011 IRONWOOD-SMP-QFN-8011 Datasheet
674Kb / 6P
   Low and stable contact resistance for reliable production yield
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com