Electronic Components Datasheet Search |
|
RP111H351D Datasheet(PDF) 1 Page - RICOH electronics devices division |
|
RP111H351D Datasheet(HTML) 1 Page - RICOH electronics devices division |
1 / 44 page RP111x Series Good Transient Response Low Voltage 500mA LDO NO.EA-241-150204 1 OUTLINE The RP111x Series are CMOS-based LDO regulators featuring 500mA output current. The input voltage is as low as 1.4V and the output voltage can be set from 0.7V. Due to a built-in 0.46Ω (at VOUT=2.8V) on-resistor, RP111x can provide a low dropout voltage. RP111x also features an excellent line transient response, ripple rejection at 75dB, and low noise. The output voltage accuracy is as high as ±0.8% and the temperature drift coefficient of output voltage is low at ±30ppm/ C. The accuracy of the output voltage of RP111x includes the temperature characteristics and the load transient response has been improved. The typ. and max value of under/overshoot for various output current are shown in the typical characteristics in the datasheet, therefore the accuracy of the output voltage estimation will be easy on the actual operating cases. In addition to a fold-back protection circuit built into conventional regulators, RP111x contains a thermal shutdown circuit and an inrush current limit circuit. SOT-23-5 and SOT-89-5 packages, a 1.2mm square DFN1212-6 package are available. FEATURES Supply Current ......................................................Typ. 80A Standby Current....................................................Typ. 0.1A Dropout Voltage ....................................................Typ. 0.23V (IOUT500mA, VOUT2.5V) Ripple Rejection....................................................Typ. 75dB (f1kHz) Typ. 70dB (f 10kHz) Output Voltage Accuracy.......................................0.8% (VOUT ≥1.8V) Output Voltage Temperature Coefficient...............Typ. 30ppm/C (VOUT ≥1.8V) Line Regulation .....................................................Typ. 0.02%/V Packages ..............................................................DFN1212-6, SOT-23-5, SOT-89-5, Input Voltage Range .............................................1.4V to 5.25V Output Voltage Range...........................................0.7V to 3.6V (0.1V steps) (For other voltages, please refer to MARK INFORMATIONS.) Built-in Foldback Protection Circuit.......................Typ. 50mA (Current at short mode) Thermal Shutdown Temperature...........................165C Inrush Current Limit ..............................................Typ.400mA (for 180s after start-up) Ceramic capacitors are recommended to be used with this IC .....1.0F or more APPLICATIONS Power source for portable communication equipment. Power source for electrical appliances such as cameras, VCRs and camcorders. Power source for battery-powered equipments. Power source for electrical home appliances. |
Similar Part No. - RP111H351D |
|
Similar Description - RP111H351D |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |