Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC245A Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74LVC245A
Description  Octal bus transceiver with direction pin with 5-volt tolerant inputs/outputs (3-State)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC245A Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74LVC245A Datasheet HTML 2Page - NXP Semiconductors 74LVC245A Datasheet HTML 3Page - NXP Semiconductors 74LVC245A Datasheet HTML 4Page - NXP Semiconductors 74LVC245A Datasheet HTML 5Page - NXP Semiconductors 74LVC245A Datasheet HTML 6Page - NXP Semiconductors 74LVC245A Datasheet HTML 7Page - NXP Semiconductors 74LVC245A Datasheet HTML 8Page - NXP Semiconductors 74LVC245A Datasheet HTML 9Page - NXP Semiconductors 74LVC245A Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Philips Semiconductors
Product specification
74LVC245A
74LVCH245A
Octal bus transceiver with direction pin with
5-volt tolerant inputs/outputs (3-State)
1998 May 20
6
AC CHARACTERISTICS
GND = 0V; tr = tf v 2.5ns; CL = 50pF; RL = 500Ω; Tamb = –40°C to +85°C.
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 3.3V ±0.3V
VCC = 2.7V
VCC = 1.2V
UNIT
MIN
TYP1
MAX
MIN
MAX
TYP
tPHL
tPLH
Propagation delay
An to Bn;
Bn to An
1, 3
1.5
3.6
6.3
1.5
7.3
16
ns
tPZH
tPZL
3-State output enable time
OE to An;
OE to Bn
2, 3
1.5
5.1
8.5
1.5
9.5
23
ns
tPHZ
tPLZ
3-State output disable time
OE to An;
OE to Bn
2, 3
1.5
4.5
7.0
1.5
8.0
16
ns
NOTE:
1. Unless otherwise stated, all typical values are at VCC = 3.3V and Tamb = 25°C.
AC WAVEFORMS
VM = 1.5V at VCC w 2.7V; VM = 0.5 VCC at VCC t 2.7V.
VOL and VOH are the typical output voltage drop that occur with the
output load.
VX = VOL + 0.3V at VCC w 2.7V; VX = VOL + 0.1 VCC at VCC t 2.7V
VY = VOH –0.3V at VCC w 2.7V; VY = VOH – 0.1 VCC at VCC t 2.7V
SY00041
INPUT
VM
tPHL
tPLH
VOL
VI
VM
GND
VOH
OUTPUT
Waveform 1. Input (Dn) to output (Qn) propagation delays.
tPLZ
tPZL
VI
nOE INPUT
GND
VCC
Qn OUTPUT
LOW-to-OFF
OFF-to-LOW
VOL
VOH
Qn OUTPUT
HIGH-to-OFF
OFF-to-HIGH
GND
outputs
enabled
outputs
enabled
outputs
disabled
tPHZ
VM
VM
VM
tPZH
VX
VY
SW00207
Waveform 2. 3-State enable and disable times.
TEST CIRCUIT
PULSE
GENERATOR
RT
VIN
D.U.T.
VOUT
CL
VCC
RL=500 Ω
SWITCH POSITION
TEST
SWITCH
tPLH/tPHL
Open
tPLZ/tPZL
2
<VCC
tPHZ/tPZH
GND
Test Circuit for 3-State Outputs
Open
GND
S1
2
<VCC
DEFINITIONS
VCC
t 2.7V
2.7 – 3.6V
VIN
VCC
2.7V
RL = Load resistor
CL = Load capacitance includes jig and probe capacitance
RT = Termination resistance should be equal to ZOUT
of pulse generators.
SW00047
RL=500 Ω
Waveform 3. Load circuitry for switching times.


Similar Part No. - 74LVC245A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LVC245A STMICROELECTRONICS-74LVC245A Datasheet
240Kb / 9P
   LOW VOLTAGE CMOS OCTAL BUS TRANSCEIVER (NOT INVERTED) HIGH PERFORMANCE
logo
NXP Semiconductors
74LVC245A PHILIPS-74LVC245A Datasheet
125Kb / 20P
   Octal bus transceiver with direction pin with 5 V tolerant input/outputs (3-state)
2003 May 07
logo
STMicroelectronics
74LVC245A STMICROELECTRONICS-74LVC245A Datasheet
303Kb / 12P
   LOW VOLTAGE CMOS OCTAL BUS TRANSCEIVER (NOT INVERTED) HIGH PERFORMANCE
logo
NXP Semiconductors
74LVC245A NXP-74LVC245A Datasheet
122Kb / 17P
   Octal bus transceiver; 3-state
Rev. 05-25 August 2009
logo
ON Semiconductor
74LVC245A ONSEMI-74LVC245A Datasheet
92Kb / 9P
   Low-Voltage CMOS Octal Buffer
October, 2015 ??Rev. 0
More results

Similar Description - 74LVC245A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC245A PHILIPS-74LVC245A Datasheet
125Kb / 20P
   Octal bus transceiver with direction pin with 5 V tolerant input/outputs (3-state)
2003 May 07
logo
STMicroelectronics
74LCX646 STMICROELECTRONICS-74LCX646 Datasheet
241Kb / 13P
   LOW VOLT. CMOS OCTAL BUS TRANSCEIVER/REGISTER WITH 5 VOLT TOLERANT INPUTS AND OUTPUTS(3-STATE)
74LCX652 STMICROELECTRONICS-74LCX652 Datasheet
387Kb / 16P
   LOW VOLT. CMOS OCTAL BUS TRANSCEIVER/REGISTER WITH 5 VOLT TOLERANT INPUTS AND OUTPUTS(3-STATE)
74LCX646 STMICROELECTRONICS-74LCX646_04 Datasheet
418Kb / 16P
   LOW VOLT. CMOS OCTAL BUS TRANSCEIVER/REGISTER WITH 5 VOLT TOLERANT INPUTS AND OUTPUTS(3-STATE)
logo
NXP Semiconductors
74LVC241A PHILIPS-74LVC241A Datasheet
96Kb / 10P
   Octal buffer/line driver with 5-volt tolerant inputs/outputs 3-State
1998 May 20
74LVC541A PHILIPS-74LVC541A Datasheet
94Kb / 10P
   Octal buffer/line driver with 5-volt tolerant inputs/outputs 3-State
1998 Jul 29
logo
Integrated Circuit Syst...
74LVC_LVCH16245A ICST-74LVC_LVCH16245A Datasheet
107Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
logo
NXP Semiconductors
74LVC32245A PHILIPS-74LVC32245A_15 Datasheet
162Kb / 14P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 3-16 December 2011
74LVC32245A NXP-74LVC32245A Datasheet
88Kb / 12P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 01-20 August 2007
74LVCH32245A NXP-74LVCH32245A Datasheet
93Kb / 13P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 03-20 August 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com