Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP111H271D Datasheet(PDF) 7 Page - RICOH electronics devices division

Part # RP111H271D
Description  Good Transient Response Low Voltage 500mA LDO
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP111H271D Datasheet(HTML) 7 Page - RICOH electronics devices division

Back Button RP111H271D Datasheet HTML 3Page - RICOH electronics devices division RP111H271D Datasheet HTML 4Page - RICOH electronics devices division RP111H271D Datasheet HTML 5Page - RICOH electronics devices division RP111H271D Datasheet HTML 6Page - RICOH electronics devices division RP111H271D Datasheet HTML 7Page - RICOH electronics devices division RP111H271D Datasheet HTML 8Page - RICOH electronics devices division RP111H271D Datasheet HTML 9Page - RICOH electronics devices division RP111H271D Datasheet HTML 10Page - RICOH electronics devices division RP111H271D Datasheet HTML 11Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
RP111x
NO.EA-241-150204
7
TYPICAL APPLICATIONS
VOUT
C1
RP111x series
VDD
VOUT
GND
C2
CE
VFB
External Parts Example:
C1, C2: Ceramic Capacitor 1.0µF, Murata, GRM155B31A105KE15
Under normal conditions, please connect the VOUT pin to the VFB pin. However, in the case of using the
Adjustable Output Voltage Type, please follow the " Notes on the Adjustable Output Voltage Type Settings".
TECHNICAL NOTES
Phase Compensation
In these ICs, phase compensation is made for securing stable operation even if the load current is varied. For
this purpose, use a 1.0
F or more capacitor C2.
In case of using a tantalum capacitor, the output may be unstable due to inappropriate ESR. Therefore, the full
range of operating conditions for the capacitor in the application should be considered.
PCB Layout
Make VDD and GND lines sufficient. If their impedance is high, noise pickup or unstable operation may result.
Connect a capacitor C1 with a capacitance value as much as 1.0
F or more between VDD and GND pin, and as
close as possible to the pins.
Set external components, especially the output capacitor C2, as close as possible to the ICs, and make wiring
as short as possible.


Similar Part No. - RP111H271D

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP111H271D RICOH-RP111H271D Datasheet
802Kb / 44P
   Good Transient Response Low Voltage 500mA LDO
More results

Similar Description - RP111H271D

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP111X RICOH-RP111X Datasheet
802Kb / 44P
   Good Transient Response Low Voltage 500mA LDO
logo
ETA SOLUTIONS CO. LIMIT...
ETA5050 ETA-ETA5050 Datasheet
137Kb / 1P
   500mA Low Noise, Fast Transient Response LDO with Adjustable Output Voltage
logo
Richtek Technology Corp...
RT9184A RICHTEK-RT9184A Datasheet
121Kb / 10P
   Dual, Ultra-Fast Transient Response, 500mA LDO Regulator
RT9184A RICHTEK-RT9184A_11 Datasheet
131Kb / 10P
   Dual, Ultra-Fast Transient Response, 500mA LDO Regulator
logo
Texas Instruments
TPS775XX TI-TPS775XX Datasheet
807Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
logo
Shenzhen Huazhimei Semi...
HM6215 HMSEMI-HM6215 Datasheet
590Kb / 4P
   500mA Low Noise, High PSRR, Fast Transient Response LDO with Adjustable
logo
ON Semiconductor
NCV8186 ONSEMI-NCV8186 Datasheet
211Kb / 10P
   Fast Transient Response Low Voltage 1 A LDO
June, 2016 ??Rev. 0
NCP186 ONSEMI-NCP186 Datasheet
334Kb / 13P
   Fast Transient Response Low Voltage 1 A LDO
June, 2015 ??Rev. 0
logo
ACE Technology Co., LTD...
ACE509 ACE-ACE509_12 Datasheet
666Kb / 12P
   Low noise, fast response 500mA LDO regulator
VER 1.4
logo
Leshan Radio Company
LR8558 LRC-LR8558 Datasheet
647Kb / 11P
   Low noise, fast response 500mA LDO regulato
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com