Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBT-QFN-7045 Datasheet(PDF) 4 Page - Ironwood Electronics.

Part # CBT-QFN-7045
Description  Highly compliant to accommodate wide co-planarity variations
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

CBT-QFN-7045 Datasheet(HTML) 4 Page - Ironwood Electronics.

  CBT-QFN-7045 Datasheet HTML 1Page - Ironwood Electronics. CBT-QFN-7045 Datasheet HTML 2Page - Ironwood Electronics. CBT-QFN-7045 Datasheet HTML 3Page - Ironwood Electronics. CBT-QFN-7045 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2
1
6
5
4
12
3
8
13
18
15
19
17
7
11
9
16
14
10
16.00 (x4)
4.00 (x4)
90°
4.00
M2x0.4 threads
4.00
2.00
ISO View
BACKING PLATE
ITEM
NO.
DESCRIPTION
Material
1
12mm Plastic Snap Clamshell Socket Lid
PPS/Ultem
2
Clamshell Latch Snap Lid Socket
PPS/Ultem
3
Torsion Spring, 180 0.109" OD, Ccw/Rh
Steel Music Wire
4
Compression Plate 2.6x1.35
7075-T6 Alumium Alloy
5
Dowel Pin, M1.5 X 20mm LG, 18-8 SS
AISI 347 Annealed Stainless Steel (SS)
6
2mm diameter Hinge Pin, 20 mm long
Alloy Steel
7
Socket Head Cap Screw M2 8mm long
Stainless Steel (316)
8
Backing Plate 5 post
7075-T6 Alumium Alloy
9
Floating Guide Spring
Alloy Steel (SS)
10
Stamped Pin, 0.4mm SBT-LGA/QFN
N/A
11
Snap ring for 2mm Hinge pin 0.15" OD
12
CBT socket base 5.325x5.325mm snap type
PPS
13
PCB QFN10E 2.6x1.35mm
Material <not specified>
14
Bottom Pogo Guide QFN10E 2.6x1.35mm 10
holes
Semitron MDS 100
15
TChip QFN10E 2.6x1.35mm
FR4 High temp
16
Wave spring 4 lbs 0.375" OD 0.15" ln
Plain Carbon Steel
17
Top guide QFN10E 2.6x1.35mm 10 holes
Semitron MDS 100
18
#0-80, 90 deg., head pin guide screw, Peek
material
PEEK unfilled
19
Dowel Pin, M1 x 6mm, STL
Alloy Steel (SS)
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance
±10%, all other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Socket Specification
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. A
DATE: 09/04/2015
Material: Material <not specified>
Finish:
Weight: 13.86
CBT-QFN-7045 Drawing
SCALE: 2:1
SHEET: 4 OF 4
ENG: J. Vavra
FILE: CBT-QFN-7045 Dwg
DRAWN BY: M. Raske


Similar Part No. - CBT-QFN-7045

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CBT-QFN-7040 IRONWOOD-CBT-QFN-7040 Datasheet
406Kb / 4P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7041 IRONWOOD-CBT-QFN-7041 Datasheet
416Kb / 4P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7042 IRONWOOD-CBT-QFN-7042 Datasheet
432Kb / 6P
   Minimum real estate required
CBT-QFN-7043 IRONWOOD-CBT-QFN-7043 Datasheet
379Kb / 4P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7046 IRONWOOD-CBT-QFN-7046 Datasheet
718Kb / 5P
   Low and stable contact resistance for reliable production yield
More results

Similar Description - CBT-QFN-7045

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CBT-BGA-7019 IRONWOOD-CBT-BGA-7019 Datasheet
304Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
SBT-BGA-7023 IRONWOOD-SBT-BGA-7023 Datasheet
423Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
SBT-BGA-7502 IRONWOOD-SBT-BGA-7502 Datasheet
493Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
CBT-QFN-7035 IRONWOOD-CBT-QFN-7035 Datasheet
489Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
CBT-BGA-7500 IRONWOOD-CBT-BGA-7500 Datasheet
350Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SM-QFN-9011 IRONWOOD-SM-QFN-9011 Datasheet
289Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
CBT-SO-4001 IRONWOOD-CBT-SO-4001 Datasheet
354Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SBT-BGA-6533 IRONWOOD-SBT-BGA-6533 Datasheet
436Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SM-BGA-9029 IRONWOOD-SM-BGA-9029 Datasheet
368Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SM-BGA-9031 IRONWOOD-SM-BGA-9031 Datasheet
442Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
CBT-BGA-7005 IRONWOOD-CBT-BGA-7005 Datasheet
295Kb / 5P
   Highly compliant to accommodate wide co-planarity variations.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com