Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBT-QFN-7043 Datasheet(PDF) 2 Page - Ironwood Electronics.

Part # CBT-QFN-7043
Description  Low and stable contact resistance for reliable production yield
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

CBT-QFN-7043 Datasheet(HTML) 2 Page - Ironwood Electronics.

  CBT-QFN-7043 Datasheet HTML 1Page - Ironwood Electronics. CBT-QFN-7043 Datasheet HTML 2Page - Ironwood Electronics. CBT-QFN-7043 Datasheet HTML 3Page - Ironwood Electronics. CBT-QFN-7043 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
4X
1.70±0.10 THRU ALL
NON-PLATED
MOUNTING HOLES
2X
0.850±0.025 THRU ALL
NON-PLATED
ALIGNMENT HOLES
0
2.131* (2x)
2.7825
7.8625 (2X)
7.8625 (2X)
5.3225
9.1125
9.1125
14.1125
0.45*
0
0.50*
1.50*
0.50*
1.50*
BOTTOM GUIDE OUTLINE
TOP PCB KOZ
SOCKET BASE OUTLINE
MAX COMPONENT HEIGHT OF 6MM
TOP VIEW
LATCH OUTLINE
MAX COMPONENT HEIGHT OF 4MM
INSULATION PLATE OUTLINE
BOTTOM PCB KOZ
SEE PAGE 4 FOR DETAILS
Target PCB Recommendations:
Total Thickness: 1.5mm min
Plating: Gold or Solder Finish
*PIN LOCATIONS
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.0254mm [±0.001"], Pitches (from true position) ±0.0762mm [±0.003"], substrate thickness tolerance ±10%, all
other tolerances ±0.127mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Recommended PCB Layout
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. A
DATE: 09/21/2015
Material: N/A
Finish: N/A
Weight: 18.79
CBT-QFN-7043 Drawing
SCALE: 9:2
SHEET: 2 OF 4
ENG: B. Schatz
FILE: CBT-QFN-7043 Dwg
DRAWN BY: M. Raske


Similar Part No. - CBT-QFN-7043

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CBT-QFN-7040 IRONWOOD-CBT-QFN-7040 Datasheet
406Kb / 4P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7041 IRONWOOD-CBT-QFN-7041 Datasheet
416Kb / 4P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7042 IRONWOOD-CBT-QFN-7042 Datasheet
432Kb / 6P
   Minimum real estate required
CBT-QFN-7045 IRONWOOD-CBT-QFN-7045 Datasheet
480Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
CBT-QFN-7046 IRONWOOD-CBT-QFN-7046 Datasheet
718Kb / 5P
   Low and stable contact resistance for reliable production yield
More results

Similar Description - CBT-QFN-7043

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SBT-BGA-7019 IRONWOOD-SBT-BGA-7019 Datasheet
324Kb / 5P
   Low and stable contact resistance for reliable production yield
SBT-QFE-3005 IRONWOOD-SBT-QFE-3005 Datasheet
405Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-BGA-9014 IRONWOOD-SM-BGA-9014 Datasheet
378Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-BGA-9009 IRONWOOD-SM-BGA-9009 Datasheet
385Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-QFN-9010 IRONWOOD-SM-QFN-9010 Datasheet
452Kb / 5P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7033 IRONWOOD-CBT-QFN-7033 Datasheet
492Kb / 4P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7018 IRONWOOD-CBT-QFN-7018 Datasheet
404Kb / 5P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7028 IRONWOOD-CBT-QFN-7028 Datasheet
501Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-QFN-9014 IRONWOOD-SM-QFN-9014 Datasheet
469Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-BGA-9061 IRONWOOD-SM-BGA-9061 Datasheet
393Kb / 4P
   Low and stable contact resistance for reliable production yield
SMP-QFN-8011 IRONWOOD-SMP-QFN-8011 Datasheet
674Kb / 6P
   Low and stable contact resistance for reliable production yield
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com