Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP111H191D Datasheet(PDF) 1 Page - RICOH electronics devices division

Part # RP111H191D
Description  Good Transient Response Low Voltage 500mA LDO
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP111H191D Datasheet(HTML) 1 Page - RICOH electronics devices division

  RP111H191D Datasheet HTML 1Page - RICOH electronics devices division RP111H191D Datasheet HTML 2Page - RICOH electronics devices division RP111H191D Datasheet HTML 3Page - RICOH electronics devices division RP111H191D Datasheet HTML 4Page - RICOH electronics devices division RP111H191D Datasheet HTML 5Page - RICOH electronics devices division RP111H191D Datasheet HTML 6Page - RICOH electronics devices division RP111H191D Datasheet HTML 7Page - RICOH electronics devices division RP111H191D Datasheet HTML 8Page - RICOH electronics devices division RP111H191D Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
RP111x Series
Good Transient Response Low Voltage 500mA LDO
NO.EA-241-150204
1
OUTLINE
The RP111x Series are CMOS-based LDO regulators featuring 500mA output current. The input voltage is as
low as 1.4V and the output voltage can be set from 0.7V. Due to a built-in 0.46Ω (at VOUT=2.8V) on-resistor, RP111x
can provide a low dropout voltage. RP111x also features an excellent line transient response, ripple rejection at
75dB, and low noise. The output voltage accuracy is as high as ±0.8% and the temperature drift coefficient of
output voltage is low at ±30ppm/
C. The accuracy of the output voltage of RP111x includes the temperature
characteristics and the load transient response has been improved. The typ. and max value of under/overshoot
for various output current are shown in the typical characteristics in the datasheet, therefore the accuracy of the
output voltage estimation will be easy on the actual operating cases.
In addition to a fold-back protection circuit built into conventional regulators, RP111x contains a thermal
shutdown circuit and an inrush current limit circuit. SOT-23-5 and SOT-89-5 packages, a 1.2mm square
DFN1212-6 package are available.
FEATURES
 Supply Current ......................................................Typ. 80A
 Standby Current....................................................Typ. 0.1A
 Dropout Voltage ....................................................Typ. 0.23V (IOUT500mA, VOUT2.5V)
 Ripple Rejection....................................................Typ. 75dB (f1kHz)
Typ. 70dB (f
10kHz)
 Output Voltage Accuracy.......................................0.8% (VOUT ≥1.8V)
 Output Voltage Temperature Coefficient...............Typ. 30ppm/C (VOUT ≥1.8V)
 Line Regulation .....................................................Typ. 0.02%/V
 Packages ..............................................................DFN1212-6, SOT-23-5, SOT-89-5,
 Input Voltage Range .............................................1.4V to 5.25V
 Output Voltage Range...........................................0.7V to 3.6V (0.1V steps)
(For other voltages, please refer to MARK INFORMATIONS.)
 Built-in Foldback Protection Circuit.......................Typ. 50mA (Current at short mode)
 Thermal Shutdown Temperature...........................165C
 Inrush Current Limit ..............................................Typ.400mA (for 180s after start-up)
 Ceramic capacitors are recommended to be used with this IC .....1.0F or more
APPLICATIONS
 Power source for portable communication equipment.
 Power source for electrical appliances such as cameras, VCRs and camcorders.
 Power source for battery-powered equipments.
 Power source for electrical home appliances.


Similar Part No. - RP111H191D

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP111H191D RICOH-RP111H191D Datasheet
802Kb / 44P
   Good Transient Response Low Voltage 500mA LDO
More results

Similar Description - RP111H191D

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP111X RICOH-RP111X Datasheet
802Kb / 44P
   Good Transient Response Low Voltage 500mA LDO
logo
ETA SOLUTIONS CO. LIMIT...
ETA5050 ETA-ETA5050 Datasheet
137Kb / 1P
   500mA Low Noise, Fast Transient Response LDO with Adjustable Output Voltage
logo
Richtek Technology Corp...
RT9184A RICHTEK-RT9184A Datasheet
121Kb / 10P
   Dual, Ultra-Fast Transient Response, 500mA LDO Regulator
RT9184A RICHTEK-RT9184A_11 Datasheet
131Kb / 10P
   Dual, Ultra-Fast Transient Response, 500mA LDO Regulator
logo
Texas Instruments
TPS775XX TI-TPS775XX Datasheet
807Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
logo
Shenzhen Huazhimei Semi...
HM6215 HMSEMI-HM6215 Datasheet
590Kb / 4P
   500mA Low Noise, High PSRR, Fast Transient Response LDO with Adjustable
logo
ON Semiconductor
NCV8186 ONSEMI-NCV8186 Datasheet
211Kb / 10P
   Fast Transient Response Low Voltage 1 A LDO
June, 2016 ??Rev. 0
NCP186 ONSEMI-NCP186 Datasheet
334Kb / 13P
   Fast Transient Response Low Voltage 1 A LDO
June, 2015 ??Rev. 0
logo
ACE Technology Co., LTD...
ACE509 ACE-ACE509_12 Datasheet
666Kb / 12P
   Low noise, fast response 500mA LDO regulator
VER 1.4
logo
Leshan Radio Company
LR8558 LRC-LR8558 Datasheet
647Kb / 11P
   Low noise, fast response 500mA LDO regulato
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com