Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBT-QFN-7036 Datasheet(PDF) 1 Page - Ironwood Electronics.

Part # CBT-QFN-7036
Description  Excellent signal integrity at high frequencies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

CBT-QFN-7036 Datasheet(HTML) 1 Page - Ironwood Electronics.

  CBT-QFN-7036 Datasheet HTML 1Page - Ironwood Electronics. CBT-QFN-7036 Datasheet HTML 2Page - Ironwood Electronics. CBT-QFN-7036 Datasheet HTML 3Page - Ironwood Electronics. CBT-QFN-7036 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
34.825
6.213
6.600
21.00
28.225
M
M
A1
3.5
1.7
4.1
4.1
14.1
20.00
12.7
4.00
A
SECTION M-M
0.40
Compression
DETAIL A
SCALE 12 : 1
CBT-QFN DIRECT MOUNT, SOLDERLESS SOCKET FOR
BURN-IN AND TEST APPLICATIONS
FEATURES:
Wide temperature range (-55C to +180C)
High current capability (up to 2.2A)
Excellent signal integrity at high frequencies
Low and stable contact resistance for reliable production yield
Highly compliant to accommodate wide co-planarity variations
Automated probe manufacturing enables low cost and short lead time
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance
±10%, all other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: CBT-QFN40 6x6mm 0.5mm pitch
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. A
DATE: 02/10/2015
Material: Material <not specified>
Finish:
Weight: 13.62
CBT-QFN-7036 Drawing
SCALE: 2:1
SHEET: 1 OF 4
ENG: V. Panavala
FILE: CBT-QFN-7036 Dwg
DRAWN BY: M. Raske


Similar Part No. - CBT-QFN-7036

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CBT-QFN-7030 IRONWOOD-CBT-QFN-7030 Datasheet
274Kb / 4P
   Automated probe manufacturing enables low cost and short lead time
CBT-QFN-7031 IRONWOOD-CBT-QFN-7031 Datasheet
569Kb / 4P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7032 IRONWOOD-CBT-QFN-7032 Datasheet
604Kb / 5P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7033 IRONWOOD-CBT-QFN-7033 Datasheet
492Kb / 4P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7034 IRONWOOD-CBT-QFN-7034 Datasheet
518Kb / 5P
   Low and stable contact resistance for reliable production yield
More results

Similar Description - CBT-QFN-7036

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SM-BGA-9040 IRONWOOD-SM-BGA-9040 Datasheet
429Kb / 5P
   Excellent signal integrity at high frequencies
SBT-BGA-6511 IRONWOOD-SBT-BGA-6511 Datasheet
372Kb / 4P
   Excellent signal integrity at high frequencies
SBT-BGA-6526 IRONWOOD-SBT-BGA-6526 Datasheet
368Kb / 4P
   Excellent signal integrity at high frequencies
SBT-BGA-6037 IRONWOOD-SBT-BGA-6037 Datasheet
375Kb / 4P
   Excellent signal integrity at high frequencies
CBT-QFN-7025 IRONWOOD-CBT-QFN-7025 Datasheet
384Kb / 5P
   Excellent signal integrity at high frequencies
CBT-QFN-7029 IRONWOOD-CBT-QFN-7029 Datasheet
488Kb / 4P
   Excellent signal integrity at high frequencies
SBT-BGA-7018 IRONWOOD-SBT-BGA-7018 Datasheet
298Kb / 5P
   Excellent signal integrity at high frequencies
SBT-BGA-6519 IRONWOOD-SBT-BGA-6519 Datasheet
667Kb / 4P
   Excellent signal integrity at high frequencies
SM-BGA-9011 IRONWOOD-SM-BGA-9011 Datasheet
375Kb / 5P
   Excellent signal integrity at high frequencies
SM-QFN-9018 IRONWOOD-SM-QFN-9018 Datasheet
242Kb / 4P
   Excellent signal integrity at high frequencies
CBT-QFN-7007 IRONWOOD-CBT-QFN-7007 Datasheet
370Kb / 4P
   Excellent signal integrity at high frequencies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com