Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBT-QFE-3003 Datasheet(PDF) 5 Page - Ironwood Electronics.

Part # CBT-QFE-3003
Description  Excellent signal integrity at high frequencies
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

CBT-QFE-3003 Datasheet(HTML) 5 Page - Ironwood Electronics.

  CBT-QFE-3003 Datasheet HTML 1Page - Ironwood Electronics. CBT-QFE-3003 Datasheet HTML 2Page - Ironwood Electronics. CBT-QFE-3003 Datasheet HTML 3Page - Ironwood Electronics. CBT-QFE-3003 Datasheet HTML 4Page - Ironwood Electronics. CBT-QFE-3003 Datasheet HTML 5Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
U
U
Socket base, Compression Plate
(top view)
SECTION U-U
1.25
0.70
Socket base, Compression Plate
(side view)
Socket base, Compression Plate
(bottom view)
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all
other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Socket base, Compression plate
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. A
DATE: 1/8/2015
Material: Material <not specified>
Finish:
Weight: 68.72
CBT-QFE-3003 Drawing
SCALE: 1.75:1
SHEET: 5 OF 5
ENG: E. Smolentseva
FILE: CBT-QFE-3003 Dwg
DRAWN BY: M. Raske


Similar Part No. - CBT-QFE-3003

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CBT-QFE-3000 IRONWOOD-CBT-QFE-3000 Datasheet
661Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
CBT-QFE-3001 IRONWOOD-CBT-QFE-3001 Datasheet
407Kb / 5P
   Low and stable contact resistance for reliable production yield
CBT-QFE-3002 IRONWOOD-CBT-QFE-3002 Datasheet
309Kb / 5P
   Low and stable contact resistance for reliable production yield
CBT-QFE-3006 IRONWOOD-CBT-QFE-3006 Datasheet
406Kb / 4P
   Low and stable contact resistance for reliable production yield
CBT-QFE-3007 IRONWOOD-CBT-QFE-3007 Datasheet
365Kb / 5P
   Low and stable contact resistance for reliable production yield
More results

Similar Description - CBT-QFE-3003

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SM-BGA-9040 IRONWOOD-SM-BGA-9040 Datasheet
429Kb / 5P
   Excellent signal integrity at high frequencies
SBT-BGA-6511 IRONWOOD-SBT-BGA-6511 Datasheet
372Kb / 4P
   Excellent signal integrity at high frequencies
SBT-BGA-6526 IRONWOOD-SBT-BGA-6526 Datasheet
368Kb / 4P
   Excellent signal integrity at high frequencies
SBT-BGA-6037 IRONWOOD-SBT-BGA-6037 Datasheet
375Kb / 4P
   Excellent signal integrity at high frequencies
CBT-QFN-7025 IRONWOOD-CBT-QFN-7025 Datasheet
384Kb / 5P
   Excellent signal integrity at high frequencies
CBT-QFN-7029 IRONWOOD-CBT-QFN-7029 Datasheet
488Kb / 4P
   Excellent signal integrity at high frequencies
SBT-BGA-7018 IRONWOOD-SBT-BGA-7018 Datasheet
298Kb / 5P
   Excellent signal integrity at high frequencies
SBT-BGA-6519 IRONWOOD-SBT-BGA-6519 Datasheet
667Kb / 4P
   Excellent signal integrity at high frequencies
SM-BGA-9011 IRONWOOD-SM-BGA-9011 Datasheet
375Kb / 5P
   Excellent signal integrity at high frequencies
SM-QFN-9018 IRONWOOD-SM-QFN-9018 Datasheet
242Kb / 4P
   Excellent signal integrity at high frequencies
CBT-QFN-7007 IRONWOOD-CBT-QFN-7007 Datasheet
370Kb / 4P
   Excellent signal integrity at high frequencies
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com