Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP112K361B Datasheet(PDF) 1 Page - RICOH electronics devices division

Part # RP112K361B
Description  Low Noise 150mA LDO REGULATOR
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP112K361B Datasheet(HTML) 1 Page - RICOH electronics devices division

  RP112K361B Datasheet HTML 1Page - RICOH electronics devices division RP112K361B Datasheet HTML 2Page - RICOH electronics devices division RP112K361B Datasheet HTML 3Page - RICOH electronics devices division RP112K361B Datasheet HTML 4Page - RICOH electronics devices division RP112K361B Datasheet HTML 5Page - RICOH electronics devices division RP112K361B Datasheet HTML 6Page - RICOH electronics devices division RP112K361B Datasheet HTML 7Page - RICOH electronics devices division RP112K361B Datasheet HTML 8Page - RICOH electronics devices division RP112K361B Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
RP112x SERIES
Low Noise 150mA LDO REGULATOR
NO.EA-258-131024
1
OUTLINE
The RP112x Series are CMOS-based voltage regulator (LDO) ICs, which have been developed using the
CMOS process technology, with high output voltage accuracy, low-supply current, low On-resistance transistor,
low noise output voltage and high ripple rejection. Each of the ICs is composed of the followings: a voltage
reference unit, an error amplifier, a resistor-net for output voltage setting, a current limit circuit, and a chip enable
circuit.
The RP112x features ultra low noise and its Ripple Rejection is as low as 80dB at f=1kHz, 75dB at f=10kHz
and 65dB at f=100kHz. The Output Noise is also as low as Typ. 10
μVrms. It is kept the low level at any Output
Voltage. RP112x is suitable for the power source for the portable music player and RF module that demands for
higher level of noise reduction. SOT-23-5 and SC-88A packages, a 1mm square DFN(PLP)1010-4 package are
available.
FEATURES
• Supply Current ......................................................Typ. 75μA
• Standby Current ....................................................Typ. 0.1μA
• Dropout Voltage ....................................................Typ. 0.20V (IOUT=150mA, VOUT=2.8V)
• Ripple Rejection....................................................Typ. 80dB (f=1kHz)
Typ. 75dB (f
=10kHz)
Typ. 65dB (f
=100kHz)
• Output Voltage Accuracy.......................................±1.0%
• Output Voltage Temperature Coefficient ...............Typ. ±30ppm/°C
• Line Regulation .....................................................Typ. 0.02%/V
• Packages ..............................................................DFN(PLP)1010-4, SC-88A, SOT-23-5
• Input Voltage Range .............................................2.0V to 5.25V
• Output Voltage Range...........................................1.2V to 4.8V (0.1V steps)
(For other voltages, please refer to MARK INFORMATIONS.)
• Short Current Limit................................................Typ. 40mA
• Built-in Foldback Protection Circuit
• Output Noise .........................................................Typ. 10μVrms
• Ceramic capacitors are recommended to be used with this IC .....1.0μF or more
APPLICATIONS
• Power source for portable communication equipment.
• Power source for electrical appliances such as cameras,VCRs and camcorders.
• Power source for battery-powered equipments.
• Power source for electrical home appliances.
• Power source for the portable music player
• Power source for RF module


Similar Part No. - RP112K361B

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP11.4E1 RECOM-RP11.4E1 Datasheet
66Kb / 2P
   HIgh Voltage Output Series
RP11.4E1 RECOM-RP11.4E1 Datasheet
44Kb / 1P
   High Voltage Input/Output Series
RP11.4E1X1 RECOM-RP11.4E1X1 Datasheet
44Kb / 1P
   High Voltage Input/Output Series
logo
DIOTEC Electronics Corp...
RP110 DEC-RP110 Datasheet
330Kb / 2P
   1 AMP FAST RECOVERY SILICON DIODES
logo
RF Monolithics, Inc
RP1104 RFM-RP1104 Datasheet
94Kb / 2P
   824.25 MHz SAW Resonator
More results

Similar Description - RP112K361B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
   LOW NOISE 150mA LDO REGULATOR
RP130X RICOH-RP130X Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
logo
E-Tech Electronics LTD
L1131A ETL-L1131A Datasheet
187Kb / 5P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1113Z RICOH-R1113Z Datasheet
395Kb / 20P
   LOW NOISE 150mA LDO REGULATOR???
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com