Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBT-QFE-3008 Datasheet(PDF) 5 Page - Ironwood Electronics.

Part # CBT-QFE-3008
Description  Low and stable contact resistance for reliable production yield
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

CBT-QFE-3008 Datasheet(HTML) 5 Page - Ironwood Electronics.

  CBT-QFE-3008 Datasheet HTML 1Page - Ironwood Electronics. CBT-QFE-3008 Datasheet HTML 2Page - Ironwood Electronics. CBT-QFE-3008 Datasheet HTML 3Page - Ironwood Electronics. CBT-QFE-3008 Datasheet HTML 4Page - Ironwood Electronics. CBT-QFE-3008 Datasheet HTML 5Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PIN DETAIL
SCALE 16:1
9.50
3.70
6.000
2.350
0.500
Cu Slug DETAIL
FRONT VIEW
11.00
7.00
TOP VIEW
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all
other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: PIN, Cu slug
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. A
DATE: 11/3/2015
Material: N/A
Finish: N/A
Weight: 46.86
CBT-QFE-3008 Drawing
SCALE: 4:1
SHEET: 5 OF 5
ENG: S, Faiz
FILE: CBT-QFE-3008 Dwg
DRAWN BY: S. Faiz


Similar Part No. - CBT-QFE-3008

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CBT-QFE-3000 IRONWOOD-CBT-QFE-3000 Datasheet
661Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
CBT-QFE-3001 IRONWOOD-CBT-QFE-3001 Datasheet
407Kb / 5P
   Low and stable contact resistance for reliable production yield
CBT-QFE-3002 IRONWOOD-CBT-QFE-3002 Datasheet
309Kb / 5P
   Low and stable contact resistance for reliable production yield
CBT-QFE-3003 IRONWOOD-CBT-QFE-3003 Datasheet
819Kb / 5P
   Excellent signal integrity at high frequencies
CBT-QFE-3006 IRONWOOD-CBT-QFE-3006 Datasheet
406Kb / 4P
   Low and stable contact resistance for reliable production yield
More results

Similar Description - CBT-QFE-3008

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SBT-BGA-7019 IRONWOOD-SBT-BGA-7019 Datasheet
324Kb / 5P
   Low and stable contact resistance for reliable production yield
SBT-QFE-3005 IRONWOOD-SBT-QFE-3005 Datasheet
405Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-BGA-9014 IRONWOOD-SM-BGA-9014 Datasheet
378Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-BGA-9009 IRONWOOD-SM-BGA-9009 Datasheet
385Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-QFN-9010 IRONWOOD-SM-QFN-9010 Datasheet
452Kb / 5P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7033 IRONWOOD-CBT-QFN-7033 Datasheet
492Kb / 4P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7018 IRONWOOD-CBT-QFN-7018 Datasheet
404Kb / 5P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7028 IRONWOOD-CBT-QFN-7028 Datasheet
501Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-QFN-9014 IRONWOOD-SM-QFN-9014 Datasheet
469Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-BGA-9061 IRONWOOD-SM-BGA-9061 Datasheet
393Kb / 4P
   Low and stable contact resistance for reliable production yield
SMP-QFN-8011 IRONWOOD-SMP-QFN-8011 Datasheet
674Kb / 6P
   Low and stable contact resistance for reliable production yield
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com