Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CBT-QFN-7000 Datasheet(PDF) 2 Page - Ironwood Electronics.

Part No. CBT-QFN-7000
Description  Minimum real estate required
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRONWOOD [Ironwood Electronics.]
Homepage  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

CBT-QFN-7000 Datasheet(HTML) 2 Page - Ironwood Electronics.

  CBT-QFN-7000 Datasheet HTML 1Page - Ironwood Electronics. CBT-QFN-7000 Datasheet HTML 2Page - Ironwood Electronics. CBT-QFN-7000 Datasheet HTML 3Page - Ironwood Electronics. CBT-QFN-7000 Datasheet HTML 4Page - Ironwood Electronics. CBT-QFN-7000 Datasheet HTML 5Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PAGE 2 of 5
Recommended PCB Layout
Tolerances: ±0.025mm [±0.001”]
unless stated otherwise.
Recommended PCB Layout
Top View
Target PCB Recommendations
Total thickness: 1mm min.
Plating: Gold or Solder finish
PCB Pad height: Same or higher than solder mask
All dimensions are in mm unless stated otherwise
Status: Released
Drawing: Vinayak R
Rev: A
Date: 3/1/10
File: CBT-QFN-7000 Dwg
CBT-QFN-7000 Drawing
Modified:
© 2010 IRONWOOD ELECTRONICS, INC.
Tele: (952) 229-8200
www.ironwoodelectronics.com
Scale: 4:1
Socket Body
Size
Non plated mounting hole
Non plated alignment hole
1.25mm±0.13mm (x4)
1.25mm±0.13mm (x4)
17.225mm±0.125mm (x4)
2.54mm
3.1125mm
2.8625mm
0.5mm typ.
Ø 0.85mm±0.025mm (x2)
Ø 1.61mm±0.05mm (x4)
Keep out Area (A)
Keep out Area (B)
Keep out Area (A): Max. component height 3.5mm
Keep out Area (B): Max. Component height 10mm
(No component area)
Same size as
shown on the package
14.725mm (x4)
5.08mm
Ø 0.27mm (x221)
Orientation Mark
Circular
pads
6mm
8.5mm
Max. component height 2.8mm


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn