Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CBT-QFN-7000 Datasheet(PDF) 5 Page - Ironwood Electronics.

Part No. CBT-QFN-7000
Description  Minimum real estate required
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRONWOOD [Ironwood Electronics.]
Homepage  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

CBT-QFN-7000 Datasheet(HTML) 5 Page - Ironwood Electronics.

  CBT-QFN-7000 Datasheet HTML 1Page - Ironwood Electronics. CBT-QFN-7000 Datasheet HTML 2Page - Ironwood Electronics. CBT-QFN-7000 Datasheet HTML 3Page - Ironwood Electronics. CBT-QFN-7000 Datasheet HTML 4Page - Ironwood Electronics. CBT-QFN-7000 Datasheet HTML 5Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
11.37mm [0.448"]
3.72mm [0.147"]
4.3mm [0.169"]
0.67mm [0.026"]
23.39mm
8.3mm [0.327"]
50.03mm [1.970"]
13.12mm [0.517"]
33.11mm [1.304"]
51.31mm [2.020"]
39.23mm [1.544"]
32.6mm [1.283"]
19.61mm [0.772"]
14.97mm [0.589"]
2.8mm
19.61mm
PAGE 5 of 5
Description: Socket Assembly
All dimensions are in mm.
All tolerences are +/- 0.125mm.
(Unless stated otherwise)
Status: Released
Drawing: Vinayak R
Rev: A
Date: 3/1/10
File: CBT-QFN-7000 Dwg
CBT-QFN-7000 Drawing
Modified:
© 2010 IRONWOOD ELECTRONICS, INC.
Tele: (952) 229-8200
www.ironwoodelectronics.com
Scale: -


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn