Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CBT-QFN-7000 Datasheet(PDF) 3 Page - Ironwood Electronics.

Part No. CBT-QFN-7000
Description  Minimum real estate required
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRONWOOD [Ironwood Electronics.]
Homepage  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

CBT-QFN-7000 Datasheet(HTML) 3 Page - Ironwood Electronics.

  CBT-QFN-7000 Datasheet HTML 1Page - Ironwood Electronics. CBT-QFN-7000 Datasheet HTML 2Page - Ironwood Electronics. CBT-QFN-7000 Datasheet HTML 3Page - Ironwood Electronics. CBT-QFN-7000 Datasheet HTML 4Page - Ironwood Electronics. CBT-QFN-7000 Datasheet HTML 5Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PAGE 3 of 5
Status: Released
Drawing: Vinayak R
Rev: A
Date: 3/1/10
File: CBT-QFN-7000 Dwg
CBT-QFN-7000 Drawing
Modified:
© 2010 IRONWOOD ELECTRONICS, INC.
Tele: (952) 229-8200
www.ironwoodelectronics.com
Scale: -
Compatible QFN Spec.
Top View
Bottom View
10.2mm±0.05mm
10.7mm±0.05mm
5.23mm
5.73mm
C
C
DETAIL "A"
DETAIL "B"
DETAIL "C"
DETAIL "D"
DETAIL "E"
DETAIL "F"
0.23mm±0.03mm
0.3mm±0.03mm
0.23mm±0.03mm
0.35mm±0.03mm
0.27mm±0.03mm
0.23mm±0.03mm
0.45mm±0.03mm
0.45mm±0.03mm
Ø 0.23mm±0.03mm
Ø 0.45mm±0.03mm
Section C-C
0.85mm max
0.8mm
0.05mm±0.03mm
Pin1
A
F
C
E
D


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn