Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBT-QFN-7005 Datasheet(PDF) 5 Page - Ironwood Electronics.

Part # CBT-QFN-7005
Description  Self inductance 0.88nH
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

CBT-QFN-7005 Datasheet(HTML) 5 Page - Ironwood Electronics.

  CBT-QFN-7005 Datasheet HTML 1Page - Ironwood Electronics. CBT-QFN-7005 Datasheet HTML 2Page - Ironwood Electronics. CBT-QFN-7005 Datasheet HTML 3Page - Ironwood Electronics. CBT-QFN-7005 Datasheet HTML 4Page - Ironwood Electronics. CBT-QFN-7005 Datasheet HTML 5Page - Ironwood Electronics. CBT-QFN-7005 Datasheet HTML 6Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
8
11
9
3
20
12
7
4
15
10
2
13
5
6
21
1
17
16
18
23
19
Item No's. 14 and 22 not shown
ITEM
NO.
Description
Material
1 Backing Plate
PEEK Ceramic filled
2 Socket Base 12mm snap lid, posts
removed
PPS
3 12mm Plastic Snap Clamshell Socket
Lid
PPS/Ultem
4 Clamshell Latch Snap Lid Socket
(modified M2695 latch)
PPS/Ultem
5 IC Guide for 4mm x 4mm 0.5mm pitch
QFN24
Ultem 1000
6 Top Pin Guide for 4mm x 4mm 0.5mm
pitch QFN24
Semitron MDS 100
7 Dowel Pin, M1.5 X 20mm LG, 18-8 SS
AISI 347 Annealed Stainless Steel (SS)
8 Torsion Spring, 180 0.109" OD,
Ccw/Rh
Steel Music Wire
9 2mm diameter Hinge Pin, 20 mm long
Alloy Steel
10 Socket Head Cap Screw M2 8mm long
11 Snap ring for 2mm Hinge pin 0.15" OD
12 Compression Plate Plastic
Torlon 4203
13 4mm x 4mm 0.5mm pitch QFN24
High Temp FR4
14 customer's target PCB for 4mm x 4mm
0.4mm pitch QFN24
High Temp FR4
15 Wave spring 4 lbs 0.375" OD 0.15" ln
Plain Carbon Steel
16 Bottom Pin Guide for 4mm x 4mm
0.5mm pitch QFN24
PEEK Ceramic filled
17 Pin Orientation Guide for 4mm x 4mm
0.5mm pitch QFN24
Kapton Polyimide
18 Screw, #0-80 X .188", Flat, SS
Stainless Steel (18-8)
19 Nut, #0-80 x 3/64", SS
1023 Carbon Steel Sheet (SS)
20 Dowel Pin, M1.5 X 5mm LG, Hardened
Steel
AISI 347 Annealed Stainless Steel (SS)
21 customer's target PCB for 4mm x 4mm
0.4mm pitch QFN24
High Temp FR4
22 SBT-LGA/QFN Pogo Pin, 0.5mm-
0.8mm
Contact Mtrl: BeCu, Au Plated over Ni
23 SBT-LGA/QFN Pogo Pin, 0.5mm-
0.8mm
Contact Mtrl: BeCu, Au Plated over Ni
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance
±10%, all other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Socket Assy, Insulation Plate
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. D
DATE: 1/27/14
Material: Material <not specified>
Finish:
Weight: 11.55
CBT-QFN-7005 Drawing
SCALE: 2:1
SHEET: 5 OF 6
ENG: E. Smolentseva
FILE: CBT-QFN-7005 Dwg
DRAWN BY: S. Huang


Similar Part No. - CBT-QFN-7005

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CBT-QFN-7000 IRONWOOD-CBT-QFN-7000 Datasheet
136Kb / 5P
   Minimum real estate required
CBT-QFN-7001 IRONWOOD-CBT-QFN-7001 Datasheet
350Kb / 5P
   Compression plate distributes evenly
CBT-QFN-7002 IRONWOOD-CBT-QFN-7002 Datasheet
407Kb / 4P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7003 IRONWOOD-CBT-QFN-7003 Datasheet
289Kb / 4P
   Self inductance 0.88nH
CBT-QFN-7004 IRONWOOD-CBT-QFN-7004 Datasheet
587Kb / 4P
   Excellent signal integrity at high frequencies
More results

Similar Description - CBT-QFN-7005

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CBT-QFN-7003 IRONWOOD-CBT-QFN-7003 Datasheet
289Kb / 4P
   Self inductance 0.88nH
SM-LGA-6001 IRONWOOD-SM-LGA-6001 Datasheet
313Kb / 4P
   Self inductance under 0.21nH
SM-LGA-6000 IRONWOOD-SM-LGA-6000 Datasheet
451Kb / 5P
   Self inductance under 0.21nH
logo
Illinois Capacitor, Inc...
PHC ILLINOISCAPACITOR-PHC Datasheet
214Kb / 3P
   Metallized polypropylene ??Low self inductance ??High capacitance ??Low ESR
102YXB300KD ILLINOISCAPACITOR-102YXB300KD Datasheet
232Kb / 3P
   Metalized Polypropylene ??multiple case sizes ??Low ESR and self inductance
logo
Alcoa international inc...
99-999 ALCOA-99-999 Datasheet
162Kb / 2P
   Non Self-releasing; Self-ejecting
99-1000 ALCOA-99-1000 Datasheet
150Kb / 2P
   Non Self-releasing, Self-ejecting
99-3220 ALCOA-99-3220 Datasheet
105Kb / 2P
   Non-self-releasing; Self-ejecting
99-3206 ALCOA-99-3206 Datasheet
200Kb / 2P
   Non-self-releasing; Self-ejecting
99-3201 ALCOA-99-3201 Datasheet
567Kb / 2P
   Non-self-releasing; Self-ejecting
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com