Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBT-QFN-7007 Datasheet(PDF) 4 Page - Ironwood Electronics.

Part # CBT-QFN-7007
Description  Excellent signal integrity at high frequencies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

CBT-QFN-7007 Datasheet(HTML) 4 Page - Ironwood Electronics.

  CBT-QFN-7007 Datasheet HTML 1Page - Ironwood Electronics. CBT-QFN-7007 Datasheet HTML 2Page - Ironwood Electronics. CBT-QFN-7007 Datasheet HTML 3Page - Ironwood Electronics. CBT-QFN-7007 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
5
13
12
4
3
6
17
1
14
16
15
19
18
8
7
9
20
H
H
0.2289
Pin Detail
ITEM NO.
DESCRIPTION
Material
1
CBT Socket Base
7075-T6 Aluminum Alloy
2
Ni plated Clam shell socket lid for
17mm IC
7075-T6 Aluminum Alloy
3
Hinge Pin and Snap Ring, 3mm OD,
25mm long, SS
Stainless Steel (ferritic)
4
Latch
7075-T6 Aluminum Alloy
5
CBT Ni plt COMP SCREW 17MM IC
M10
7075-T6 Aluminum Alloy
6
CBT Ni plated compression plate; for
13mm x13mm IC
7079 Alloy
7
Screw, #0-80 X .188", Flat, SS
Stainless Steel (18-8)
8
#0-80 X .375 LG, SOC HD CAP
SCREW, ALLOY STL, BLK OXIDE
Alloy Steel
9
Dowel pin, 1/32" X .25", SS
Chrome Stainless Steel
10
Screw, M3 x 12mm, Low Head Cap,
SS
18-8 Stainless Steel
11
Spring Clamshell lid assembly
Steel Music Wire
12
Precision Compression Spring, Zinc-
Plated Music Wire, 1/2" Length, .12"
OD, .016" Wire
Zinc Plated Music Wire
13
Compression Stopper for C8890
7075-T6 Aluminum Alloy
14
IC Guide 13mm IC 0.75mm thick
Ultem 1000
15
Top Guide 188 lead 2 row 0.5mm
pitch
PEEK Ceramic filled
16
Lead guide 188 lead 2 row 0.5mm
pitch
Kapton Polyimide
17
Test Chip
Material <not specified>
18
Test PCB
Material <not specified>
19
Bottom Guide 188 lead 2 row 0.5mm
pitch
PEEK Ceramic filled
20
SBT-LGA/QFN Pogo Pin, 0.5mm-
0.8mm
Contact Mtrl: BeCu, Au Plated over
Ni
Rev
Date
Initials Description
A
04/06/11
MR
Original
B
02/18/14
DH
Changed current rating of pin
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all
other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Skt, Insulation Plate, Pin Det
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. B
DATE: 4/6/2011
Material: N/A
Finish: N/A
Weight: 66.48
CBT-QFN-7007 Drawing
SCALE: 1:1
SHEET: 4 OF 4
ENG: M.A. Fedde
FILE: CBT-QFN-7007 Dwg
DRAWN BY: M. Raske


Similar Part No. - CBT-QFN-7007

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CBT-QFN-7000 IRONWOOD-CBT-QFN-7000 Datasheet
136Kb / 5P
   Minimum real estate required
CBT-QFN-7001 IRONWOOD-CBT-QFN-7001 Datasheet
350Kb / 5P
   Compression plate distributes evenly
CBT-QFN-7002 IRONWOOD-CBT-QFN-7002 Datasheet
407Kb / 4P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7003 IRONWOOD-CBT-QFN-7003 Datasheet
289Kb / 4P
   Self inductance 0.88nH
CBT-QFN-7004 IRONWOOD-CBT-QFN-7004 Datasheet
587Kb / 4P
   Excellent signal integrity at high frequencies
More results

Similar Description - CBT-QFN-7007

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SM-BGA-9040 IRONWOOD-SM-BGA-9040 Datasheet
429Kb / 5P
   Excellent signal integrity at high frequencies
SBT-BGA-6511 IRONWOOD-SBT-BGA-6511 Datasheet
372Kb / 4P
   Excellent signal integrity at high frequencies
SBT-BGA-6526 IRONWOOD-SBT-BGA-6526 Datasheet
368Kb / 4P
   Excellent signal integrity at high frequencies
SBT-BGA-6037 IRONWOOD-SBT-BGA-6037 Datasheet
375Kb / 4P
   Excellent signal integrity at high frequencies
CBT-QFN-7025 IRONWOOD-CBT-QFN-7025 Datasheet
384Kb / 5P
   Excellent signal integrity at high frequencies
CBT-QFN-7029 IRONWOOD-CBT-QFN-7029 Datasheet
488Kb / 4P
   Excellent signal integrity at high frequencies
SBT-BGA-7018 IRONWOOD-SBT-BGA-7018 Datasheet
298Kb / 5P
   Excellent signal integrity at high frequencies
SBT-BGA-6519 IRONWOOD-SBT-BGA-6519 Datasheet
667Kb / 4P
   Excellent signal integrity at high frequencies
SM-BGA-9011 IRONWOOD-SM-BGA-9011 Datasheet
375Kb / 5P
   Excellent signal integrity at high frequencies
SM-QFN-9018 IRONWOOD-SM-QFN-9018 Datasheet
242Kb / 4P
   Excellent signal integrity at high frequencies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com