Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP102K321B Datasheet(PDF) 4 Page - RICOH electronics devices division

Part # RP102K321B
Description  LOW NOISE 300mA LDO REGULATOR
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP102K321B Datasheet(HTML) 4 Page - RICOH electronics devices division

  RP102K321B Datasheet HTML 1Page - RICOH electronics devices division RP102K321B Datasheet HTML 2Page - RICOH electronics devices division RP102K321B Datasheet HTML 3Page - RICOH electronics devices division RP102K321B Datasheet HTML 4Page - RICOH electronics devices division RP102K321B Datasheet HTML 5Page - RICOH electronics devices division RP102K321B Datasheet HTML 6Page - RICOH electronics devices division RP102K321B Datasheet HTML 7Page - RICOH electronics devices division RP102K321B Datasheet HTML 8Page - RICOH electronics devices division RP102K321B Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
RP102x
NO.EA-141-160705
4
ABSOLUTE MAXIMUM RATINGS
Symbol
Item
Rating
Unit
VIN
Input Voltage
6.0
V
VCE
Input Voltage (CE Pin)
6.0
V
VOUT
Output Voltage
0.3 to VIN0.3
V
IOUT
Output Current
400
mA
PD
Power Dissipation (WLCSP-4-P2)
530
mW
Power Dissipation (SOT-23-5)
420
Power Dissipation (DFN(PLP)1820-6)
880
Topt
Operating Temperature Range
40 to 85
C
Tstg
Storage Temperature Range
55 to 125
C
) For Power Dissipation, please refer to PACKAGE INFORMATION.
ABSOLUTE MAXIMUM RATINGS
Electronic and mechanical stress momentarily exceeded absolute maximum ratings may cause the
permanent damages and may degrade the life time and safety for both device and system using the device
in the field.
The functional operation at or over these absolute maximum ratings is not assured.
RECOMMENDED OPERATING CONDITIONS
(ELECTRICAL CHARACTERISTICS)
All of electronic equipment should be designed that the mounted semiconductor devices operate within the
recommended operating conditions. The semiconductor devices cannot operate normally over the
recommended operating conditions, even if when they are used over such conditions by momentary
electronic noise or surge.
And the semiconductor devices may receive serious damage when they continue to operate over the
recommended operating conditions.


Similar Part No. - RP102K321B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP102K301-TR RICOH-RP102K301-TR Datasheet
376Kb / 30P
   Supply Current Typ. 50uA
RP102K301B RICOH-RP102K301B Datasheet
1Mb / 32P
   LOW NOISE 300mA LDO REGULATOR
RP102K301D RICOH-RP102K301D Datasheet
1Mb / 32P
   LOW NOISE 300mA LDO REGULATOR
RP102K331-TR RICOH-RP102K331-TR Datasheet
376Kb / 30P
   Supply Current Typ. 50uA
RP102K331B RICOH-RP102K331B Datasheet
1Mb / 32P
   LOW NOISE 300mA LDO REGULATOR
More results

Similar Description - RP102K321B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR9101 UTC-LR9101_17 Datasheet
216Kb / 5P
   LOW NOISE 300mA LDO REGULATOR
LR9102 UTC-LR9102_17 Datasheet
274Kb / 6P
   LOW NOISE 300mA LDO REGULATOR
LR9102 UTC-LR9102 Datasheet
166Kb / 4P
   LOW NOISE 300mA LDO REGULATOR
LR9133 UTC-LR9133 Datasheet
194Kb / 4P
   LOW NOISE 300mA LDO REGULATOR
logo
RICOH electronics devic...
RP101X RICOH-RP101X Datasheet
705Kb / 31P
   LOW NOISE 300mA LDO REGULATOR
RP102X RICOH-RP102X Datasheet
1Mb / 32P
   LOW NOISE 300mA LDO REGULATOR
logo
Unisonic Technologies
LR9113 UTC-LR9113 Datasheet
536Kb / 10P
   LOW NOISE 300mA LDO REGULATOR
LR9101 UTC-LR9101 Datasheet
191Kb / 4P
   LOW NOISE 300mA LDO REGULATOR
logo
Semtech Corporation
SC573 SEMTECH-SC573 Datasheet
1Mb / 17P
   300mA Low-Noise LDO Regulator
logo
Global Mixed-mode Techn...
AT1203 GMT-AT1203 Datasheet
199Kb / 2P
   Low Noise, 300mA CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com