Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MICRF007 Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MICRF007
Description  QwikRadio짰 Low-Power UHF Receiver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF007 Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MICRF007_04 Datasheet HTML 5Page - Micrel Semiconductor MICRF007_04 Datasheet HTML 6Page - Micrel Semiconductor MICRF007_04 Datasheet HTML 7Page - Micrel Semiconductor MICRF007_04 Datasheet HTML 8Page - Micrel Semiconductor MICRF007_04 Datasheet HTML 9Page - Micrel Semiconductor MICRF007_04 Datasheet HTML 10Page - Micrel Semiconductor MICRF007_04 Datasheet HTML 11Page - Micrel Semiconductor MICRF007_04 Datasheet HTML 12Page - Micrel Semiconductor MICRF007_04 Datasheet HTML 13Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
February 17, 2005
11
M9999-021705
MICRF007
Micrel
Application Example
315MHz Receiver/Decoder Application
Figure 10 illustrates a typical application for the MICRF007
UHF Receiver IC. This receiver operates continuously (not
duty cycled) in fixed-mode, and features 6-bit address decod-
ing and two output code bits.
Operation in this example is at 315MHz, and may be cus-
tomized by selection of the appropriate frequency reference
(Y1), and adjustment of the antenna length. Changes from
the 1Kbps data rate may require a change in the value of R1.
A bill of materials accompanies the schematic.
C4
1.8pF
L1
56nH
1/4
monopole
antenna (23.1cm)
C2
39nF
C6
100pF
C5
100µF
C3
2.2µF
R3
100k
Y1
4.8970MHz
6-bit
address
Baseband
(Digital)
Ground
RF
(Analog)
Ground
+5V
Supply Input
C1
4.7µF
A0
A1
A2
A3
A4
A5
A6
A7
VSS
VDD
VT
OSC1
OSC2
DIN
D11
D10
D9
D8
VSS
ANT
VDD
CTH
REFOSC
CAGC
SHUT
DO
U1 MICRF007
U2 HT-12D
Code Bit 0
Code Bit 1
R1
68k
R2
1k
Figure 10. 315MHz, 1Kbps On-Off Keyed Receiver with Decoder
Bill of Materials
Item
Part Number
Manufacturer
Description
Qty.
C1
GRM21BF51A475ZA01L
Murata(7)
4.7µF Y5V
1
C2
VJ0603Y393KXXA
Vishay(1)
39nF
1
C3
GRM188R61A225XE348
Murata(7)
2.2µF X5R
1
C4
GRM1885C1H1R8CZ01B
Murata(7)
1.8pF COG ceramic capacitor
1
C5
GRM188R71E104KA01B
Murata(7)
100nF capacitor
1
C6
GRM1885C1H101JA01B
Murata(7)
100pF capacitor
1
D1
SSF-LX100LID
Lumex(2)
red LED
1
L1
0603CS-56NX-B
Coilcraft(6)
56mH wire wound, Q=38
1
R1
CRCW06036812F
Vishay(1)
68k; 1/4W; 5%
1
R2
CRCW06031001F
Vishay(1)
1k; 1/4W; 5%
1
R3
CRCW06031003F
Vishay(1)
100k
1
U1
MICRF007BM
Micrel(3)
UHF Reciever
1
U2
HT-12D
Holtek(4)
Logic decoder
1
Y1
AB-4.8970MHZ-20-D
Abracon(5)
4.8970MHz crystal
1
Notes:
1. Vishay, tel. (203) 268-6261
2. Lumex, tel. (800) 278-5666
3. Micrel Inc., tel (408) 944-0800
4. Holteck, tel (408) 894-9046
5. Abracon, tel. (949) 448-7070
6. Coilcraft, tel. (510) 814-8954
7. Murata, tel (408) 397-1284


Similar Part No. - MICRF007_04

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF007BM MICREL-MICRF007BM Datasheet
96Kb / 16P
   QwikRadio Low-Power UHF Receiver
More results

Similar Description - MICRF007_04

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF112 MICREL-MICRF112 Datasheet
527Kb / 20P
   QwikRadio짰 UHF ASK/FSK Transmitter
MICRF112YMMTR MICREL-MICRF112YMMTR Datasheet
556Kb / 20P
   QwikRadio짰 UHF ASK/FSK Transmitter
MICRF213 MICREL-MICRF213 Datasheet
974Kb / 16P
   3.3V, QwikRadio짰 315MHz Receiver
MICRF010 MICREL-MICRF010 Datasheet
364Kb / 14P
   QwikRadio Low-Power UHF Receiver
MICRF007 MICREL-MICRF007 Datasheet
96Kb / 16P
   QwikRadio Low-Power UHF Receiver
logo
Semtech Corporation
SX1239 SEMTECH-SX1239 Datasheet
884Kb / 73P
   Low Power Integrated UHF Receiver
logo
Micrel Semiconductor
MICRF009 MICREL-MICRF009 Datasheet
1Mb / 16P
   QwikRadio Low-Power UHF Receiver
logo
Microchip Technology
MRF39RA MICROCHIP-MRF39RA Datasheet
1Mb / 72P
   Low-Power, Integrated UHF Receiver
01/27/15
logo
Semtech Corporation
SX1239 SEMTECH-SX1239_11 Datasheet
899Kb / 73P
   Low Power Integrated UHF Receiver
logo
Micrel Semiconductor
MICRF112 MICREL-MICRF112_11 Datasheet
556Kb / 20P
   QwikRadio짰 UHF ASK/FSK Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com