Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MCM69F737 Datasheet(PDF) 12 Page - Motorola, Inc

Part No. MCM69F737
Description  128K x 36 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM69F737 Datasheet(HTML) 12 Page - Motorola, Inc

Back Button MCM69F737 Datasheet HTML 8Page - Motorola, Inc MCM69F737 Datasheet HTML 9Page - Motorola, Inc MCM69F737 Datasheet HTML 10Page - Motorola, Inc MCM69F737 Datasheet HTML 11Page - Motorola, Inc MCM69F737 Datasheet HTML 12Page - Motorola, Inc MCM69F737 Datasheet HTML 13Page - Motorola, Inc MCM69F737 Datasheet HTML 14Page - Motorola, Inc MCM69F737 Datasheet HTML 15Page - Motorola, Inc MCM69F737 Datasheet HTML 16Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
MCM69F737
12
MOTOROLA FAST SRAM
(a) Pull–Up for 2.5 V I/O Supply
(c) Pull–Down
VOLTAGE (V)
PULL–UP
I (mA) MIN
I (mA) MAX
– 0.5
0
0.8
1.25
1.5
2.3
2.7
2.9
– 38
– 38
– 38
– 26
– 20
0
0
0
– 105
– 105
– 105
– 83
– 70
– 30
– 10
0
VOLTAGE (V)
PULL–DOWN
I (mA) MIN
I (mA) MAX
– 0.5
0
0.4
0.8
1.25
1.6
2.8
3.2
3.4
0
0
10
20
31
40
40
40
40
0
0
20
40
63
80
80
80
80
Figure 5. Typical Output Buffer Characteristics
2.9
2.5
2.3
2.1
1.25
0.8
0
0
– 38
– 105
CURRENT (mA)
VDD
1.6
1.25
0.3
0
040
80
CURRENT (mA)
(b) Pull–Up for 3.3 V I/O Supply
VOLTAGE (V)
PULL–UP
I (mA) MIN
I (mA) MAX
– 0.5
0
1.4
1.65
2.0
3.135
3.6
– 50
– 50
– 50
– 46
– 35
0
0
– 150
– 150
– 150
– 130
– 101
– 25
0
3.135
2.8
1.65
1.4
0
0
– 50
CURRENT (mA)
3.6
– 150
– 100


Similar Part No. - MCM69F737

ManufacturerPart No.DatasheetDescription
Motorola, Inc
Motorola, Inc
MCM69F735 MOTOROLA-MCM69F735 Datasheet
181Kb / 16P
   128K x 36 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69F735ZP6 MOTOROLA-MCM69F735ZP6 Datasheet
181Kb / 16P
   128K x 36 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69F735ZP6.5 MOTOROLA-MCM69F735ZP6.5 Datasheet
181Kb / 16P
   128K x 36 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69F735ZP6.5R MOTOROLA-MCM69F735ZP6.5R Datasheet
181Kb / 16P
   128K x 36 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69F735ZP6R MOTOROLA-MCM69F735ZP6R Datasheet
181Kb / 16P
   128K x 36 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
More results

Similar Description - MCM69F737

ManufacturerPart No.DatasheetDescription
Motorola, Inc
Motorola, Inc
MCM69F735 MOTOROLA-MCM69F735 Datasheet
181Kb / 16P
   128K x 36 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69P735 MOTOROLA-MCM69P735 Datasheet
183Kb / 16P
   128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P736 MOTOROLA-MCM69P736 Datasheet
180Kb / 16P
   128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P737 MOTOROLA-MCM69P737 Datasheet
279Kb / 20P
   128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63F733A MOTOROLA-MCM63F733A Datasheet
234Kb / 16P
   128K x 32 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69L735 MOTOROLA-MCM69L735 Datasheet
182Kb / 16P
   128K x 36 Bit Data Latch BurstRAM Synchronous Fast Static RAM
MCM69F536C MOTOROLA-MCM69F536C Datasheet
209Kb / 12P
   32K x 36 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM63F737K MOTOROLA-MCM63F737K Datasheet
400Kb / 20P
   128K x 36 and 256K x 18 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
MCM63P733A MOTOROLA-MCM63P733A Datasheet
238Kb / 16P
   128K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P736 MOTOROLA-MCM63P736 Datasheet
315Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz