Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

PS9814 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. PS9814
Description  NECs 10 Mbps HIGH CMR OPEN COLLECTOR OUTPUT TYPE 8-PIN SOP HIGH-SPEED PHOTOCOUPLER
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

PS9814 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NEC's 10 Mbps HIGH CMR
OPEN COLLECTOR OUTPUT TYPE
8-PIN SOP HIGH-SPEED PHOTOCOUPLER
FEATURES
HIGH ISOLATION VOLTAGE
BV: 2500 Vr.m.s.
HIGH COMMON MODE TRANSIENT IMMUNITY
CMH, CML = ±20 kV/ µs TYP
PULSE WIDTH DISTORTION
| tPHL - tPLH | = 3 ns TYP
HIGH-SPEED
10 Mbps
OPEN COLLECTOR OUTPUT
DESCRIPTION
NEC's PS9814-1 and PS9814-2 is an optically coupled high
speed, isolator containing a GaAIAs LED on the input side
and a photodiode and a signal processing circuit on the output
side on one chip.
This is a plastic S08 type for high density applications.
PS9814-1
PS9814-2
ELECTRICAL CHARACTERISTICS (TA = -40 to +85°C, unless otherwise specified)
APPLICATIONS
MEASUREMENT EQUIPMENT
PDP
FACTORY AUTOMATION
California Eastern Laboratories
PRELIMINARY DATA SHEET
PART NUMBER
PS9814-1, PS9814-2
SYMBOLS
PARAMETERS
UNITS
MIN
TYP1
MAX
VF
Forward Voltage, IF = 10 mA
V
1.4
1.65
1.9
IR
Reverse Current, VR = 3 V
µA
10
Ct
Terminal Capacitance, V = 0, f = 1 MHz
pF
30
IOH
High Level Output Current, VF= 0.8 mA, VCC = VO = 5.5 V
µA
0.02
250
VOL
Low Level Output Voltage2, VCC = 5.5 V, IF= 5 mA, IOL = 13 mA
V
0.15
0.6
ICCH
High Level Supply Current, VCC = 5.5 V, IF= 0 mA, VO = open
(PS9814-1)
mA
3
8
ICCH
High Level Supply Current, VCC = 5.5 V, IF= 0 mA, VO = open
(PS9814-2)
mA
15
ICCL
Low Level Supply Current,VCC = 5.5 V,IF= 10 mA, VO = open
(PS9814-1)
mA
7.0
11
ICCL
Low Level Supply Current, VCC = 5.5 V,IF= 10 mA, VO = open
(PS9814-2)
mA
21
(Continued on next page)


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn