Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PS9814 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part No. PS9814
Description  NECs 10 Mbps HIGH CMR OPEN COLLECTOR OUTPUT TYPE 8-PIN SOP HIGH-SPEED PHOTOCOUPLER
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

PS9814 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
OUTLINE DIMENSIONS (Units in mm)
A Business Partner of NEC Compound Semiconductor Devices, Ltd.
10/13/2003
Life Support Applications
These NEC products are not intended for use in life support devices, appliances, or systems where the malfunction of these products can reasonably
be expected to result in personal injury. The customers of CEL using or selling these products for use in such applications do so at their own risk and
agree to fully indemnify CEL for all damages resulting from such improper use or sale.
PS9814-1, PS9814-2
Notes:
1. Operation in excess of any one of these
parameters may result in permanent damage.
2. Reduced to 0.3 mw/
ºC at TA = 25 ºC or more.
3. Applies to output pin Vo. Reduced to 1.5 mw/
ºC at
TA = 65
ºC or more.
4. AC voltage for 1 minute at TA = 25
ºC, RH = 60 %
between input and ouput.
ABSOLUTE MAXIMUM RATINGS1
(TA = 25°C, unless otherwise specified)
SYMBOLS
PARAMETERS
UNITS
RATINGS
PS9814-1,-2
Diode
IF
Forward Current (DC)2
mA
30
VR
Reverse Voltage
V
5
Detector
VCC
Supply Voltage
V
7
VO
Output Voltage
V
7
IO
Output Current
mA
25
PC
Power Dissipation3
mW
40
Coupled
BV
Isolation Voltage4
Vr.m.s.
2500
TSTG
Storage Temperature
°C
-55 to +125
TA
Operating Ambient Temperature
°C
-40 to +85
5.08±0.15
6.0±0.2
3.915±0.1
0.5±0.3
0.10
1.27
0.25
0.4 +0.10
-0.05
TOP VIEW
PS9814-1
1. NC
2. Anode
3. Cathode
4. NC
5. GND
6. VO
7. NC
8. VCC
12
3
4
87
6
5
PS9814-2
1. Anode1
2. Cathode1
3. Cathode2
4. Anode2
5. GND
6. VO2
7. VO1
8. VCC
12
3
4
87
6
5
M
S
SYMBOLS
PARAMETERS
UNITS
MIN
TYP
MAX
VFL
Forward Current
(DC)2
mA
0
0.8
IFH
Reverse Voltage
V
6.3
10
12.5
VCC
Operating Ambi-
ent Temperature
°C
4.5
5.0
5.5
N
TTL (RL = 1 k Ω,
loads)
5
RECOMMENDED OPERATING CONDITIONS
(TA = 25°C, unless otherwise specified)


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn