Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

PS9114 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. PS9114
Description  NECs HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

PS9114 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PS9114
ELECTRICAL CHARACTERISTICS (TA = 0 to +85°C, Unless otherwise specified), Continued
PART NUMBER
PS9114
SYMBOL
PARAMETERS
UNITS
MIN
TYP
MAX
| tPHL – tPLH |
Pulse Width Distortion, (PWD)3, VCC = 5 V, RL = 350 Ω, IF = 7.5 mA
ns
3
50
tPSK
Propagation Delay Skew, VCC = 5 V, RL = 350 Ω, IF = 7.5 mA
ns
60
CMH
Common Mode Transient Immunity at High Level Output4,
kV/µs10
20
VCC = 5 V, TA = 25°C, IF = 0 mA, VO (MIN) = 2 V, VCM = 1 kV
CML
Common Mode Transient Immunity at Low Level Output4,
kV/µs10
20
VCC = 5 V, TA = 25°C, IF = 7.5 mA, VO (MAX) = 0.8 V, VCM = 1 kV
Notes:
1.
Typical values at TA = 25°C.
2.
Because VOL of 2 V or more may be output when LED current input and when output supply of VCC = 2.6 V or less, it is important to confirm
the characteristics (operation with the power supply on and off) during design, before using this device..
3.
Test Circuit for Propagation delay time
4.Test Circuit for common mode transient immunity
Notes:
1. Operation in excess of any one of these parameters may result
in permanent damage.
2. Applies to output pin Vo. Reduced to 1.5 mW/°C at TA = 65°C or
more.
3. AC voltage for 1 minute at TA = 25 °C, RH = 60% between input
and output.
USAGE CAUTIONS
1. This device is ESD sensitive.
2. Bypass capacitor of more than 0.1 µF must be used between VCC
and GND within 10 mm of the device.
Pulse input (IF)
47
(PW = 1 s,
Duty cycle = 1/10)
µ
RL = 350
VO (Monitor)
VCC = 5 V
Input
(Monitor)
0.1 F
µ
CL = 15 pF
Input
Output
tPHL
tPLH
(IF = 7.5 mA)
50%
1.5 V
VOL
90%
10%
1 kV
VOH
0 V
2 V
0.8 V
VOL
VCM
tr
tf
VO
(IF = 0 mA)
VO
(IF = 7.5 mA)
RL = 350 Ω
CL = 15 pF
VO (Monitor)
VCC = 5 V
0.1 F
µ
VCM
SW
IF
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
SYMBOLS
PARAMETERS
UNITS
RATINGS
Diode
IF
Forward Current
mA
30
VR
Reverse Voltage
V
5
Detector
VCC
Supply Voltage
V
7
VO
Output Voltage
V
7
IO
Output Current
mA
25
PC
Power Dissipation2
mW
40
Coupled
BV
Isolation Voltage3
Vr.m.s.
2500
TA
Operating Temperature
°C
-40 to +85
TSTG
Storage Temperature
°C
-55 to +125
RECOMMENDED
OPERATING CONDITIONS
PART NUMBER
PS9114
SYMBOLS
PARAMETERS
UNITS MIN TYP MAX
VFL
Low Level Input Voltage
mA
0
0.8
IFH
High Level Input Current
mA
6.3
10
12.5
VCC
Supply Voltage
V
4.5
5.0
5.5
N
TTL(RL = 1kΩ loads)
5
RL
Operating Temperature
300
4 k
Remark CL includes probe and stray wiring capacitance.
PART
PACKAGE
PACKAGE
APPLIICATION
NUMBER
STYLE
PART NUMBER*
PS9114
5-pin SOP
Magazine case
PS9114
100 PCS
PS9114-F3
Embossed Tape
PS9114-F4
2500 pcs/reel
ORDERING INFORMATION
* For the application of the Safety Standard, following part number
should be used.


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn