Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

PS9114 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part No. PS9114
Description  NECs HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

PS9114 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TYPICAL PERFORMANCE CURVES (TA = 25°C)
PS9114
THRESHOLD INPUT CURRENT vs.
AMBIENT TEMPERATURE
Ambient Temperature, TA (ºC)
PROPAGATION DELAY TIME vs.
AMBIENT TEMPERATURE
Ambient Temperature, TA (ºC)
PULSE WIDTH DISTORTION
vs. AMBIENT TEMPERATURE
Ambient Temperature, TA (ºC)
PROPAGATION DELAY TIME,
MAXIMUM PROPAGATION DELAYS
vs. FORWARD CURRENT
Ambient Temperature, TA (ºC)
PROPAGATION DELAY TIME vs.
INPUT CURRENT
Input Current, IF (mA)
SWITCHING TIME vs.
AMBIENT TEMPERATURE
Ambient Temperature, TA (ºC)
VCC = 5.0 V,
VO = 0.6 V
2.5
2.0
1.5
1.0
0.5
0
-50
-25
0
25
50
75
100
1.0 k
RL = 350
4.7 k
Ω, 4.0 kΩ
100
80
60
40
20
0
-50
-25
0
25
50
75
100
IF = 7.5 mA,
VCC = 5.0 V
tPHL: RL = 350
Ω, 1.0 kΩ
tPLH: RL = 1.0 k
tPLH: RL = 350
120
100
80
60
40
20
0
-50
-25
0
25
50
75
100
IF = 7.5 mA,
VCC = 5.0 V
tPLH: RL = 4.7 k
tPHL: RL = 4.7 k
tPHL: RL = 4.0 k
tPLH: RL = 4.0 k
60
50
40
30
20
10
0
-50
-25
0
25
4.0 k
50
75
100
IF = 7.5 mA,
VCC = 5.0 V
RL = 4.7 k
RL = 350
1.0 k
-50
-25
0
25
50
75
100
IF = 7.5 mA,
VCC = 5.0 V
400
300
200
100
0
tr: RL = 4.0 k
Ω, 4.7 kΩ
tr: RL = 1.0 k
tr: RL = 350
tf: RL = 350
Ω, 1.0 kΩ,
4.0 k
Ω, 4.7 kΩ
15
13
11
9
7
5
VCC = 5.0 V,
TA = 25ºC
120
100
80
60
40
20
0
tPLH: RL = 4.0 k
tPLH: RL = 1.0 k
tPHL: RL = 350
Ω, 1.0 kΩ,
4.0 k
tPLH: RL = 350


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn