Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STS30 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # STS30
Description  Fully calibrated and linearized digital output
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

STS30 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button STS30 Datasheet HTML 3Page - List of Unclassifed Manufacturers STS30 Datasheet HTML 4Page - List of Unclassifed Manufacturers STS30 Datasheet HTML 5Page - List of Unclassifed Manufacturers STS30 Datasheet HTML 6Page - List of Unclassifed Manufacturers STS30 Datasheet HTML 7Page - List of Unclassifed Manufacturers STS30 Datasheet HTML 8Page - List of Unclassifed Manufacturers STS30 Datasheet HTML 9Page - List of Unclassifed Manufacturers STS30 Datasheet HTML 10Page - List of Unclassifed Manufacturers STS30 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
www.sensirion.com
November 2016 - Version 1
7/17
Condition
Hex. code
Repeatability
Clock
stretching
MSB
LSB
High
enabled
0x2C
06
Medium
0D
Low
10
High
disabled
0x24
00
Medium
0B
Low
16
e.g. 0x2C06: high repeatability measurement with clock
stretching enabled
Table 7 Measurement commands in single shot mode (Clear
blocks are controlled by the microcontroller, grey blocks by
the sensor)
4.4
Readout of Measurement Results for
Single Shot Mode
After the sensor has completed the measurement, the
master can read the measurement result by sending a
START condition followed by an I2C read header. The
sensor will acknowledge the reception of the read header
and send two bytes of data (temperature) followed by
one byte CRC checksum. Each byte must be
acknowledged by the microcontroller with an ACK
condition for the sensor to continue sending data. If the
sensor does not receive an ACK from the master after
any byte of data, it will not continue sending data.
After having received the checksum for the temperature
value a NACK and stop condition should be sent (see
Table 7).
The I2C master can abort the read transfer with a NACK
condition after any data byte if it is not interested in the
CRC.
No Clock Stretching
When a command without clock stretching has been
issued, the sensor responds to a read header with a not
acknowledge (NACK), if no data is present.
Clock Stretching
When a command with clock stretching has been issued,
the sensor responds to a read header with an ACK and
subsequently pulls down the SCL line. The SCL line is
pulled down until the measurement is complete. As soon
as the measurement is complete, the sensor releases
the SCL line and sends the measurement results.
4.5
Measurement Commands for Periodic
Data Acquisition Mode
In this mode one issued measurement command yields
a stream of 16 bit temperature values.
In periodic mode different measurement commands can
be selected. The corresponding 16 bit commands are
shown in Table 8. They differ with respect to repeatability
(low, medium and high) and data acquisition frequency
(0.5, 1, 2, 4 & 10 measurements per second, mps). Clock
stretching cannot be selected in this mode.
The data acquisition frequency and the repeatability
setting influences the measurement duration and the
current consumption of the sensor. This is explained in
section 2.2 of this datasheet.
If a measurement command is issued, while the sensor
is busy with a measurement (measurement durations
see Table 3), it is recommended to issue a break
command first (see section 4.7). Upon reception of the
break command the sensor will finish the ongoing
measurement and enter the single shot mode.
SCL free
SCL free
I2C Address
Temperature MSB
16-bit command
I2C write header
I2C read header
I2C Address
I2C Address
I2C read header
measurement
completed
measurement
ongoing
measurement
ongoing
measurement
ongoing
SCL pulled low
Temperature LSB
16-bit temperature value
Checksum
S
S
W
P
CRC
P
R
R
clock stretching
disabled
clock stretching
enabled
Command LSB
Command MSB
S
P


Similar Part No. - STS30

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS30N3LLH6 STMICROELECTRONICS-STS30N3LLH6 Datasheet
776Kb / 13P
   High avalanche ruggedness
July 2009 Rev 2
More results

Similar Description - STS30

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SHT30 ETC2-SHT30 Datasheet
910Kb / 20P
   Fully calibrated, linearized, and temperature compensated digital output
logo
Freescale Semiconductor...
MPXY8020A FREESCALE-MPXY8020A_03 Datasheet
284Kb / 16P
   Tire Pressure Monitoring Sensor Temperature Compensated and Calibrated, Fully Integrated Digital Output
MPXY8021A FREESCALE-MPXY8021A Datasheet
299Kb / 15P
   Tire Pressure Monitoring Sensor Temperature Compensated and Calibrated, Fully Integrated, Digital Output
MPXY8020A FREESCALE-MPXY8020A Datasheet
303Kb / 17P
   Tire Pressure Monitoring Sensor Temperature Compensated and Calibrated, Fully Integrated Digital Output
logo
Motorola, Inc
MPXY8020A MOTOROLA-MPXY8020A Datasheet
283Kb / 16P
   TIRE PRESSURE MONITORING SENSOR TEMPERATURE COMPENSATED AND CALIBRATED FULLY INTEGRATED DIGITAL OUTPUT
logo
List of Unclassifed Man...
LPG10 ETC2-LPG10 Datasheet
354Kb / 5P
   Calibrated and temperature compensated digital output
logo
Amphenol Corporation
T9602 AMPHENOL-T9602 Datasheet
295Kb / 4P
   Fully calibrated and temperature compensated
logo
List of Unclassifed Man...
SHT10 ETC2-SHT10 Datasheet
355Kb / 12P
   Fully calibrated
logo
General Semiconductor
SOP-14 GE-SOP-14 Datasheet
96Kb / 4P
   The Fully Calibrated Humidity and Temperature Solution
logo
Amphenol Corporation
CHIPCAP2 AMPHENOL-CHIPCAP2 Datasheet
222Kb / 4P
   Fully Calibrated & Temperature Compensated
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com