Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STS30 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # STS30
Description  Fully calibrated and linearized digital output
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

STS30 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  STS30 Datasheet HTML 1Page - List of Unclassifed Manufacturers STS30 Datasheet HTML 2Page - List of Unclassifed Manufacturers STS30 Datasheet HTML 3Page - List of Unclassifed Manufacturers STS30 Datasheet HTML 4Page - List of Unclassifed Manufacturers STS30 Datasheet HTML 5Page - List of Unclassifed Manufacturers STS30 Datasheet HTML 6Page - List of Unclassifed Manufacturers STS30 Datasheet HTML 7Page - List of Unclassifed Manufacturers STS30 Datasheet HTML 8Page - List of Unclassifed Manufacturers STS30 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
www.sensirion.com
November 2016 - Version 1
5/17
3 Pin Assignment
The STS3x-DIS comes in a tiny 8-pin DFN package –
see Table 5.
Pin
Name
Comments
1
SDA
Serial data; input / output
2
ADDR
Address pin; input; connect to either
logic high or low, do not leave
floating
3
ALERT
Indicates alarm condition; output;
must be left floating if unused
4
SCL
Serial clock; input / output
5
VDD
Supply voltage; input
6
nRESET
Reset pin active low; input; if not
used it is recommended to be left
floating
7
R
No electrical function; to be
connected to VSS
8
Ground
Table 5 STS3x-DIS pin assignment (transparent top view).
Dashed lines are only visible if viewed from below. The die
pad is internally connected to
.
3.1
Power Pins (VDD, VSS)
The electrical specifications of the STS3x-DIS are shown
in Table 2. The power supply pins must be decoupled
with a 100 nF capacitor that shall be placed as close to
the sensor as possible – see Figure 4 for a typical
application circuit.
3.2
Serial Clock and Serial Data (SCL, SDA)
SCL is used to synchronize the communication between
microcontroller and the sensor. The clock frequency can
be freely chosen between 0 to 1000 kHz. Commands
with clock stretching according to I2C Standard6 are
supported.
The SDA pin is used to transfer data to and from the
sensor. Communication with frequencies up to 400 kHz
must meet the I2C Fast Mode6 standard. Communication
6
http://www.nxp.com/documents/user_manual/UM10204.pdf
frequencies up to 1 MHz are supported following the
specifications given in Table 18.
Both SCL and SDA lines are open-drain I/Os with diodes
to VDD and VSS. They should be connected to external
pull-up resistors (please refer to Figure 4). A device on
the I2C bus must only drive a line to ground. The external
pull-up resistors (e.g. Rp=10 kΩ) are required to pull the
signal high. For dimensioning resistor sizes please take
bus capacity and communication frequency into account
(see for example Section 7.1 of NXPs I2C Manual for
more details6). It should be noted that pull-up resistors
may be included in I/O circuits of microcontrollers. It is
recommended to wire the sensor according to the
application circuit as shown in Figure 4.
Figure 4 Typical application circuit. Please note that the
positioning of the pins does not reflect the position on the
real sensor. This is shown in Table 5.
3.3
Die Pad (center pad)
The die pad or center pad is visible from below and
located in the center of the package. It is electrically
connected to
. Hence electrical considerations do not
impose constraints on the wiring of the die pad.
However, due to mechanical reasons it is recommended
to solder the center pad to the PCB. For more
information on design-in, please refer to the document
“SHTxx Design Guide”.
3.4
ADDR Pin
Through the appropriate wiring of the ADDR pin the I2C
address can be selected (see Table 6 for the respective
addresses). The ADDR pin can either be connected to
logic high or logic low, or it can be used as a selector pin.
This means that the address of the sensor can be
changed dynamically during operation by switching the
level on the ADDR pin. The only constraint is that the
level has to stay constant starting from the I2C start
condition until the communication is finished. This allows
to connect more than two STS3x-DIS onto the same bus.
1
2
3
4
5
8
7
6
V
DD
RR
PP
ADDR(2)
ALERT(3)
die
pad
R(7)
SDA(1)
SCL(4)
VDD(5)
VSS(8)
nRESET(6)


Similar Part No. - STS30

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS30N3LLH6 STMICROELECTRONICS-STS30N3LLH6 Datasheet
776Kb / 13P
   High avalanche ruggedness
July 2009 Rev 2
More results

Similar Description - STS30

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SHT30 ETC2-SHT30 Datasheet
910Kb / 20P
   Fully calibrated, linearized, and temperature compensated digital output
logo
Freescale Semiconductor...
MPXY8020A FREESCALE-MPXY8020A_03 Datasheet
284Kb / 16P
   Tire Pressure Monitoring Sensor Temperature Compensated and Calibrated, Fully Integrated Digital Output
MPXY8021A FREESCALE-MPXY8021A Datasheet
299Kb / 15P
   Tire Pressure Monitoring Sensor Temperature Compensated and Calibrated, Fully Integrated, Digital Output
MPXY8020A FREESCALE-MPXY8020A Datasheet
303Kb / 17P
   Tire Pressure Monitoring Sensor Temperature Compensated and Calibrated, Fully Integrated Digital Output
logo
Motorola, Inc
MPXY8020A MOTOROLA-MPXY8020A Datasheet
283Kb / 16P
   TIRE PRESSURE MONITORING SENSOR TEMPERATURE COMPENSATED AND CALIBRATED FULLY INTEGRATED DIGITAL OUTPUT
logo
List of Unclassifed Man...
LPG10 ETC2-LPG10 Datasheet
354Kb / 5P
   Calibrated and temperature compensated digital output
logo
Amphenol Corporation
T9602 AMPHENOL-T9602 Datasheet
295Kb / 4P
   Fully calibrated and temperature compensated
logo
List of Unclassifed Man...
SHT10 ETC2-SHT10 Datasheet
355Kb / 12P
   Fully calibrated
logo
General Semiconductor
SOP-14 GE-SOP-14 Datasheet
96Kb / 4P
   The Fully Calibrated Humidity and Temperature Solution
logo
Amphenol Corporation
CHIPCAP2 AMPHENOL-CHIPCAP2 Datasheet
222Kb / 4P
   Fully Calibrated & Temperature Compensated
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com