Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFM5300 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # SFM5300
Description  Ultra-fast settling time (down to 50 ms)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SFM5300 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button SFM5300 Datasheet HTML 2Page - List of Unclassifed Manufacturers SFM5300 Datasheet HTML 3Page - List of Unclassifed Manufacturers SFM5300 Datasheet HTML 4Page - List of Unclassifed Manufacturers SFM5300 Datasheet HTML 5Page - List of Unclassifed Manufacturers SFM5300 Datasheet HTML 6Page - List of Unclassifed Manufacturers SFM5300 Datasheet HTML 7Page - List of Unclassifed Manufacturers SFM5300 Datasheet HTML 8Page - List of Unclassifed Manufacturers SFM5300 Datasheet HTML 9Page - List of Unclassifed Manufacturers SFM5300 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
www.sensirion.com
October 2016 – V1
8/10
5 Supported flow units
Typical flow unit
Reference condition
Gas Temperature
Gas Pressure
mln/min (norm milliliter per minute)
0 °C / 32° F
1013 mbar / 14.69 psi
ln/min
(norm liter per minute)
sccm
(standard cubic centimeter per minute)
20 °C / 68° F
slm
(standard liter per minute)
Example: Relationship for N2 between:
ln/min (0°C, 1013 mbar)
and
slm (20°C / 68°F, 1013 mbar / 14.69)
1 ln/min
=
1.073 slm
10 ln/min
=
10.73 slm
6 Revision history
Date
Version
Page(s)
Changes
September 2016
V1
All
Table 6: Units for gas flow rates


Similar Part No. - SFM5300

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SFM53 FORMOSA-SFM53 Datasheet
59Kb / 7P
   Chip Super Fast Rectifiers
SFM53 FORMOSA-SFM53 Datasheet
59Kb / 7P
   Chip Super Fast Rectifiers
More results

Similar Description - SFM5300

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SFC5400 ETC2-SFC5400 Datasheet
630Kb / 12P
   Ultra-fast settling time (down to 50 ms)
logo
Analog Devices
FS-125 AD-FS-125_15 Datasheet
2Mb / 8P
   FAST SETTLING
logo
SYNERGY MICROWAVE CORPO...
FSFS315555-500 SYNERGY-FSFS315555-500 Datasheet
405Kb / 2P
   FAST SETTLING SYNTHESIZER
logo
Linear Technology
LTC1821 LINER-LTC1821_15 Datasheet
231Kb / 16P
   16-Bit, Ultra Precise, Fast Settling VOUT DAC
LTC1821 LINER-LTC1821 Datasheet
220Kb / 16P
   16-Bit, Ultra Precise, Fast Settling VOUT DAC
logo
Analog Devices
AD9610 AD-AD9610_15 Datasheet
567Kb / 8P
   WIDE BANDWIDTH FAST SETTLING
logo
DIYI Electronic Technol...
MUR1010 DYELEC-MUR1010 Datasheet
987Kb / 3P
   Ultra fast recovery time,high voltage
MUR1610CT DYELEC-MUR1610CT Datasheet
829Kb / 3P
   Ultra fast recovery time,high voltage
logo
Intersil Corporation
HA-2540 INTERSIL-HA-2540_03 Datasheet
548Kb / 8P
   400MHz, Fast Settling Operational Amplifier
logo
Analog Devices
HOS-050 AD-HOS-050 Datasheet
1Mb / 6P
   Fast Settling Video Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com