Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDP1000 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # SDP1000
Description  For cost sensitive HVAC and medical OEM applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SDP1000 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button SDP1000 Datasheet HTML 2Page - List of Unclassifed Manufacturers SDP1000 Datasheet HTML 3Page - List of Unclassifed Manufacturers SDP1000 Datasheet HTML 4Page - List of Unclassifed Manufacturers SDP1000 Datasheet HTML 5Page - List of Unclassifed Manufacturers SDP1000 Datasheet HTML 6Page - List of Unclassifed Manufacturers SDP1000 Datasheet HTML 7Page - List of Unclassifed Manufacturers SDP1000 Datasheet HTML 8Page - List of Unclassifed Manufacturers SDP1000 Datasheet HTML 9Page - List of Unclassifed Manufacturers SDP1000 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
www.sensirion.com
v5 February 2013
8/10
5
Ordering Information
When ordering SDP1000 / SDP2000 differential pressure sensors please refer to the following part names and article
numbers. For the latest product information and local distributor check out Sensirion’s website on
http://www.sensirion.com
Table 6: Overview ordering information
Part Name
Output
Range (Full Scale)
Article Number
SDP1000-L025
Voltage 0.2 – 4.0 V, linear
± 62 Pa
± 0.62 mbar ± 0.25 "H20 ± 0.009 PSI
1-100313-03
SDP1000-L05
Voltage 0.25 - 4.0 V, linear
125 Pa
1.25 mbar
0.5 "H20
0.018 PSI
1-100235-03
SDP1000-L
Voltage 0.25 - 4.0 V, linear
500 Pa
5 mbar
2 "H20
0.07 PSI
1-100110-03
SDP2000-L
Voltage 0.25 - 4.0 V, linear
3500 Pa
35 mbar
14 "H20
0.50 PSI
1-100113-03
SDP1000-R
Voltage 0.25 - 4.0 V, square root
500 Pa
5 mbar
2 "H20
0.07 PSI
1-100111-03
SDPx000-OEM
For high quantity OEM versions (e.g. with digital output), please contact Sensirion.
-
6
Revision history
Table 7: Revision history
Date
Version
Page(s)
Changes
November 2002
Preliminary v0.9
all
First preliminary release
January 2003
First release
all
Specifications, typos, various small modifications
December 2004
V2.6
all
Introduction type L05
Juni 2005
V2.7
all
Change of address, adjusted specifications for type L05
March 2006
V2.8
all
Introduction of Sensirion USA address, updated disclaimer
March 2006
V2.9
2,6
New Calibration temperature: 23°C. Change of barbs/ports diameter
specification
October 2006
V3.0
1,8,9
RoHS statement, Introduction of revision history in this document
May 2008
V3.1
All
RoHS statement on page 3, New disclaimer on page 10, Contact
addresses updated, Various small modifications, Inconsistency in Zero
Pressure / Full Scale Output corrected
September 2008
V4.0
2-5,8
SDP2000-R discontinued, new SDP1000-L025 implemented, power
consumption, power supply dependence and temperature dependence
changed due to new SF04 sensor chip version, article number index
counted up due to new sensor chip version. Small linguistic adaptations.
October 2011
V4.1
1
Block diagram changed
February 2013
V5
all
Updated product number. Minor updates.
Notes:


Similar Part No. - SDP1000

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SDP10N06 VBSEMI-SDP10N06 Datasheet
1Mb / 10P
   N-Channel 650V (D-S) Power MOSFET
logo
Infineon Technologies A...
SDP10S30 INFINEON-SDP10S30 Datasheet
618Kb / 9P
   Silicon Carbide Schottky Diode
2001-12-04
SDP10S30 INFINEON-SDP10S30 Datasheet
620Kb / 9P
   Silicon Carbide Schottky Diode
Rev. 1.5 2008-06-02
SDP10S30 INFINEON-SDP10S30_08 Datasheet
620Kb / 9P
   Silicon Carbide Schottky Diode
Rev. 1.5 2008-06-02
More results

Similar Description - SDP1000

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
CRIO-907X NI-CRIO-907X Datasheet
721Kb / 2P
   Lower cost systems for high-volume OEM applications
logo
E+E Elektronik Ges.m.b....
EE150 EPLUSE-EE150 Datasheet
1Mb / 8P
   Humidity and Temperature Sensor for HVAC Applications
04-2023
logo
Intronics Power, Inc.
AD2010 INTRONICS-AD2010 Datasheet
151Kb / 1P
   Low Cost 3 1/2 Digit DPM for OEM Applications
logo
Analog Devices
AD2015 AD-AD2015_15 Datasheet
929Kb / 2P
   LOW COST 3 1/2 DIGIT DPM FOR OEM APPLICATIONS
REV. A
logo
Sensirion AG Switzerlan...
SEN5X SENSIRION-SEN5X Datasheet
1Mb / 30P
   Environmental Sensor Node for HVAC and Air Quality Applications
Version 2 - D1 - March 2022
logo
Amphenol Corporation
T8700 AMPHENOL-T8700 Datasheet
118Kb / 4P
   Precision humidity and temperature transmitter for HVAC control applications
logo
E+E Elektronik Ges.m.b....
EE65 EPLUSE-EE65 Datasheet
888Kb / 2P
   Air Velocity Transmitter for HVAC Applications
logo
Fluke Corporation
116 FLUKE-116 Datasheet
771Kb / 2P
   Built in thermometer for HVAC applications
logo
E+E Elektronik Ges.m.b....
EE650 EPLUSE-EE650 Datasheet
1Mb / 9P
   Air Velocity Sensor for HVAC Applications
02-2023
logo
Hamamatsu Corporation
C9407MA HAMAMATSU-C9407MA Datasheet
219Kb / 5P
   Compact and low cost, OEM model (C9409MA)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com