Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSP32 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # DSP32
Description  Smallest size enables portable applications
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DSP32 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button DSP32 Datasheet HTML 5Page - List of Unclassifed Manufacturers DSP32 Datasheet HTML 6Page - List of Unclassifed Manufacturers DSP32 Datasheet HTML 7Page - List of Unclassifed Manufacturers DSP32 Datasheet HTML 8Page - List of Unclassifed Manufacturers DSP32 Datasheet HTML 9Page - List of Unclassifed Manufacturers DSP32 Datasheet HTML 10Page - List of Unclassifed Manufacturers DSP32 Datasheet HTML 11Page - List of Unclassifed Manufacturers DSP32 Datasheet HTML 12Page - List of Unclassifed Manufacturers DSP32 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
www.sensirion.com
Version 0.8 – January 2017
9/14
5.3.4 Read Product Identifier
During assembly and start-up of the machine it might be required to check some basic parameters in the sensor - for example
to check if the correct sensor is integrated.
The product identifier and serial number can be read out after sending a sequence of two commands.
Command
Command code
Consecutive read
Description
Read product
identifier
0x367C
0xE102
Byte1: Product number [31:24]
Byte2: Product number [23:16]
Byte3: CRC
Byte4: Product number [15:8]
Byte5: Product number [7:0]
Byte6: CRC
Byte7: Serial number [63:56]
Byte8: Serial number [55:48]
Byte9: CRC
Byte10: Serial number [47:40]
Byte11: Serial number [39:32]
Byte12: CRC
Byte13: Serial number [31:24]
Byte14: Serial number [23:16]
Byte15: CRC
Byte16: Serial number [15:8]
Byte17: Serial number [7:0]
Byte18: CRC
Note that both commands need to be preceded
with an I2C write header (I2C address + W).
The second command returns:
-
32 bit unique product and revision
number. The number is listed in the
table below.
Note that the last 8 bits are the revision
number and are subject to change as
long as the datasheet is preliminary.
-
64 bit unique serial number
Product
Product number
SDP31
0x03010188
SDP32
0x03010283
5.3.5 Soft Reset
Command
I2C address + W bit +
command code (Hex)
Consecutive
read
Description
General call
reset
0x0006
NA
This sequence resets the sensor with a separate reset block,
which is as much as possible detached from the rest of the
system on chip.
Note that the I2C address is 0x00, which is the general call
address, and that the command is 8 bit. The reset is
implemented according to the I2C specification.
After the reset command the sensor will take maximum 20ms to reset. During this time the sensor will not acknowledge its
address nor accept commands.


Similar Part No. - DSP32

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
DSP30-12 RSG-DSP30-12 Datasheet
274Kb / 3P
   7.5W to 100W Low Profile Din Rail Mount Power Supplies
DSP30-12 RSG-DSP30-12 Datasheet
462Kb / 4P
   7.5W to 100W Low Profile 7.5W to 100W Low Profile
logo
TDK Electronics
DSP30-12 TDK-DSP30-12 Datasheet
203Kb / 1P
   AC-DC Power Supplies
June 07, 2022
logo
RSG Electronic Componen...
DSP30-15 RSG-DSP30-15 Datasheet
274Kb / 3P
   7.5W to 100W Low Profile Din Rail Mount Power Supplies
DSP30-15 RSG-DSP30-15 Datasheet
462Kb / 4P
   7.5W to 100W Low Profile 7.5W to 100W Low Profile
More results

Similar Description - DSP32

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AN002 AIC-AN002 Datasheet
91Kb / 5P
   Portable Applications
logo
TT Electronics.
MFP TTELEC-MFP Datasheet
331Kb / 2P
   Smallest size for power rating
MFR4P TTELEC-MFR4P Datasheet
343Kb / 2P
   smallest size for power rating
logo
Toshiba Semiconductor
TPCP8201 TOSHIBA-TPCP8201 Datasheet
248Kb / 7P
   Portable Equipment Applications
logo
Texas Instruments
BQ26231 TI1-BQ26231_15 Datasheet
1Mb / 23P
[Old version datasheet]   EMBEDDED PORTABLE APPLICATIONS
logo
Toshiba Semiconductor
TPC6011 TOSHIBA-TPC6011 Datasheet
219Kb / 7P
   Notebook PC Applications Portable Equipment Applications
TPCP8006 TOSHIBA-TPCP8006_1 Datasheet
221Kb / 7P
   Notebook PC Applications Portable Equipment Applications
TPC6004 TOSHIBA-TPC6004_07 Datasheet
236Kb / 7P
   Notebook PC Applications Portable Equipment Applications
TPC6104 TOSHIBA-TPC6104_06 Datasheet
239Kb / 7P
   Notebook PC Applications Portable Equipment Applications
TPCF8B01 TOSHIBA-TPCF8B01_09 Datasheet
312Kb / 9P
   Notebook PC Applications Portable Equipment Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com