Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X60003DIG3Z-50T1 Datasheet(PDF) 8 Page - Intersil Corporation

Part # X60003DIG3Z-50T1
Description  Precision SOT-23 FGA™ Voltage References
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X60003DIG3Z-50T1 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button X60003DIG3Z-50T1 Datasheet HTML 4Page - Intersil Corporation X60003DIG3Z-50T1 Datasheet HTML 5Page - Intersil Corporation X60003DIG3Z-50T1 Datasheet HTML 6Page - Intersil Corporation X60003DIG3Z-50T1 Datasheet HTML 7Page - Intersil Corporation X60003DIG3Z-50T1 Datasheet HTML 8Page - Intersil Corporation X60003DIG3Z-50T1 Datasheet HTML 9Page - Intersil Corporation X60003DIG3Z-50T1 Datasheet HTML 10Page - Intersil Corporation X60003DIG3Z-50T1 Datasheet HTML 11Page - Intersil Corporation X60003DIG3Z-50T1 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
X60003
8
FN8137.5
September 1, 2015
Submit Document Feedback
FIGURE 14. TURN-ON TIME (+25°C)
FIGURE 15. ZOUT vs FREQUENCY
FIGURE 16. BAND PASS FILTER WITH ZERO AT 0.1Hz AND 2 POLES AT 10Hz
Typical Performance Curves (X60003-41)
VIN = 5.0V, IOUT = 0mA, TA = +25°C unless otherwise specified. (Continued)
TIME (ms)
0
1
2
3
4
5
6
-1
1357
9
11
VIN
VOUT
0
50
100
150
200
1
10
100
1k
10k
100k
FREQUENCY (Hz)
1nF LOAD
NO LOAD
10nF LOAD
100nF LOAD
0.1Hz TO 10Hz VOUT NOISE
10s/DIV


Similar Part No. - X60003DIG3Z-50T1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X60003DIG3Z-50T1 INTERSIL-X60003DIG3Z-50T1 Datasheet
243Kb / 14P
   Precision 5.0V SOT-23 FGA??Voltage Reference
logo
Renesas Technology Corp
X60003DIG3Z-50T1 RENESAS-X60003DIG3Z-50T1 Datasheet
918Kb / 17P
   Precision SOT-23 FGA??Voltage References
More results

Similar Description - X60003DIG3Z-50T1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X60003 RENESAS-X60003 Datasheet
918Kb / 17P
   Precision SOT-23 FGA??Voltage References
logo
Intersil Corporation
X60003B-41 INTERSIL-X60003B-41 Datasheet
233Kb / 11P
   Precision 4.096V SOT-23 FGA Voltage References
X60003B-41 INTERSIL-X60003B-41_06 Datasheet
210Kb / 11P
   Precision 4.096V SOT-23 FGA??Voltage References
X60003B-50 INTERSIL-X60003B-50_06 Datasheet
243Kb / 14P
   Precision 5.0V SOT-23 FGA??Voltage Reference
X60003B-50 INTERSIL-X60003B-50 Datasheet
261Kb / 14P
   Precision 5.0V SOT-23 FGA Voltage Reference
logo
Renesas Technology Corp
ISL21032 RENESAS-ISL21032 Datasheet
446Kb / 7P
   Precision 0.600V Low Voltage FGA??References
logo
Intersil Corporation
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
ISL60002 INTERSIL-ISL60002_07 Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com