Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X60003CIG3Z-50T1 Datasheet(PDF) 6 Page - Intersil Corporation

Part # X60003CIG3Z-50T1
Description  Precision SOT-23 FGA™ Voltage References
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X60003CIG3Z-50T1 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button X60003CIG3Z-50T1 Datasheet HTML 2Page - Intersil Corporation X60003CIG3Z-50T1 Datasheet HTML 3Page - Intersil Corporation X60003CIG3Z-50T1 Datasheet HTML 4Page - Intersil Corporation X60003CIG3Z-50T1 Datasheet HTML 5Page - Intersil Corporation X60003CIG3Z-50T1 Datasheet HTML 6Page - Intersil Corporation X60003CIG3Z-50T1 Datasheet HTML 7Page - Intersil Corporation X60003CIG3Z-50T1 Datasheet HTML 8Page - Intersil Corporation X60003CIG3Z-50T1 Datasheet HTML 9Page - Intersil Corporation X60003CIG3Z-50T1 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
X60003
6
FN8137.5
September 1, 2015
Submit Document Feedback
Typical Performance Curves (X60003-41)
VIN = 5.0V, IOUT = 0mA, TA = +25°C unless otherwise specified.
FIGURE 3. IIN vs VIN (3 UNITS)
FIGURE 4. IIN vs VIN
FIGURE 5. VOUT vs TEMPERATURE NORMALIZED TO +25°C
(3 UNITS)
FIGURE 6. LINE REGULATION (3 UNITS)
FIGURE 7. LINE REGULATION OVER-TEMPERATURE
200
300
400
500
600
700
800
4.0
5.0
6.0
7.0
8.0
9.0
VIN (V)
HIGH
TYP
LOW
VIN (V)
350
400
450
500
550
600
4.0
5.0
6.0
7.0
8.0
9.0
+85°C
+25°C
-40°C
4.0940
4.0945
4.0950
4.0955
4.0960
4.0965
4.0970
4.0975
-40
-15
10
35
60
85
TEMPERATURE (°C)
TYP
HIGH
LOW
VIN (V)
4.0955
4.0957
4.0959
4.0961
4.0963
4.0965
4.0967
4.0969
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
UNIT 2
UNIT 1
UNIT 3
VIN (V)
-100
-50
0
50
100
150
200
250
300
350
4.55.0
5.56.0
6.57.0
7.5
8.0
8.5
9.0
+85°C
+25°C
-40°C


Similar Part No. - X60003CIG3Z-50T1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X60003CIG3Z-50T1 INTERSIL-X60003CIG3Z-50T1 Datasheet
243Kb / 14P
   Precision 5.0V SOT-23 FGA??Voltage Reference
logo
Renesas Technology Corp
X60003CIG3Z-50T1 RENESAS-X60003CIG3Z-50T1 Datasheet
918Kb / 17P
   Precision SOT-23 FGA??Voltage References
More results

Similar Description - X60003CIG3Z-50T1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X60003 RENESAS-X60003 Datasheet
918Kb / 17P
   Precision SOT-23 FGA??Voltage References
logo
Intersil Corporation
X60003B-41 INTERSIL-X60003B-41 Datasheet
233Kb / 11P
   Precision 4.096V SOT-23 FGA Voltage References
X60003B-41 INTERSIL-X60003B-41_06 Datasheet
210Kb / 11P
   Precision 4.096V SOT-23 FGA??Voltage References
X60003B-50 INTERSIL-X60003B-50_06 Datasheet
243Kb / 14P
   Precision 5.0V SOT-23 FGA??Voltage Reference
X60003B-50 INTERSIL-X60003B-50 Datasheet
261Kb / 14P
   Precision 5.0V SOT-23 FGA Voltage Reference
logo
Renesas Technology Corp
ISL21032 RENESAS-ISL21032 Datasheet
446Kb / 7P
   Precision 0.600V Low Voltage FGA??References
logo
Intersil Corporation
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
ISL60002 INTERSIL-ISL60002_07 Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com