Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X4043-45 Datasheet(PDF) 17 Page - Intersil Corporation

Part # X4043-45
Description  CPU Supervisor with 4kbit EEPROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X4043-45 Datasheet(HTML) 17 Page - Intersil Corporation

Back Button X4043-45 Datasheet HTML 13Page - Intersil Corporation X4043-45 Datasheet HTML 14Page - Intersil Corporation X4043-45 Datasheet HTML 15Page - Intersil Corporation X4043-45 Datasheet HTML 16Page - Intersil Corporation X4043-45 Datasheet HTML 17Page - Intersil Corporation X4043-45 Datasheet HTML 18Page - Intersil Corporation X4043-45 Datasheet HTML 19Page - Intersil Corporation X4043-45 Datasheet HTML 20Page - Intersil Corporation X4043-45 Datasheet HTML 21Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
17
FN8118.3
December 9, 2015
CAPACITANCE (TA = 25°C, f = 1.0 MHz, VCC = 5V)
Notes: (4) This parameter is periodically sampled and not 100% tested.
EQUIVALENT A.C. LOAD CIRCUIT
A.C. TEST CONDITIONS
A.C. CHARACTERISTICS (Over recommended operating conditions, unless otherwise specified)
Notes: (5) Typical values are for TA = 25°C and VCC = 5.0V
(6) Cb = total capacitance of one bus line in pF.
Symbol
Parameter
Max.
Unit
Test Conditions
COUT(4)
Output capacitance (SDA, RESET/RESET)
8
pF
VOUT = 0V
CIN(4)
Input capacitance (SCL, WP)
6
pF
VIN = 0V
5V
4.6k
RESET
100pF
SDA
1533
100pF
5V
For VOL= 0.4V
and IOL = 3 mA
Input pulse levels
0.1 VCC to 0.9 VCC
Input rise and fall times
10ns
Input and output timing levels
0.5 VCC
Output load
Standard output load
Symbol
Parameter
100kHz
400kHz
Unit
Min.
Max.
Min.
Max.
fSCL
SCL clock frequency
0
100
0
400
kHz
tIN
Pulse width suppression time at inputs
n/a
n/a
50
ns
tAA
SCL LOW to SDA data out valid
0.1
0.9
0.1
0.9
µs
tBUF
Time the bus free before start of new transmission
4.7
1.3
µs
tLOW
Clock LOW time
4.7
1.3
µs
tHIGH
Clock HIGH time
4.0
0.6
µs
tSU:STA
Start condition setup time
4.7
0.6
µs
tHD:STA
Start condition hold time
4.0
0.6
µs
tSU:DAT
Data in setup time
250
100
ns
tHD:DAT
Data in hold time
5.0
0
µs
tSU:STO
Stop condition setup time
0.6
0.6
µs
tDH
Data output hold time
50
50
ns
tR
SDA and SCL rise time
1000
20 + .1Cb(6)
300
ns
tF
SDA and SCL fall time
300
20 + .1Cb(6)
300
ns
tSU:WP
WP setup time
0.4
0.6
s
tHD:WP
WP hold time
0
0
s
Cb
Capacitive load for each bus line
400
400
pF
X4043, X4045


Similar Part No. - X4043-45

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X4043 INTERSIL-X4043 Datasheet
373Kb / 24P
   CPU Supervisor with 4kbit EEPROM
logo
Renesas Technology Corp
X4043 RENESAS-X4043 Datasheet
908Kb / 24P
   4k, 512 x 8 Bit CPU Supervisor with 4kbit EEPROM
logo
Intersil Corporation
X40430 INTERSIL-X40430 Datasheet
381Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Xicor Inc.
X40430 XICOR-X40430 Datasheet
419Kb / 24P
   4kbit EEPROM, Triple Voltage Monitor with Integrated CPU Supervisor
logo
Intersil Corporation
X40430 INTERSIL-X40430 Datasheet
405Kb / 26P
   Triple Voltage Monitor with Integrated CPU Supervisor
More results

Similar Description - X4043-45

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X4043 INTERSIL-X4043_06 Datasheet
371Kb / 24P
   CPU Supervisor with 4kbit EEPROM
X4043 INTERSIL-X4043 Datasheet
373Kb / 24P
   CPU Supervisor with 4kbit EEPROM
logo
Renesas Technology Corp
X40430 RENESAS-X40430 Datasheet
1,014Kb / 26P
   4Kbit EEPROM Triple Voltage Monitor with Integrated CPU Supervisor
May 24, 2006
logo
Xicor Inc.
X40430 XICOR-X40430 Datasheet
419Kb / 24P
   4kbit EEPROM, Triple Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40410 RENESAS-X40410 Datasheet
914Kb / 24P
   4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
X4043 RENESAS-X4043 Datasheet
908Kb / 24P
   4k, 512 x 8 Bit CPU Supervisor with 4kbit EEPROM
logo
Intersil Corporation
X4323 INTERSIL-X4323_06 Datasheet
342Kb / 22P
   CPU Supervisor with 32k EEPROM
X4163 INTERSIL-X4163_06 Datasheet
352Kb / 22P
   CPU Supervisor with 16K EEPROM
X4163 INTERSIL-X4163 Datasheet
333Kb / 21P
   CPU Supervisor with 16K EEPROM
X4283 INTERSIL-X4283_06 Datasheet
344Kb / 22P
   CPU Supervisor with 128K EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com