Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI74LCX16374V Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI74LCX16374V
Description  Fast CMOS 3.3V 16-Bit Register (3-State)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74LCX16374V Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI74LCX16374V Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74LCX16374V Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74LCX16374V Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74LCX16374V Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74LCX16374V Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74LCX16374V Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
PS2090B
09/19/02
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI74LCX16374
3.3V 16-BIT REGISTER (3-STATE)
Switching Characteristics over Operating Range
Note:
1. Skew between any two outputs, of the same package, switching in the same direction.
This parameter is guaranteed by design.
Dynamic Switching Characteristics (TA = +25°C)
Note:
1. Measured with n–1 outputs switching from High-to-Low or Low-to-High. The remaining output is measured in the LOW state.
s
r
e
t
e
m
a
r
a
Pn
o
i
t
p
i
r
c
s
e
Ds
n
o
i
t
i
d
n
o
C
t
s
e
T
)
1
(
l
a
c
i
p
y
Ts
t
i
n
U
VOLP
e
g
a
tl
o
V
k
a
e
P
W
O
L
c
i
m
a
n
y
DVCC
C
,
V
3
.
3
=
L
F
p
0
5
=
VIH
V
,
V
3
.
3
=
IL
V
0
=
8
.
0V
VOLV
e
g
a
tl
o
V
y
e
ll
a
V
W
O
L
c
i
m
a
n
y
DVCC
C
,
V
3
.
3
=
L
F
p
0
5
=
VIH
V
,
V
3
.
3
=
IL
V
0
=
s
r
e
t
e
m
a
r
a
Pn
o
i
t
p
i
r
c
s
e
Ds
n
o
i
t
i
d
n
o
C
VCC
V
3
.
0
±
V
3
.
3
=VCC
V
7
.
2
=
s
t
i
n
U
.
n
i
M.
x
a
M.
n
i
M.
x
a
M
fMAX
y
c
n
e
u
q
e
r
F
k
c
o
l
C
m
u
m
i
x
a
MCL
F
p
0
5
=
RL
0
0
5
=
0
7
1

z
H
M
tPHL
tPLH
y
a
l
e
D
n
o
it
a
g
a
p
o
r
P
n
O
o
t
P
C
5
.
12
.
65
.
15
.
6
s
n
tPZL
tPZH
e
m
i
T
e
l
b
a
n
E
t
u
p
t
u
O5
.
11
.
65
.
13
.
6
tPLZ
tPHZ
e
m
i
T
e
l
b
a
s
i
D
t
u
p
t
u
O5
.
10
.
65
.
12
.
6
tS
e
m
i
T
p
u
t
e
S5
.
2
5
.
2
tH
e
m
i
T
d
l
o
H5
.
1
5
.
1
tW
h
t
d
i
W
e
s
l
u
P0
.
3
0
.
3
tSK(O)w
e
k
S
t
u
p
t
u
O
o
t
t
u
p
t
u
O
)
1
(
0
.
1



Similar Part No. - PI74LCX16374V

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74LCX16373 PERICOM-PI74LCX16373 Datasheet
159Kb / 6P
   Fast CMOS 3.3V 16-Bit Transparent Latch
PI74LCX16373V PERICOM-PI74LCX16373V Datasheet
159Kb / 6P
   Fast CMOS 3.3V 16-Bit Transparent Latch
More results

Similar Description - PI74LCX16374V

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT163374 PERICOM-PI74FCT163374 Datasheet
94Kb / 5P
   Fast CMOS 3.3V 16-Bit Register (3-State)
PI74LPT16374 PERICOM-PI74LPT16374 Datasheet
50Kb / 5P
   Fast CMOS 3.3V 16-Bit Register (3-State)
logo
Integrated Device Techn...
IDT74FCT163374A IDT-IDT74FCT163374A Datasheet
76Kb / 7P
   3.3V CMOS 16-BIT REGISTER (3-STATE)
logo
Renesas Technology Corp
IDT74FCT163374A RENESAS-IDT74FCT163374A Datasheet
250Kb / 8P
   3.3V CMOS 16-BIT REGISTER (3-STATE)
MAY 2018
IDT74FCT16374AT RENESAS-IDT74FCT16374AT Datasheet
259Kb / 8P
   FAST CMOS 16-BIT REGISTER (3-STATE)
MARCH 2019
logo
Integrated Device Techn...
IDT74FCT162374AT IDT-IDT74FCT162374AT Datasheet
73Kb / 7P
   FAST CMOS 16-BIT REGISTER (3-STATE)
IDT54FCT16374T IDT-IDT54FCT16374T Datasheet
126Kb / 8P
   FAST CMOS 16-BIT REGISTER (3-STATE)
logo
Renesas Technology Corp
IDT74FCT162374AT RENESAS-IDT74FCT162374AT Datasheet
239Kb / 8P
   FAST CMOS 16-BIT REGISTER (3-STATE)
SEPTEMBER 2009
logo
Integrated Device Techn...
IDT74FCT163374A IDT-IDT74FCT163374A_18 Datasheet
91Kb / 7P
   3.3V CMOS 16-BIT REGISTER
logo
NXP Semiconductors
74ALVT16652 PHILIPS-74ALVT16652 Datasheet
108Kb / 14P
   2.5V/3.3V 16-bit bus transceiver/register 3-State
1998 Feb 13
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com