Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADNS-3000 Datasheet(PDF) 1 Page - Pixart Imaging Inc.

Part # ADNS-3000
Description  Low Power Optical Mouse Sensor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-3000 Datasheet(HTML) 1 Page - Pixart Imaging Inc.

  ADNS-3000_16 Datasheet HTML 1Page - Pixart Imaging Inc. ADNS-3000_16 Datasheet HTML 2Page - Pixart Imaging Inc. ADNS-3000_16 Datasheet HTML 3Page - Pixart Imaging Inc. ADNS-3000_16 Datasheet HTML 4Page - Pixart Imaging Inc. ADNS-3000_16 Datasheet HTML 5Page - Pixart Imaging Inc. ADNS-3000_16 Datasheet HTML 6Page - Pixart Imaging Inc. ADNS-3000_16 Datasheet HTML 7Page - Pixart Imaging Inc. ADNS-3000_16 Datasheet HTML 8Page - Pixart Imaging Inc. ADNS-3000_16 Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ADNS-3000
Low Power Optical Mouse Sensor
Data Sheet
Description
The
PixArt Imaging ADNS-3000 is a low power, small
form factor optical mouse sensor. It has a new low-power
architecture and automatic power management modes,
making it ideal for battery, power-sensitive applications –
such as cordless input devices.
The ADNS-3000 is capable of high-speed motion detec-
tion – up to 30 ips and 20 g. In addition, it has an on-chip
oscillator and requires an external resistor to set the LED
current.
The ADNS-3000 along with the ADNS-5110-00
1 lens,
or ADNS-5120-002 trim lens and HSDL-4261 IR LED or
HLMP-EG3E-xxxxx Red LED
form a complete and compact mouse tracking sys
tem.
There are no moving parts and this translates to
high reliability and less maintenance for the end user.
In addition, precision optical alignment is not required,
facilitating high volume assembly.
The sensor is programmed via registers through a four-
wire serial port. It is housed in an 8-pin staggered dual
in-line package (DIP).
Features
Low Power Architecture
 Small Form Factor
 ProgrammablePeriods/ResponseTimes andDownshift
Times from one mode to another for the Power-saving
Modes
High Speed Motion Detection up to 30 ips and 20 g
External Interrupt Output for Motion Detection
Internal Oscillator – no clock input needed
Selectable Resolution of up to 2000 cpi
Operating Voltage: as low as 1.7 V
Four-wire Serial Port Interface
Applications
 Optical mice and optical trackballs
 Integrated input devices
 Battery-powered input devices
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
1


Similar Part No. - ADNS-3000_16

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-3000 AVAGO-ADNS-3000 Datasheet
305Kb / 30P
   Low Power Optical Mouse Sensor Small Form Factor Low Power Architecture
logo
Pixart Imaging Inc.
ADNS-3000 PIXART-ADNS-3000 Datasheet
639Kb / 30P
   Low Power Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-3000 AVAGO-ADNS-3000 Datasheet
58Kb / 1P
   Optical Mouse Sensor
logo
Broadcom Corporation.
ADNS-3000 BOARDCOM-ADNS-3000 Datasheet
58Kb / 1P
   Optical Mouse Sensor
More results

Similar Description - ADNS-3000_16

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
ADNS-2080 PIXART-ADNS-2080 Datasheet
1Mb / 30P
   Low Power Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5095 AVAGO-ADNS-5095 Datasheet
272Kb / 31P
   Low Power Optical Mouse Sensor
logo
Pixart Imaging Inc.
ADNS-3000 PIXART-ADNS-3000 Datasheet
639Kb / 30P
   Low Power Optical Mouse Sensor
ADNS-2080 PIXART-ADNS-2080_16 Datasheet
1,013Kb / 10P
   Low Power Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5030 AVAGO-ADNS-5030 Datasheet
411Kb / 24P
   Low Power Optical Mouse Sensor
ADNK-3040 AVAGO-ADNK-3040 Datasheet
108Kb / 1P
   Ultra Low-Power Optical Mouse Sensor
logo
Pixart Imaging Inc.
PAN3201DH PIXART-PAN3201DH Datasheet
603Kb / 25P
   LOW POWER CMOS OPTICAL MOUSE SENSOR
logo
Broadcom Corporation.
ADNK-3040 BOARDCOM-ADNK-3040 Datasheet
108Kb / 1P
   Ultra Low-Power Optical Mouse Sensor
logo
Pixart Imaging Inc.
PMW3260DB-TPOU PIXART-PMW3260DB-TPOU Datasheet
1Mb / 14P
   Ultra Low Power LED Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5020-EN AVAGO-ADNS-5020-EN Datasheet
330Kb / 24P
   Optical Mouse Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com