Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC114TEB Datasheet(PDF) 3 Page - Rohm

Part # DTC114TEB
Description  NPN 100mA 50V Digital Transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTC114TEB Datasheet(HTML) 3 Page - Rohm

  DTC114TEB Datasheet HTML 1Page - Rohm DTC114TEB Datasheet HTML 2Page - Rohm DTC114TEB Datasheet HTML 3Page - Rohm DTC114TEB Datasheet HTML 4Page - Rohm DTC114TEB Datasheet HTML 5Page - Rohm DTC114TEB Datasheet HTML 6Page - Rohm DTC114TEB Datasheet HTML 7Page - Rohm DTC114TEB Datasheet HTML 8Page - Rohm DTC114TEB Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DTC114T series
 
 
               
Datasheet
l
lElectrical characteristic curves(Ta=25
)
Fig.1 Grounded emitter propagation
characteristics
Fig.2 Typical Output Characteristics
Fig.3 DC Current Gain vs. Collector
                   Current
Fig.4 Collector-Emitter Saturation
      Voltage vs. Collector Current
                                                                                           
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
3/9
20160129 - Rev.003


Similar Part No. - DTC114TEB

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC114TEB ROHM-DTC114TEB Datasheet
62Kb / 3P
   100mA / 50V Digital transistors
DTC114TEB ROHM-DTC114TEB Datasheet
527Kb / 10P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC114TEB ROHM-DTC114TEB Datasheet
1Mb / 10P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC114TEB ROHM-DTC114TEB Datasheet
1Mb / 12P
   NPN 100mA 50V Digital Transistor (Bias Resistor Built-in Transistor)
20180419 - Rev.002
DTC114TEBTL ROHM-DTC114TEBTL Datasheet
1Mb / 10P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
More results

Similar Description - DTC114TEB

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC023J ROHM-DTC023J Datasheet
1Mb / 10P
   NPN 100mA 50V Digital Transistor
DTC043E ROHM-DTC043E Datasheet
1Mb / 10P
   NPN 100mA 50V Digital Transistor
DTC115ECA ROHM-DTC115ECA Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistor
DTC023E ROHM-DTC023E Datasheet
1Mb / 10P
   NPN 100mA 50V Digital Transistor
DTC023Y ROHM-DTC023Y Datasheet
1Mb / 10P
   NPN 100mA 50V Digital Transistor
DTC115E ROHM-DTC115E Datasheet
1Mb / 13P
   NPN 100mA 50V Digital Transistor
DTC123E ROHM-DTC123E Datasheet
1Mb / 12P
   NPN 100mA 50V Digital Transistor
DTC124GUA ROHM-DTC124GUA_16 Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistor
DTC124T ROHM-DTC124T Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistor
DTC124X ROHM-DTC124X Datasheet
1Mb / 11P
   NPN 100mA 50V Digital Transistor
DTC124EUAFRA ROHM-DTC124EUAFRA Datasheet
896Kb / 8P
   NPN 100mA 50V Digital Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com