Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC113ZKA Datasheet(PDF) 1 Page - Rohm

Part # DTC113ZKA
Description  NPN 100mA 50V Digital Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTC113ZKA Datasheet(HTML) 1 Page - Rohm

  DTC113ZKA Datasheet HTML 1Page - Rohm DTC113ZKA Datasheet HTML 2Page - Rohm DTC113ZKA Datasheet HTML 3Page - Rohm DTC113ZKA Datasheet HTML 4Page - Rohm DTC113ZKA Datasheet HTML 5Page - Rohm DTC113ZKA Datasheet HTML 6Page - Rohm DTC113ZKA Datasheet HTML 7Page - Rohm DTC113ZKA Datasheet HTML 8Page - Rohm DTC113ZKA Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DTC113Z series
NPN 100mA 50V Digital Transistor (Bias Resistor Built-in Transistor)
Datasheet
l
lOutline
Parameter
Value
SOT-323
SOT-346
VCC
50V
 
 
 
 
IC(MAX.)
100mA
R1
1kΩ
DTC113ZUA
DTC113ZKA
R2
10kΩ
(UMT3)
(SMT3)
                                           
l
lFeatures
l
lInner circuit
1) Built-In Biasing Resistors,
   R1 = 1kΩ, R2 = 10kΩ
2) Built-in bias resistors enable the configuration of
 an inverter circuit without connecting external
 input resistors (see inner circuit) .
3) Only the on/off conditions need to be set
 for operation, making the circuit design easy.
4) Complementary PNP Types: DTA113Z series
l
lApplication
INVERTER, INTERFACE, DRIVER
l
lPackaging specifications
                                           
Part No.
Package
Package
size
Taping
code
Reel size
(mm)
Tape width
(mm)
Basic
ordering
unit.(pcs)
Marking
DTC113ZUA
SOT-323
(UMT3)
2021
T106
180
8
3000
121
DTC113ZKA
SOT-346
(SMT3)
2928
T146
180
8
3000
E21
                                                                                         
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
1/6
20160210 - Rev.003


Similar Part No. - DTC113ZKA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC113ZKA ROHM-DTC113ZKA Datasheet
53Kb / 4P
   Digital transistors (built-in resistors)
logo
Jiangsu Changjiang Elec...
DTC113ZKA JIANGSU-DTC113ZKA Datasheet
123Kb / 2P
   Digital transistors (built-in resistors)
logo
SeCoS Halbleitertechnol...
DTC113ZKA SECOS-DTC113ZKA Datasheet
222Kb / 2P
   Digital Transistors NPN (Built-in Resistors)
logo
Rohm
DTC113ZKA ROHM-DTC113ZKA Datasheet
144Kb / 3P
   100mA / 50V Digital transistors (with built-in resistors)
logo
Rectron Semiconductor
DTC113ZKA RECTRON-DTC113ZKA Datasheet
353Kb / 3P
   SOT-23-3L DIGITAL TRANSISTORS TRANSISTORS(NPN)
More results

Similar Description - DTC113ZKA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC023J ROHM-DTC023J Datasheet
1Mb / 10P
   NPN 100mA 50V Digital Transistor
DTC043E ROHM-DTC043E Datasheet
1Mb / 10P
   NPN 100mA 50V Digital Transistor
DTC115ECA ROHM-DTC115ECA Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistor
DTC023E ROHM-DTC023E Datasheet
1Mb / 10P
   NPN 100mA 50V Digital Transistor
DTC023Y ROHM-DTC023Y Datasheet
1Mb / 10P
   NPN 100mA 50V Digital Transistor
DTC115E ROHM-DTC115E Datasheet
1Mb / 13P
   NPN 100mA 50V Digital Transistor
DTC123E ROHM-DTC123E Datasheet
1Mb / 12P
   NPN 100mA 50V Digital Transistor
DTC124GUA ROHM-DTC124GUA_16 Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistor
DTC124T ROHM-DTC124T Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistor
DTC124X ROHM-DTC124X Datasheet
1Mb / 11P
   NPN 100mA 50V Digital Transistor
DTC124EUAFRA ROHM-DTC124EUAFRA Datasheet
896Kb / 8P
   NPN 100mA 50V Digital Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com