Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC023JUB Datasheet(PDF) 2 Page - Rohm

Part # DTC023JUB
Description  NPN 100mA 50V Digital Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTC023JUB Datasheet(HTML) 2 Page - Rohm

  DTC023JUB Datasheet HTML 1Page - Rohm DTC023JUB Datasheet HTML 2Page - Rohm DTC023JUB Datasheet HTML 3Page - Rohm DTC023JUB Datasheet HTML 4Page - Rohm DTC023JUB Datasheet HTML 5Page - Rohm DTC023JUB Datasheet HTML 6Page - Rohm DTC023JUB Datasheet HTML 7Page - Rohm DTC023JUB Datasheet HTML 8Page - Rohm DTC023JUB Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
DTC023J series
 
               
Datasheet
l
lAbsolute maximum ratings (Ta = 25°C)
Parameter
Symbol
Values
Unit
Supply voltage
VCC
50
V
Input voltage
VIN
12 to -5
V
Output current
IO
100
mA
Collector current
IC(MAX)*1
100
mA
Power dissipation
DTC023JM
PD*2
150
mW
DTC023JEB
150
DTC023JUB
200
Junction temperature
Tj
150
Range of storage temperature
Tstg
-55 to +150
l
lElectrical characteristics (Ta = 25°C)
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Input voltage
VI(off)
VCC = 5V, IO = 100μA
-
-
0.5
V
VI(on)
VO = 0.3V, IO = 5mA
1.1
-
-
Output voltage
VO(on)
IO = 5mA, II = 0.5mA
-
50
150
mV
Input current
II
VI = 5V
-
-
3.6
mA
Output current
IO(off)
VCC = 50V, VI = 0V
-
-
500
nA
DC current gain
GI
VO = 10V, IO = 5mA
80
-
-
-
Input resistance
R1
-
1.54
2.2
2.86
Resistance ratio
R2/R1
-
17
21
26
-
Transition frequency
fT*1
VCE = 10V, IE = -5mA,
f = 100MHz
-
250
-
MHz
*1 Characteristics of built-in transistor
*2 Each terminal mounted on a reference land.
                                            
 
                                        
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
2/7
20160905 - Rev.003


Similar Part No. - DTC023JUB

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC023JUB ROHM-DTC023JUB Datasheet
294Kb / 3P
   100mA/50V Digital transistors(with built-in resistors)
More results

Similar Description - DTC023JUB

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC043E ROHM-DTC043E Datasheet
1Mb / 10P
   NPN 100mA 50V Digital Transistor
DTC115ECA ROHM-DTC115ECA Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistor
DTC023E ROHM-DTC023E Datasheet
1Mb / 10P
   NPN 100mA 50V Digital Transistor
DTC023Y ROHM-DTC023Y Datasheet
1Mb / 10P
   NPN 100mA 50V Digital Transistor
DTC115E ROHM-DTC115E Datasheet
1Mb / 13P
   NPN 100mA 50V Digital Transistor
DTC123E ROHM-DTC123E Datasheet
1Mb / 12P
   NPN 100mA 50V Digital Transistor
DTC124GUA ROHM-DTC124GUA_16 Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistor
DTC124T ROHM-DTC124T Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistor
DTC124X ROHM-DTC124X Datasheet
1Mb / 11P
   NPN 100mA 50V Digital Transistor
DTC124EUAFRA ROHM-DTC124EUAFRA Datasheet
896Kb / 8P
   NPN 100mA 50V Digital Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com