Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC014E Datasheet(PDF) 1 Page - Rohm

Part # DTC014E
Description  NPN 100mA 50V Digital Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTC014E Datasheet(HTML) 1 Page - Rohm

  DTC014E Datasheet HTML 1Page - Rohm DTC014E Datasheet HTML 2Page - Rohm DTC014E Datasheet HTML 3Page - Rohm DTC014E Datasheet HTML 4Page - Rohm DTC014E Datasheet HTML 5Page - Rohm DTC014E Datasheet HTML 6Page - Rohm DTC014E Datasheet HTML 7Page - Rohm DTC014E Datasheet HTML 8Page - Rohm DTC014E Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DTC014E series
NPN 100mA 50V Digital Transistor (Bias Resistor Built-in Transistor)
Datasheet
l
lOutline
Parameter
Value
SOT-723
SOT-416FL
VCC
50V
 
 
 
 
IC(MAX.)
100mA
R1
10kΩ
DTC014EM
DTC014EEB
R2
10kΩ
(VMT3)
(EMT3F)
SOT-323FL
                     
l
lFeatures
 
 
 
 
1) Built-In Biasing Resistors, R1 = R2 = 10kΩ
2) Built-in bias resistors enable the configuration of
 an inverter circuit without connecting external
 input resistors (see inner circuit) .
3) Only the on/off conditions need to be set
 for operation, making the circuit design easy.
4) Complementary PNP Types: DTA014E series
 
 
 
 
DTC014EUB
 
(UMT3F)
 
                     
l
lInner circuit
l
lApplication
INVERTER, INTERFACE, DRIVER
l
lPackaging specifications
                                           
Part No.
Package
Package
size
Taping
code
Reel size
(mm)
Tape width
(mm)
Basic
ordering
unit.(pcs)
Marking
DTC014EM
SOT-723
(VMT3)
1212
T2L
180
8
8000
40
DTC014EEB
SOT-416FL
(EMT3F)
1616
TL
180
8
3000
40
DTC014EUB
SOT-323FL
(UMT3F)
2021
TL
180
8
3000
40
                                                                                         
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
1/7
20160222 - Rev.003


Similar Part No. - DTC014E

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC014EEB ROHM-DTC014EEB Datasheet
293Kb / 3P
   100mA/50V Digital transistors(with built-in resistors)
DTC014EM ROHM-DTC014EM Datasheet
293Kb / 3P
   100mA/50V Digital transistors(with built-in resistors)
DTC014EUB ROHM-DTC014EUB Datasheet
293Kb / 3P
   100mA/50V Digital transistors(with built-in resistors)
More results

Similar Description - DTC014E

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC023J ROHM-DTC023J Datasheet
1Mb / 10P
   NPN 100mA 50V Digital Transistor
DTC043E ROHM-DTC043E Datasheet
1Mb / 10P
   NPN 100mA 50V Digital Transistor
DTC115ECA ROHM-DTC115ECA Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistor
DTC023E ROHM-DTC023E Datasheet
1Mb / 10P
   NPN 100mA 50V Digital Transistor
DTC023Y ROHM-DTC023Y Datasheet
1Mb / 10P
   NPN 100mA 50V Digital Transistor
DTC115E ROHM-DTC115E Datasheet
1Mb / 13P
   NPN 100mA 50V Digital Transistor
DTC123E ROHM-DTC123E Datasheet
1Mb / 12P
   NPN 100mA 50V Digital Transistor
DTC124GUA ROHM-DTC124GUA_16 Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistor
DTC124T ROHM-DTC124T Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistor
DTC124X ROHM-DTC124X Datasheet
1Mb / 11P
   NPN 100mA 50V Digital Transistor
DTC124EUAFRA ROHM-DTC124EUAFRA Datasheet
896Kb / 8P
   NPN 100mA 50V Digital Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com