Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI74AVC+16821K Datasheet(PDF) 10 Page - Pericom Semiconductor Corporation

Part # PI74AVC+16821K
Description  2.5V 20-Bit Bus Interface Flip-Flop with 3-State Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74AVC+16821K Datasheet(HTML) 10 Page - Pericom Semiconductor Corporation

Back Button PI74AVC+16821K Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74AVC+16821K Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74AVC+16821K Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74AVC+16821K Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74AVC+16821K Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74AVC+16821K Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74AVC+16821K Datasheet HTML 8Page - Pericom Semiconductor Corporation PI74AVC+16821K Datasheet HTML 9Page - Pericom Semiconductor Corporation PI74AVC+16821K Datasheet HTML 10Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
PI74AVC+16821
2.5V 20-Bit Bus Interface
Flip-Flopwith3-StateOutputs
10
PS8548
07/31/01
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Pericom Semiconductor Corporation
2380 Bering Drive • San Jose, CA 95131 • 1-800-435-2336 • Fax (408) 435-1100 • http://www.pericom.com
56-pin TSSOP (A) Package
56-pinTVSOP(K)Package
.002
.006
SEATING PLANE
.007
.011
.004
.008
1
56
.236
.244
0.50
0.17
0.27
0.05
0.15
0.09
0.20
X.XX
X.XX
DENOTES DIMENSIONS
IN MILLIMETERS
.018
.030
0.45
0.75
.047
Max.
1.20
6.0
6.2
.547
.555
13.9
14.1
.319
8.1
.0197
BSC
BSC
.047
.031
.041
SEATING
PLANE
.016
BSC
1
56
.169
.177
11.20
11.40
4.30
4.50
1.20
0.40
0.13
0.23
0.80
1.05
X.XX
X.XX
DENOTES DIMENSIONS
IN MILLIMETERS
.002
.006
0.05
0.15
.0035
.008
0.09
0.20
.018
.030
0.45
0.75
6.4
.252
BSC
.005
.009
.441
.449
Max.
OrderingInformation
a
t
a
D
g
n
i
r
e
d
r
On
o
it
p
i
r
c
s
e
D
A
1
2
8
6
1
+
C
V
A
4
7
I
P
P
O
S
S
T
ci
t
s
al
p
e
d
i
w
li
m
-
0
4
2
,
n
i
p
-
6
5
K
1
2
8
6
1
+
C
V
A
4
7
I
P
P
O
S
V
T
ci
t
s
al
p
e
d
i
w
li
m
-
3
7
1
,
n
i
p
-
6
5


Similar Part No. - PI74AVC+16821K

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74AVC+16345 PERICOM-PI74AVC+16345 Datasheet
474Kb / 10P
   2.5V, Registered 1-Bit to 4-Bit Address Driver w/3-State Outputs
PI74AVC+16345A PERICOM-PI74AVC+16345A Datasheet
474Kb / 10P
   2.5V, Registered 1-Bit to 4-Bit Address Driver w/3-State Outputs
PI74AVC+16345K PERICOM-PI74AVC+16345K Datasheet
474Kb / 10P
   2.5V, Registered 1-Bit to 4-Bit Address Driver w/3-State Outputs
More results

Similar Description - PI74AVC+16821K

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCH16821 TI-SN74ALVCH16821 Datasheet
134Kb / 10P
[Old version datasheet]   3.3-V 20-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74ALVC16821 TI1-SN74ALVC16821 Datasheet
192Kb / 11P
[Old version datasheet]   3.3-V 20-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74ALVCH16821 TI-SN74ALVCH16821_08 Datasheet
312Kb / 12P
[Old version datasheet]   3.3-V 20-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74BCT29821 TI-SN74BCT29821 Datasheet
70Kb / 5P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC823A TI-SN74LVC823A Datasheet
299Kb / 14P
[Old version datasheet]   9-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16823 PERICOM-PI74ALVCH16823 Datasheet
327Kb / 5P
   18-Bit Bus-Interface Flip-Flop with 3-State Outputs
logo
Texas Instruments
SN74ALVCH16823 TI1-SN74ALVCH16823_15 Datasheet
841Kb / 20P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74BCT29823 TI1-SN74BCT29823_11 Datasheet
204Kb / 8P
[Old version datasheet]   9-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74BCT29823 TI-SN74BCT29823 Datasheet
73Kb / 5P
[Old version datasheet]   9-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74ALVCH16823 TI-SN74ALVCH16823 Datasheet
137Kb / 10P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com