Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTB543E Datasheet(PDF) 7 Page - Rohm

Part # DTB543E
Description  500mA/-12V Low VCE(sat) Digital transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTB543E Datasheet(HTML) 7 Page - Rohm

Back Button DTB543E Datasheet HTML 2Page - Rohm DTB543E Datasheet HTML 3Page - Rohm DTB543E Datasheet HTML 4Page - Rohm DTB543E Datasheet HTML 5Page - Rohm DTB543E Datasheet HTML 6Page - Rohm DTB543E Datasheet HTML 7Page - Rohm DTB543E Datasheet HTML 8Page - Rohm DTB543E Datasheet HTML 9Page - Rohm DTB543E Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Datasheet
Datasheet
Notice-PGA-E
Rev.001
© 2015 ROHM Co., Ltd. All rights reserved.
Notice
Precaution on using ROHM Products
1.
Our Products are designed and manufactured for application in ordinary electronic equipments (such as AV equipment,
OA equipment, telecommunication equipment, home electronic appliances, amusement equipment, etc.).
If you
intend to use our Products in devices requiring extremely high reliability (such as medical equipment
(Note 1), transport
equipment, traffic equipment, aircraft/spacecraft, nuclear power controllers, fuel controllers, car equipment including car
accessories, safety devices, etc.) and whose malfunction or failure may cause loss of human life, bodily injury or
serious damage to property (“Specific Applications”), please consult with the ROHM sales representative in advance.
Unless otherwise agreed in writing by ROHM in advance, ROHM shall not be in any way responsible or liable for any
damages, expenses or losses incurred by you or third parties arising from the use of any ROHM’s Products for Specific
Applications.
(Note1) Medical Equipment Classification of the Specific Applications
JAPAN
USA
EU
CHINA
CLASSⅢ
CLASSⅢ
CLASSⅡb
CLASSⅢ
CLASSⅣ
CLASSⅢ
2.
ROHM designs and manufactures its Products subject to strict quality control system. However, semiconductor
products can fail or malfunction at a certain rate. Please be sure to implement, at your own responsibilities, adequate
safety measures including but not limited to fail-safe design against the physical injury, damage to any property, which
a failure or malfunction of our Products may cause. The following are examples of safety measures:
[a] Installation of protection circuits or other protective devices to improve system safety
[b] Installation of redundant circuits to reduce the impact of single or multiple circuit failure
3.
Our Products are designed and manufactured for use under standard conditions and not under any special or
extraordinary environments or conditions, as exemplified below. Accordingly, ROHM shall not be in any way
responsible or liable for any damages, expenses or losses arising from the use of any ROHM’s Products under any
special or extraordinary environments or conditions.
If you intend to use our Products under any special or
extraordinary environments or conditions (as exemplified below), your independent verification and confirmation of
product performance, reliability, etc, prior to use, must be necessary:
[a] Use of our Products in any types of liquid, including water, oils, chemicals, and organic solvents
[b] Use of our Products outdoors or in places where the Products are exposed to direct sunlight or dust
[c] Use of our Products in places where the Products are exposed to sea wind or corrosive gases, including Cl2,
H2S, NH3, SO2, and NO2
[d] Use of our Products in places where the Products are exposed to static electricity or electromagnetic waves
[e] Use of our Products in proximity to heat-producing components, plastic cords, or other flammable items
[f] Sealing or coating our Products with resin or other coating materials
[g] Use of our Products without cleaning residue of flux (even if you use no-clean type fluxes, cleaning residue of
flux is recommended); or Washing our Products by using water or water-soluble cleaning agents for cleaning
residue after soldering
[h] Use of the Products in places subject to dew condensation
4.
The Products are not subject to radiation-proof design.
5.
Please verify and confirm characteristics of the final or mounted products in using the Products.
6.
In particular, if a transient load (a large amount of load applied in a short period of time, such as pulse. is applied,
confirmation of performance characteristics after on-board mounting is strongly recommended. Avoid applying power
exceeding normal rated power; exceeding the power rating under steady-state loading condition may negatively affect
product performance and reliability.
7.
De-rate Power Dissipation (Pd) depending on Ambient temperature (Ta). When used in sealed area, confirm the actual
ambient temperature.
8.
Confirm that operation temperature is within the specified range described in the product specification.
9.
ROHM shall not be in any way responsible or liable for failure induced under deviant condition from what is defined in
this document.
Precaution for Mounting / Circuit board design
1.
When a highly active halogenous (chlorine, bromine, etc.) flux is used, the residue of flux may negatively affect product
performance and reliability.
2.
In principle, the reflow soldering method must be used on a surface-mount products, the flow soldering method must
be used on a through hole mount products. If the flow soldering method is preferred on a surface-mount products,
please consult with the ROHM representative in advance.
For details, please refer to ROHM Mounting specification


Similar Part No. - DTB543E

ManufacturerPart #DatasheetDescription
logo
Rohm
DTB543EE ROHM-DTB543EE Datasheet
63Kb / 2P
   -500mA / -12V Low VCE (sat) Digital transistors (with built-in resistors)
DTB543EM ROHM-DTB543EM Datasheet
63Kb / 2P
   -500mA / -12V Low VCE (sat) Digital transistors (with built-in resistors)
More results

Similar Description - DTB543E

ManufacturerPart #DatasheetDescription
logo
Rohm
DTB543Z ROHM-DTB543Z Datasheet
1Mb / 10P
   500mA/-12V Low VCE(sat)Digital transistor
DTB513Z ROHM-DTB513Z Datasheet
1Mb / 10P
   -500mA/-12V Low VCE(sat)Digital transistor
DTB543X ROHM-DTB543X Datasheet
1Mb / 10P
   500mA/-12V Low VCE(sat)Digital transistor
DTB523Y ROHM-DTB523Y Datasheet
1Mb / 10P
   500mA/-12V Low VCE(sat)Digital transistors
DTD523YE ROHM-DTD523YE Datasheet
63Kb / 2P
   500mA / 12V Low VCE (sat) Digital transistors (with built-in resistors)
DTD543XE ROHM-DTD543XE_1 Datasheet
108Kb / 3P
   500mA / 12V Low VCE (sat) Digital transistors (with built-in resistors)
DTD513ZE ROHM-DTD513ZE Datasheet
63Kb / 2P
   500mA / 12V Low VCE (sat) Digital transistors (with built-in resistors)
DTD543XE ROHM-DTD543XE Datasheet
65Kb / 2P
   500mA / 12V Low VCE (sat) Digital transistors (with built-in resistors)
DTB523YE ROHM-DTB523YE Datasheet
63Kb / 2P
   -500mA / -12V Low VCE (sat) Digital transistors (with built-in resistors)
DTB523YE ROHM-DTB523YE_10 Datasheet
163Kb / 3P
   -500mA / -12V Low VCE (sat) Digital transistors (with built-in resistors)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com