Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTB513ZE Datasheet(PDF) 2 Page - Rohm

Part # DTB513ZE
Description  -500mA/-12V Low VCE(sat)Digital transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTB513ZE Datasheet(HTML) 2 Page - Rohm

  DTB513ZE Datasheet HTML 1Page - Rohm DTB513ZE Datasheet HTML 2Page - Rohm DTB513ZE Datasheet HTML 3Page - Rohm DTB513ZE Datasheet HTML 4Page - Rohm DTB513ZE Datasheet HTML 5Page - Rohm DTB513ZE Datasheet HTML 6Page - Rohm DTB513ZE Datasheet HTML 7Page - Rohm DTB513ZE Datasheet HTML 8Page - Rohm DTB513ZE Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
DTB513Z series
 
               
Datasheet
l
lAbsolute maximum ratings (Ta = 25°C)
Parameter
Symbol
Values
Unit
Supply voltage
VCC
-12
V
Input voltage
VIN
-10 to 5
V
Collector current
IC(MAX)*1
-500
mA
Power dissipation
DTB513ZM
PD*2
150
mW
DTB513ZE
150
Junction temperature
Tj
150
Range of storage temperature
Tstg
-55 to +150
l
lElectrical characteristics (Ta = 25°C)
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Input voltage
VI(off)
VCC = -5V, IO = -100μA
-
-
-0.3
V
VI(on)
VO = -0.3V, IO = -20mA
-2.5
-
-
Output voltage
VO(on)
IO = -100mA, II = -5mA
-
-60
-300
mV
Input current
II
VI = -5V
-
-
-6.4
mA
Output current
IO(off)
VCC = -12V, VI = 0V
-
-
-500
nA
DC current gain
GI
VO = -2V, IO = -100mA
140
-
-
-
Input resistance
R1
-
0.7
1
1.3
Resistance ratio
R2/R1
-
8
10
12
-
Transition frequency
fT*1
VCE = -10V, IE = 5mA,
f = 100MHz
-
260
-
MHz
*1 Characteristics of built-in transistor
*2 Each terminal mounted on a reference land.
                                            
 
                                        
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
2/6
20151029 - Rev.002


Similar Part No. - DTB513ZE

ManufacturerPart #DatasheetDescription
logo
Rohm
DTB513ZE ROHM-DTB513ZE Datasheet
63Kb / 2P
   -500mA / -12V Low VCE (sat) Digital transistors (with built-in resistors)
More results

Similar Description - DTB513ZE

ManufacturerPart #DatasheetDescription
logo
Rohm
DTB543Z ROHM-DTB543Z Datasheet
1Mb / 10P
   500mA/-12V Low VCE(sat)Digital transistor
DTB543E ROHM-DTB543E Datasheet
1Mb / 10P
   500mA/-12V Low VCE(sat) Digital transistor
DTB543X ROHM-DTB543X Datasheet
1Mb / 10P
   500mA/-12V Low VCE(sat)Digital transistor
DTB523Y ROHM-DTB523Y Datasheet
1Mb / 10P
   500mA/-12V Low VCE(sat)Digital transistors
DTD523YE ROHM-DTD523YE Datasheet
63Kb / 2P
   500mA / 12V Low VCE (sat) Digital transistors (with built-in resistors)
DTD543XE ROHM-DTD543XE_1 Datasheet
108Kb / 3P
   500mA / 12V Low VCE (sat) Digital transistors (with built-in resistors)
DTD513ZE ROHM-DTD513ZE Datasheet
63Kb / 2P
   500mA / 12V Low VCE (sat) Digital transistors (with built-in resistors)
DTD543XE ROHM-DTD543XE Datasheet
65Kb / 2P
   500mA / 12V Low VCE (sat) Digital transistors (with built-in resistors)
DTB523YE ROHM-DTB523YE Datasheet
63Kb / 2P
   -500mA / -12V Low VCE (sat) Digital transistors (with built-in resistors)
DTB523YE ROHM-DTB523YE_10 Datasheet
163Kb / 3P
   -500mA / -12V Low VCE (sat) Digital transistors (with built-in resistors)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com