Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6C399111J Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI6C399111J
Description  3.3V High Speed LVTTL or Balanced Output Programmable Skew Clock Buffer - SuperClock
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C399111J Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PI6C399111J Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C399111J Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C399111J Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C399111J Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C399111J Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C399111J Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C399111J Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C399111J Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6C399111J Datasheet HTML 11Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6C39911
3.3V High Speed LVTTL or Balanced Output
Programmable Skew Clock Buffer - SuperClock
7
PS8497E
09/13/02
Operational Mode Descriptions
Figure 2. Zero-Skew and/or Zero-Delay Clock Driver
Figure 2 shows the SUPERCLOCK configured as a zero-skew clock
buffer. In this mode the PI6C39911 can be used as the basis for a low-
skew clock distribution tree. When all of the function select inputs
(xF0, xF1) are left open, the outputs are aligned and may each drive
a terminated transmission line to an independent load. The FB input
FB
REF
FS
4F0
4F1
3F0
3F1
2F0
2F1
1F0
1F1
TEST
4Q0
4Q1
3Q0
3Q1
2Q0
2Q1
1Q0
1Q1
System Clock
REF
LOAD
LOAD
LOAD
LOAD
L1
L2
L3
L4
Z0
Z0
Z0
Z0
LENGTH: L1 = L2 = L3 = L4
FB
REF
FS
4F0
4F1
3F0
3F1
2F0
2F1
1F0
1F1
TEST
4Q0
4Q1
3Q0
3Q1
2Q0
2Q1
1Q0
1Q1
System Clock
REF
LOAD
LOAD
LOAD
LOAD
L1
L2
L3
L4
Z0
Z0
Z0
Z0
LENGTH: L1 = L2, L3 < L2 by 6", L4 > L2 by 6"
Figure 3. Programmable Skew Clock Driver
can be tied to any output in this configuration and the operating
frequency range is selected with the FS pin. The low-skew specifi-
cation, coupled with the ability to drive terminated transmission lines
(with impedances as low as 50 ohms), allows efficient printed circuit
board design.


Similar Part No. - PI6C399111J

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C3991 PERICOM-PI6C3991 Datasheet
500Kb / 11P
   3.3V High-Speed, Low-Voltage Programmable Skew Clock Buffer SuperClock
PI6C3991-2J PERICOM-PI6C3991-2J Datasheet
500Kb / 11P
   3.3V High-Speed, Low-Voltage Programmable Skew Clock Buffer SuperClock
PI6C3991-5IJ PERICOM-PI6C3991-5IJ Datasheet
500Kb / 11P
   3.3V High-Speed, Low-Voltage Programmable Skew Clock Buffer SuperClock
PI6C3991-5J PERICOM-PI6C3991-5J Datasheet
500Kb / 11P
   3.3V High-Speed, Low-Voltage Programmable Skew Clock Buffer SuperClock
PI6C3991-IJ PERICOM-PI6C3991-IJ Datasheet
500Kb / 11P
   3.3V High-Speed, Low-Voltage Programmable Skew Clock Buffer SuperClock
More results

Similar Description - PI6C399111J

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C3991 PERICOM-PI6C3991 Datasheet
500Kb / 11P
   3.3V High-Speed, Low-Voltage Programmable Skew Clock Buffer SuperClock
logo
Exar Corporation
XRK4993 EXAR-XRK4993 Datasheet
268Kb / 13P
   3.3V PROGRAMMABLE SKEW CLOCK BUFFER
XRK4991A EXAR-XRK4991A Datasheet
373Kb / 13P
   3.3V HIGH-SPEED (85 MHZ) PROGRAMMABLE SKEW CLOCK BUFFER
logo
Cypress Semiconductor
CY7C9915 CYPRESS-CY7C9915 Datasheet
309Kb / 14P
   3.3V Programmable Skew Clock Buffer
logo
Exar Corporation
XRK49911 EXAR-XRK49911 Datasheet
262Kb / 12P
   3.3V HIGH-SPEED (110 MHZ) PROGRAMMABLE SKEW CLOCK BUFFER
XRK4991 EXAR-XRK4991 Datasheet
262Kb / 12P
   3.3V HIGH-SPEED (85 MHZ) PROGRAMMABLE SKEW CLOCK BUFFER
logo
Cypress Semiconductor
CY7C9925 CYPRESS-CY7C9925 Datasheet
277Kb / 12P
   3.3V/2.5V Programmable Skew Clock Buffer
CY7B9911V CYPRESS-CY7B9911V_11 Datasheet
419Kb / 17P
   High Speed Low Voltage Programmable Skew Clock Buffer
CY7B9911V CYPRESS-CY7B9911V_07 Datasheet
384Kb / 14P
   High Speed Low Voltage Programmable Skew Clock Buffer
CY7B991.2JC CYPRESS-CY7B991.2JC Datasheet
519Kb / 19P
   Programmable Skew Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com