Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTB114EK Datasheet(PDF) 2 Page - Rohm

Part # DTB114EK
Description  PNP -500mA -50V Digital Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTB114EK Datasheet(HTML) 2 Page - Rohm

  DTB114EK_16 Datasheet HTML 1Page - Rohm DTB114EK_16 Datasheet HTML 2Page - Rohm DTB114EK_16 Datasheet HTML 3Page - Rohm DTB114EK_16 Datasheet HTML 4Page - Rohm DTB114EK_16 Datasheet HTML 5Page - Rohm DTB114EK_16 Datasheet HTML 6Page - Rohm DTB114EK_16 Datasheet HTML 7Page - Rohm DTB114EK_16 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DTB114EK
 
               
Datasheet
l
lAbsolute maximum ratings (Ta = 25°C)
Parameter
Symbol
Values
Unit
Supply voltage
VCC
-50
V
Input voltage
VIN
-40 to 10
V
Collector current
IC(MAX)*1
-500
mA
Power dissipation
PD*2
200
mW
Junction temperature
Tj
150
Range of storage temperature
Tstg
-55 to +150
l
lElectrical characteristics (Ta = 25°C)
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Input voltage
VI(off)
VCC = -5V, IO = -100μA
-
-
-0.5
V
VI(on)
VO = -0.3V, IO = -10mA
-3.0
-
-
Output voltage
VO(on)
IO = -50mA, II = -2.5mA
-
-100
-300
mV
Input current
II
VI = -5V
-
-
-880
μA
Output current
IO(off)
VCC = -50V, VI = 0V
-
-
-500
nA
DC current gain
GI*3
VO = -5V, IO = -50mA
56
-
-
-
Input resistance
R1
-
7
10
13
Resistance ratio
R2/R1
-
0.8
1.0
1.2
-
Transition frequency
fT*1
VCE = -10V, IE = 50mA,
f = 100MHz
-
200
-
MHz
*1 Characteristics of built-in transistor
*2 Each terminal mounted on a reference land.
*3 Pulsed
                                            
 
                                        
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
2/5
20160208 - Rev.002


Similar Part No. - DTB114EK_16

ManufacturerPart #DatasheetDescription
logo
Rohm
DTB114EK ROHM-DTB114EK_12 Datasheet
363Kb / 6P
   PNP -500mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
More results

Similar Description - DTB114EK_16

ManufacturerPart #DatasheetDescription
logo
Rohm
DTB123YC ROHM-DTB123YC Datasheet
1Mb / 8P
   PNP -500mA -50V Digital transistor
DTB114EC ROHM-DTB114EC Datasheet
914Kb / 8P
   PNP -500mA -50V Digital Transistor
DTB123EK ROHM-DTB123EK_15 Datasheet
911Kb / 9P
   -500mA/-50V Digital transistor
DTB113EC ROHM-DTB113EC Datasheet
1Mb / 8P
   -500mA/-50V Digital transistor
DTB113ZK ROHM-DTB113ZK_15 Datasheet
921Kb / 9P
   500mA/-50V Digital transistor
DTD114EC ROHM-DTD114EC Datasheet
1Mb / 8P
   500mA/50V Digital transistor
DTB113EK ROHM-DTB113EK_15 Datasheet
918Kb / 9P
   -500mA/-50V Digital transistor
DTB114GK ROHM-DTB114GK_15 Datasheet
821Kb / 8P
   -500mA/-50V Digital transistor
DTD143EC ROHM-DTD143EC Datasheet
1Mb / 8P
   500mA/50V Digital transistor
DTD113ZC ROHM-DTD113ZC Datasheet
1Mb / 8P
   500mA/50V Digital transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com