Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTB113EK Datasheet(PDF) 7 Page - Rohm

Part # DTB113EK
Description  -500mA/-50V Digital transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTB113EK Datasheet(HTML) 7 Page - Rohm

  DTB113EK Datasheet HTML 1Page - Rohm DTB113EK Datasheet HTML 2Page - Rohm DTB113EK Datasheet HTML 3Page - Rohm DTB113EK Datasheet HTML 4Page - Rohm DTB113EK Datasheet HTML 5Page - Rohm DTB113EK Datasheet HTML 6Page - Rohm DTB113EK Datasheet HTML 7Page - Rohm DTB113EK Datasheet HTML 8Page - Rohm DTB113EK Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Datasheet
Datasheet
Notice-PGA-E
Rev.001
© 2015 ROHM Co., Ltd. All rights reserved.
Precautions Regarding Application Examples and External Circuits
1.
If change is made to the constant of an external circuit, please allow a sufficient margin considering variations of the
characteristics of the Products and external components, including transient characteristics, as well as static
characteristics.
2.
You agree that application notes, reference designs, and associated data and information contained in this document
are presented only as guidance for Products use.
Therefore, in case you use such information, you are solely
responsible for it and you must exercise your own independent verification and judgment in the use of such information
contained in this document.
ROHM shall not be in any way responsible or liable for any damages, expenses or losses
incurred by you or third parties arising from the use of such information.
Precaution for Electrostatic
This Product is electrostatic sensitive product, which may be damaged due to electrostatic discharge. Please take proper
caution in your manufacturing process and storage so that voltage exceeding the Products maximum rating will not be
applied to Products. Please take special care under dry condition (e.g. Grounding of human body / equipment / solder iron,
isolation from charged objects, setting of Ionizer, friction prevention and temperature / humidity control).
Precaution for Storage / Transportation
1.
Product performance and soldered connections may deteriorate if the Products are stored in the places where:
[a] the Products are exposed to sea winds or corrosive gases, including Cl2, H2S, NH3, SO2, and NO2
[b] the temperature or humidity exceeds those recommended by ROHM
[c]
the Products are exposed to direct sunshine or condensation
[d] the Products are exposed to high Electrostatic
2.
Even under ROHM recommended storage condition, solderability of products out of recommended storage time period
may be degraded. It is strongly recommended to confirm solderability before using Products of which storage time is
exceeding the recommended storage time period.
3.
Store / transport cartons in the correct direction, which is indicated on a carton with a symbol. Otherwise bent leads
may occur due to excessive stress applied when dropping of a carton.
4.
Use Products within the specified time after opening a humidity barrier bag. Baking is required before using Products of
which storage time is exceeding the recommended storage time period.
Precaution for Product Label
QR code printed on ROHM Products label is for ROHM’s internal use only.
Precaution for Disposition
When disposing Products please dispose them properly using an authorized industry waste company.
Precaution for Foreign Exchange and Foreign Trade act
Since concerned goods might be fallen under listed items of export control prescribed by Foreign exchange and Foreign
trade act, please consult with ROHM in case of export.
Precaution Regarding Intellectual Property Rights
1.
All information and data including but not limited to application example contained in this document is for reference
only. ROHM does not warrant that foregoing information or data will not infringe any intellectual property rights or any
other rights of any third party regarding such information or data.
2.
ROHM shall not have any obligations where the claims, actions or demands arising from the combination of the
Products with other articles such as components, circuits, systems or external equipment (including software).
3.
No license, expressly or implied, is granted hereby under any intellectual property rights or other rights of ROHM or any
third parties with respect to the Products or the information contained in this document. Provided, however, that ROHM
will not assert its intellectual property rights or other rights against you or your customers to the extent necessary to
manufacture or sell products containing the Products, subject to the terms and conditions herein.
Other Precaution
1.
This document may not be reprinted or reproduced, in whole or in part, without prior written consent of ROHM.
2.
The Products may not be disassembled, converted, modified, reproduced or otherwise changed without prior written
consent of ROHM.
3.
In no event shall you use in any way whatsoever the Products and the related technical information contained in the
Products or this document for any military purposes, including but not limited to, the development of mass-destruction
weapons.
4.
The proper names of companies or products described in this document are trademarks or registered trademarks of
ROHM, its affiliated companies or third parties.


Similar Part No. - DTB113EK

ManufacturerPart #DatasheetDescription
logo
Rohm
DTB113EK ROHM-DTB113EK Datasheet
66Kb / 3P
   Digital transistors (built-in resistors)
DTB113EK ROHM-DTB113EK Datasheet
142Kb / 3P
   -500mA / -50V Digital transistors (with built-in resistors)
DTB113EKFRA ROHM-DTB113EKFRA Datasheet
1Mb / 8P
   -500mA/-50V Digital transistor (with built-in resistors)
DTB113EK ROHM-DTB113EK_09 Datasheet
142Kb / 3P
   -500mA / -50V Digital transistors (with built-in resistors)
More results

Similar Description - DTB113EK

ManufacturerPart #DatasheetDescription
logo
Rohm
DTB123EK ROHM-DTB123EK_15 Datasheet
911Kb / 9P
   -500mA/-50V Digital transistor
DTB113EC ROHM-DTB113EC Datasheet
1Mb / 8P
   -500mA/-50V Digital transistor
DTB113ZK ROHM-DTB113ZK_15 Datasheet
921Kb / 9P
   500mA/-50V Digital transistor
DTD114EC ROHM-DTD114EC Datasheet
1Mb / 8P
   500mA/50V Digital transistor
DTB114GK ROHM-DTB114GK_15 Datasheet
821Kb / 8P
   -500mA/-50V Digital transistor
DTD143EC ROHM-DTD143EC Datasheet
1Mb / 8P
   500mA/50V Digital transistor
DTD113ZC ROHM-DTD113ZC Datasheet
1Mb / 8P
   500mA/50V Digital transistor
DTB143EK ROHM-DTB143EK_15 Datasheet
1Mb / 7P
   -500mA/-50V Digital transistor
DTD113ZU ROHM-DTD113ZU Datasheet
1Mb / 8P
   500mA/50V Digital transistor
DTD114EK ROHM-DTD114EK_16 Datasheet
1Mb / 8P
   500mA/50V Digital transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com